Electronic Components Datasheet Search |
|
M85049-25-131 Datasheet(PDF) 1 Page - Glenair, Inc. |
|
M85049-25-131 Datasheet(HTML) 1 Page - Glenair, Inc. |
1 / 4 page www.glenair.com E-Mail: sales@glenair.com 38-10 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2005 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 AS85049/25 and MS3437C EMI/RFI Non-Environmental Backshells CL E A Thread K Cable Range STYLE 2 E 1. For complete dimensions see applicable Military Specification. 2. Metric dimensions (mm) are indicated in parentheses. 3. When maximum cable entry is exceeded, Style 2 will be supplied. 4. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. STYLE 1 Shell Size 03 08 10 12 14 16 18 20 22 24 28 32 36 40 44 48 61 TABLE I A Thread Class 2B .562 - 24 UNEF .500 - 20 UNF .625 - 24 UNEF .750 - 20 UNEF .875 - 20 UNEF 1.000 - 20 UNEF 1.062 - 18 UNEF 1.188 - 18 UNEF 1.313 - 18 UNEF 1.438 - 18 UNEF 1.750 - 18 UNS 2.000 - 18 UNS 2.250 - 16 UN 2.500 - 16 UN 2.750 - 16 UN 3.000 - 16 UN 1.500 - 18 UNEF C Dia Max .77 (19.6) .65 (16.5) .77 (19.6) .40 (10.2) 1.02 (25.9) 1.21 (30.7) 1.23 (31.2) 1.36 (34.5) 1.48 (37.6) 1.73 (43.9) 1.97 (50.0) 2.22 (56.4) 2.47 (62.7) 2.72 (69.1) 2.97 (75.4) 3.22 (81.8) 1.67 (42.4) MS3437C 21 N Basic Part No. Dash No. (Table II) Finish A = Cadmium Olive Drab over Nickel C = Cadmium Olive Drab N = Electroless Nickel M85049/25-21 N Basic Part No. Dash No. (Table II) Finish and Material B = Black Cadmium, Stainless Steel N = Electroless Nickel, Aluminum S = Passivated Stainless Steel W = 1,000 Hour Cadmium Olive Drab Over Electroless Nickel, Aluminum Glenair Connector Designator A MIL-DTL-5015 Series 3400, MIL-DTL-26482 Series 2, AS81703 Series 3, MIL-DTL-83723 Series I & III, 40M39569, DEF 5326-3, EN 2997, EN 3646, ESC 10, ESC 11, LN 29504, NFC93422 Series HE302, PAN 6432-1, PAN 6432-2, PATT 602 Superceded Part Number |
Similar Part No. - M85049-25-131 |
|
Similar Description - M85049-25-131 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |