Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M83513-10-D01PN Datasheet(PDF) 3 Page - Glenair, Inc.

Part # M83513-10-D01PN
Description  Micro-D Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M83513-10-D01PN Datasheet(HTML) 3 Page - Glenair, Inc.

  M83513-10-D01PN Datasheet HTML 1Page - Glenair, Inc. M83513-10-D01PN Datasheet HTML 2Page - Glenair, Inc. M83513-10-D01PN Datasheet HTML 3Page - Glenair, Inc. M83513-10-D01PN Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC.
• 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
J-13
E-Mail: sales@glenair.com
J
.715 (18.16)
.250 (6.35)
.020 (0.51)
.108 (2.74)
.100 (2.54)
CL
.050 (1.27)TYP
CONNECTOR
FLANGE
.100 (2.54)
16
7
312
10
11
13
14
15
8
9
245
M83513/10 THRU /12 CONNECTOR PCB LAYOUTS – PIN CONNECTORS
9 PIN M83513/10-A
15 PIN M83513/10-B
21 PIN M83513/10-C
25 PIN M83513/10-D
31 PIN M83513/10-E
37 PIN M83513/10-F
51 PIN M83513/11-G
100 PIN M83513/12-H
.565 (14.35)
.020 (0.51)
.083 (2.11)
.100 (2.54)TYP
.100 (2.54)
.050 (1.27)TYP
CL
.250 (6.35)
CONNECTOR
FLANGE
1
67389
245
.083 (2.11)
.100 (2.54)
.050 (1.27)TYP
CL
.865 (21.97)
.250 (6.35)
.020 (0.51)
CONNECTOR
FLANGE
.100 (2.54)
1
6
7
3
12
10
11
13
15
16
18
19
20
21
14
17
8
9
2
4
5
CL
.965 (24.51)
.250 (6.35)
.020 (0.51)
CONNECTOR
FLANGE
.083 (2.11)
.100 (2.54)
.050 (1.27)TYP
.100 (2.54)
1
6
7
312
10
11
13
15
16
18
19
22
24
21
20
23
25
14
17
8
9
24
5
CL
1.265 (32.13)
.250 (6.35)
.020 (0.51)
CONNECTOR
FLANGE
.100 (2.54)
.050 (1.27)TYP
.100 (2.54)
1
6
7
3
12
10
11
13
15
16
18
19
22
24
21
20
23
25
26
27
28
29
30
31
32
36
33
37
34
35
14
17
8
9
24
5
CL
.400 (10.16)
CONNECTOR FLANGE
.100 (2.54) TYP
.275 (6.99)
.100 (2.54)
.050 (1.27)TYP
.025 (0.64)
1.800 (45.72)
1
6
7
3
12
10
11
13
15
16
18
19
22
24
21
20
23
25
26
27
28
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
97
98
99
100
87
88
89
90
91
92
93
94
95
96
29
30
31
32
36
33
37
38
45
39
46
40
47
41
48
42
49
43
50
44
51
34
35
14
17
8
9
24
5
Patterns shown are for connector mounting side of PC board. 9 Thru 51 Contacts .096 (2.44) Diameter Mounting Holes, 100 Pin .125 (3.18) Diameter
CL
1.115 (28.32)
.250 (6.35)
.020 (0.51)
CONNECTOR
FLANGE
.100 (2.54)
.050 (1.27)TYP
.100 (2.54)
1
6
7
3
12
10
11
13
15
16
18
19
22
24
21
20
23
25
26
27
28
29
30
31
14
17
8
9
2
4
5
(FRONT)
(FRONT)
.158 (4.01)
.183 (4.65)
MIL-DTL-83513/10 Thru /15 Micro-D Connectors
Right Angle PCB Connectors (CBR)
FRONT OF CONNECTOR FLANGE
CL
1.215 (30.86)
.300 (7.62)
.050
(1.27)
.108
(2.74)
.100 (2.54)
.050 (1.27)TYP
.100 (2.54)
TYP
1
6
7
312
10
11
13
15
16
18
19
22
24
21
20
23
25
26
27
28
29
30
31
32
36
33
37
38
45
39
46
40
47
41
48
42
49
43
50
44
51
34
35
14
17
8
9
24
5


Similar Part No. - M83513-10-D01PN

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M83513-16-A01CN GLENAIR-M83513-16-A01CN Datasheet
240Kb / 4P
   Micro-D Connectors
M83513-16-A01CP GLENAIR-M83513-16-A01CP Datasheet
240Kb / 4P
   Micro-D Connectors
M83513-16-A01CT GLENAIR-M83513-16-A01CT Datasheet
240Kb / 4P
   Micro-D Connectors
M83513-16-A01CW GLENAIR-M83513-16-A01CW Datasheet
240Kb / 4P
   Micro-D Connectors
M83513-16-A01NN GLENAIR-M83513-16-A01NN Datasheet
240Kb / 4P
   Micro-D Connectors
More results

Similar Description - M83513-10-D01PN

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M83513-06-A GLENAIR-M83513-06-A Datasheet
113Kb / 1P
   Micro-D Connectors
M83513-16-A01CN GLENAIR-M83513-16-A01CN Datasheet
240Kb / 4P
   Micro-D Connectors
M83513-28-A01CN GLENAIR-M83513-28-A01CN Datasheet
515Kb / 4P
   Micro-D Connectors
M83513-22-A01CN GLENAIR-M83513-22-A01CN Datasheet
202Kb / 4P
   Micro-D Connectors
M83513-08-A01 GLENAIR-M83513-08-A01 Datasheet
92Kb / 2P
   Micro-D Connectors
240-032-1-9PPA GLENAIR-240-032-1-9PPA Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-033-1-9P GLENAIR-240-033-1-9P Datasheet
380Kb / 2P
   Micro-D Filter Connectors
177-705H9SSSU GLENAIR-177-705H9SSSU Datasheet
346Kb / 3P
   Micro-D Hermetic Connectors
240-031-1-25PP GLENAIR-240-031-1-25PP Datasheet
426Kb / 4P
   Micro-D Filter Connectors
240-030 GLENAIR-240-030 Datasheet
152Kb / 2P
   Micro-D Filter Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com