Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M85049-84-12W02 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M85049-84-12W02
Description  Banding Backshells
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M85049-84-12W02 Datasheet(HTML) 1 Page - Glenair, Inc.

  M85049-84-12W02 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
44-5
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
A Thread
Typ.
C Typ.
1.35 (34.3)
Max
E Dia
Typ.
Band Term. Area
Free of Cadmium,
Knurl or Ridges
Mfr's Option
P Finish Option (Typ.)
Polysulfide Strips
AS85049/82, AS85049/83, and AS85049/84
Banding Backshells
1. For complete dimensions see applicable Military Specification.
2. Metric dimensions (mm) are indicated in parentheses.
M85049/82-16 P 02
Basic Part No.:
M85049/82 = Straight
M85049/83 = 45°
M85049/84 = 90°
Shell Size
Entry Size
Finish
N = Electroless Nickel
P = Cadmium Olive Drab over
Electroless Nickel with
Polysulfide Sealant Strips
W = 1,000 Hour Cadmium Olive
Drab Over Electroless Nickel
F
G
H
J
Glenair Connector
Designator A
MIL-DTL-5015 Series 3400,
MIL-DTL-26482 Series 2,
AS81703 Series 3,
MIL-DTL-83723 Series I &
III, 40M39569, DEF 5326-3,
EN 2997, EN 3646,
ESC 10, ESC 11, LN 29504,
NFC93422 Series HE302,
PAN 6432-1, PAN 6432-2,
PATT 602
Self Locking Coupling
Shell
Size
08
10
12
14
16
18
20
22
24
28
E Dia
Cable Entry Size 02
±.010
(.3)
N/A
N/A
.312
(7.9)
.438 (11.1)
.500 (12.7)
.625 (15.9)
.625 (15.9)
.688 (17.5)
.750 (19.1)
.875 (22.2)
E Dia
Cable Entry Size 03
±.010
(.3)
.250
(6.4)
.312
(7.9)
.438
(11.1)
.562
(14.3)
.625
(15.9)
.750
(19.1)
.812
(20.6)
.938
(23.8)
1.000
(25.4)
1.125
(28.6)
TABLE I
F
Max
.87 (22.1)
.89 (22.6)
.92 (23.4)
.94 (23.9)
.96 (24.4)
.98 (24.9)
1.00 (25.4)
1.03 (26.2)
1.05 (26.7)
1.10 (27.9)
G
Max
1.16 (29.5)
1.18 (30.0)
1.20 (30.5)
1.22 (31.0)
1.25 (31.8)
1.26 (32.0)
1.29 (32.8)
1.31 (33.3)
1.34 (34.0)
1.38 (35.1)
H
Max
1.188 (30.2)
1.281 (32.5)
1.406 (35.7)
1.531 (38.9)
1.656 (42.1)
1.718 (43.6)
1.844 (46.8)
1.938 (49.2)
2.093 (53.2)
2.531 (64.3)
J
Max
1.417 (36.0)
1.480 (37.6)
1.542 (39.2)
1.605 (40.8)
1.667 (42.3)
1.730 (43.9)
1.792 (45.5)
1.850 (47.0)
1.917 (48.7)
2.042 (51.9)
A Thread
Class 2B
.500 - 20 UNF
.625 - 24 UNEF
.750 - 20 UNEF
.875 - 20 UNEF
1.000 - 20 UNEF
1.062 - 18 UNEF
1.188 - 18 UNEF
1.313 - 18 UNEF
1.438 - 18 UNEF
1.750 - 18 UNS
C Dia
Max
.88 (22.4)
1.01 (25.7)
1.13 (28.7)
1.26 (32.0)
1.38 (35.1)
1.51 (38.4)
1.63 (41.4)
1.76 (44.7)
1.88 (47.8)
2.13 (54.1)


Similar Part No. - M85049-84-12W02

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-8-1 GLENAIR-M85049-8-1 Datasheet
101Kb / 2P
   EMI/RFI Environmental Backshell
M85049-8-10 GLENAIR-M85049-8-10 Datasheet
101Kb / 2P
   EMI/RFI Environmental Backshell
M85049-8-11 GLENAIR-M85049-8-11 Datasheet
101Kb / 2P
   EMI/RFI Environmental Backshell
M85049-8-12 GLENAIR-M85049-8-12 Datasheet
101Kb / 2P
   EMI/RFI Environmental Backshell
M85049-8-13 GLENAIR-M85049-8-13 Datasheet
101Kb / 2P
   EMI/RFI Environmental Backshell
More results

Similar Description - M85049-84-12W02

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-88-09G02 GLENAIR-M85049-88-09G02 Datasheet
88Kb / 1P
   Banding Backshells
M85049-85-08N02 GLENAIR-M85049-85-08N02 Datasheet
90Kb / 2P
   Banding Backshells
507-178E0904BH GLENAIR-507-178E0904BH Datasheet
161Kb / 2P
   Micro-D Backshells EMI, Banding, Elliptical, Split
500T010E09B04 GLENAIR-500T010E09B04 Datasheet
320Kb / 2P
   Micro-D Backshells EMI, Banding, Round Cable Entry, One Piece
507T175E0901H GLENAIR-507T175E0901H Datasheet
351Kb / 2P
   Micro-D Backshells EMI, Banding, Elliptical, One Piece 507-175
M85049-11-1 GLENAIR-M85049-11-1 Datasheet
86Kb / 4P
   Environmental Backshells
M28840-6-16WB GLENAIR-M28840-6-16WB Datasheet
76Kb / 1P
   Environmental Backshells
logo
C&K Components
MICRO-D CK-COMPONENTS-MICRO-D Datasheet
990Kb / 6P
   Lightweight backshells
logo
Glenair, Inc.
M85049-49-50-1F GLENAIR-M85049-49-50-1F Datasheet
71Kb / 1P
   Rectangular Backshells
M85049-4A1A GLENAIR-M85049-4A1A Datasheet
80Kb / 2P
   Environmental Backshells
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com