Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS3180-24NAL Datasheet(PDF) 1 Page - Glenair, Inc.

Part # MS3180-24NAL
Description  Protective Covers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MS3180-24NAL Datasheet(HTML) 1 Page - Glenair, Inc.

  MS3180-24NAL Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
66-2
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
L
MS3181 Optional
Ring Attachment
MS3180 and MS3181
Protective Covers
MS3180-12 C A L
Basic Part No.
MS3180 = Plug Cover
MS3181 = Receptacle Cover
Shell Size
Attachment Option
C = Chain
N = Chain with Ring (MS3181 Only)
R = Wire Rope
Length
L = Chain or Rope Length of 5 inches
(127.0 mm) Omit for Standard (See K in
Table)
Finish
A = Anodize
MIL-DTL-26482
H Dia
Max
.734 (18.6)
.859 (21.8)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
1.625 (41.3)
1.750 (44.5)
J
Max
.562 (14.3)
.562 (14.3)
.562 (14.3)
.562 (14.3)
.562 (14.3)
.562 (14.3)
.562 (14.3)
.562 (14.3)
.602 (15.3)
G Dia
Max
.719 (18.3)
.844 (21.4)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
1.625 (41.3)
1.750 (44.5)
Shell
Size
8
10
12
14
16
18
20
22
24
F
Max
.562 (14.3)
.562 (14.3)
.562 (14.3)
.562 (14.3)
.562 (14.3)
.562 (14.3)
.625 (15.9)
.625 (15.9)
.658 (16.7)
.167 (4.2)
Dia
Gasket
Gasket
K
G
F
J
MS3181 Receptacle Cover
MS3180 Plug Cover
K
TABLE I
.167 (4.2)
Dia
H
K Standard
Length
3.00
(76.2)
3.00
(76.2)
3.50
(88.9)
3.50
(88.9)
3.50
(88.9)
3.50
(88.9)
4.00 (101.6)
4.00 (101.6)
4.00 (101.6)
L
Min
.578 (14.7)
.703 (17.9)
.891 (22.6)
1.016 (25.8)
1.141 (29.0)
1.266 (32.2)
1.391 (35.3)
1.516 (38.5)
1.641 (41.7)
1. For complete dimensions see applicable Military Specification.
2. Metric dimensions (mm) are indicated in parentheses.
Prior Revision “D” Available
MS3180-12 C
Basic Part No.
MS3180 = Plug Cover
MS3181 = Receptacle Cover
Shell Size
Note: Finish is Cadmium Olive Drab
Attachment Option (Omit For No Attachment)
C = Chain
N = Chain with Ring (MS3181 Only)


Similar Part No. - MS3180-24NAL

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3180 AMPHENOL-MS3180 Datasheet
1Mb / 32P
   Amphenol Miniature Cylindrical MIL-DTL-26482, Series 2 Connectors
More results

Similar Description - MS3180-24NAL

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
660-006G16S5 GLENAIR-660-006G16S5 Datasheet
56Kb / 2P
   Protective Covers
660-008M20S6 GLENAIR-660-008M20S6 Datasheet
61Kb / 2P
   Protective Covers
660-014G16S5 GLENAIR-660-014G16S5 Datasheet
61Kb / 2P
   Protective Covers
660-047XO23 GLENAIR-660-047XO23 Datasheet
76Kb / 1P
   Protective Covers
660-014G16S5 GLENAIR-660-014G16S5 Datasheet
415Kb / 2P
   Protective Covers
660-049XO21R6 GLENAIR-660-049XO21R6 Datasheet
257Kb / 1P
   Protective Covers
M81511-16-08 GLENAIR-M81511-16-08 Datasheet
72Kb / 1P
   Protective Covers
M83723-59-208AC GLENAIR-M83723-59-208AC Datasheet
75Kb / 1P
   Protective Covers
290-009H10 GLENAIR-290-009H10 Datasheet
34Kb / 1P
   Protective Covers
logo
Crydom Inc.,
KS101 CRYDOM-KS101 Datasheet
632Kb / 5P
   PROTECTIVE COVERS
logo
Glenair, Inc.
M28840-13HAW GLENAIR-M28840-13HAW Datasheet
79Kb / 1P
   Protective Covers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com