Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M85049-1708W09A Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M85049-1708W09A
Description  EMI/RFI Environmental Backshell
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M85049-1708W09A Datasheet(HTML) 1 Page - Glenair, Inc.

  M85049-1708W09A Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
39-16
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
1. For complete dimensions see applicable Military Specification.
2. Metric dimensions (mm) are indicated in parentheses.
3. Cable range is defined as the accommodation range for the wire
bundle or cable. Dimensions shown are not intended for inspection
criteria.
AS85049/17
EMI/RFI Environmental Backshell
B Dia
E
Length
A Thread
F
Cable
Range
O-Ring
Shell
Size
08
10
12
14
16
18
20
22
24
TABLE II
M85049/17 10 N 03 A
Basic Part No.
Shell Size
Finish
N = Electroless Nickel
W = 1,000 Hr. Cadmium Olive Drab
Over Electroless Nickel
Length Code (Omit for
Standard)
Clamp Size
Shell Size
Series 1
Ref.
9
11
13
15
17
19
21
23
25
Max
02
03
04
05
06
07
08
09
10
Clamp Size
Min
01
01
02
02
02
03
03
03
04
Glenair Connector
Designator F
MIL-DTL-38999 Series I &
II, 40M38277, PAN 6433-1,
PATT 614, PATT 616,
NFC93422 Series HE308 &
HE309
B Dia
Max
.57 (14.5)
.70 (17.8)
.83 (21.1)
.95 (24.1)
1.08 (27.4)
1.20 (30.5)
1.33 (33.8)
1.45 (36.8)
1.58 (40.1)
Shell
Size
08
10
12
14
16
18
20
22
24
TABLE I
A Thread
Class 2B
.438 - 28 UNEF
.562 - 24 UNEF
.688 - 24 UNEF
.813 - 20 UNEF
.938 - 20 UNEF
1.063 - 18 UNEF
1.188 - 18 UNEF
1.313 - 18 UNEF
1.438 - 18 UNEF
Min
.062
(1.6)
.125
(3.2)
.250
(6.4)
.375
(9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
Clamp
Size
01
02
03
04
05
06
07
08
09
10
TABLE III
Max
.125
(3.2)
.250
(6.4)
.375
(9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
E
Max
.781 (19.8)
.969 (24.6)
1.062 (27.0)
1.156 (29.4)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
1.625 (41.3)
1.750 (44.5)
1.875 (47.6)
Cable Range
F
Max
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
1.312 (33.3)
1.375 (34.9)
1.500 (38.1)
1.625 (41.3)
1.625 (41.3)
1.625 (41.3)
Available
Shell Sizes
08 - 24
08 - 24
14 - 24
20 - 24
Length
Code
Std.
A
B
C
TABLE IV
Length
1.50
(38.1)
2.50
(63.5)
3.50
(88.9)
4.50 (114.3)


Similar Part No. - M85049-1708W09A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-1-10B GLENAIR-M85049-1-10B Datasheet
76Kb / 1P
   Strain Reliefs
M85049-1-12B GLENAIR-M85049-1-12B Datasheet
76Kb / 1P
   Strain Reliefs
M85049-1-16B GLENAIR-M85049-1-16B Datasheet
76Kb / 1P
   Strain Reliefs
M85049-1-20B GLENAIR-M85049-1-20B Datasheet
76Kb / 1P
   Strain Reliefs
M85049-1-24B GLENAIR-M85049-1-24B Datasheet
76Kb / 1P
   Strain Reliefs
More results

Similar Description - M85049-1708W09A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-78-09N01 GLENAIR-M85049-78-09N01 Datasheet
80Kb / 1P
   EMI/RFI Environmental Backshell
M85049-1809N01A GLENAIR-M85049-1809N01A Datasheet
80Kb / 1P
   EMI/RFI Environmental Backshell
logo
Amphenol Corporation
M85049-10-49W AMPHENOL-M85049-10-49W Datasheet
4Mb / 33P
   ENVIRONMENTAL EMI / RFI BACKSHELL
logo
Glenair, Inc.
M28840-916WA GLENAIR-M28840-916WA Datasheet
85Kb / 2P
   EMI/RFI Environmental Backshell
M85049-8-1 GLENAIR-M85049-8-1 Datasheet
101Kb / 2P
   EMI/RFI Environmental Backshell
M28840-616WA GLENAIR-M28840-616WA Datasheet
78Kb / 1P
   EMI/RFI Environmental Backshell
M85049-79-09N01 GLENAIR-M85049-79-09N01 Datasheet
79Kb / 1P
   EMI/RFI Environmental Backshell
M28840-816WA GLENAIR-M28840-816WA Datasheet
81Kb / 1P
   EMI/RFI Environmental Backshell
M85049-10-01 GLENAIR-M85049-10-01 Datasheet
102Kb / 4P
   EMI/RFI Environmental Backshell
M85049-76-08N01 GLENAIR-M85049-76-08N01 Datasheet
79Kb / 1P
   EMI/RFI Environmental Backshell
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com