Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M85049-57S20W Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M85049-57S20W
Description  Strain Reliefs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M85049-57S20W Datasheet(HTML) 1 Page - Glenair, Inc.

  M85049-57S20W Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
45-5
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
AS85049/56, AS85049/57, and AS85049/63
Qwik-Ty® Strain Reliefs
1. For complete dimensions see applicable Military Specification.
2. Metric dimensions (mm) are indicated in parentheses.
3. Cable entry is defined as the accomodation range for the wire bundle or cable.
Dimensions shown are not intended for inspection criteria.
A Thread
Typ.
K
Self
Lock.
MS3367-1
Tie Strap or
Equivalent
(Typical)
F
G
F
J
F
H
Self-
Locking
C
Glenair Connector
Designator F
MIL-DTL-38999 Series I &
II, 40M38277, PAN 6433-1,
PATT 614, PATT 616,
NFC93422 Series HE308 &
HE309
M85049/63 G 16 W
Basic Part No.
M85049/56 = Straight
M85049/57 = 45°
M85049/63 = 90°
Configuration
G = Self-Locking with Ground
Lug (/57 and /63 Only)
S = Self-Locking without Ground
Lug (/57 and /63 Only)
Use Dash for Non-Self Locking
Finish
A = Black Anodize
N = Electroless Nickel
W = 1,000 Hr. Cadmium Olive Drab
Over Electroless Nickel
Shell Size
* C Non-Self Locking
E Self Locking
C/E *
C/E *
Ground Lug
(G Option)
Shell
Size
8
10
12
14
16
18
20
22
24
F Max
Cable Entry
.264
(6.7)
.392 (10.0)
.506 (12.9)
.631 (16.0)
.756 (19.2)
.845 (21.5)
.970 (24.6)
1.095 (27.8)
1.220 (31.0)
TABLE I
G
Max
.895 (22.7)
.895 (22.7)
.955 (24.3)
1.135 (28.8)
1.135 (28.8)
1.195 (30.4)
1.325 (33.7)
1.445 (36.7)
1.585 (40.3)
H
Max
1.21 (30.7)
1.21 (30.7)
1.39 (35.3)
1.39 (35.3)
1.39 (35.3)
1.39 (35.3)
1.39 (35.3)
1.39 (35.3)
1.39 (35.3)
J
Max
1.22 (31.0)
1.29 (32.8)
1.62 (41.1)
1.66 (42.2)
1.72 (43.7)
1.72 (43.7)
1.79 (45.5)
1.85 (47.0)
1.91 (48.5)
Ser. 1
Shell
Size
Ref.
9
11
13
15
17
19
21
23
25
A Thread
Class 2B
.438-28 UNEF
.562-24 UNEF
.688-24 UNEF
.813-20 UNEF
.938-20 UNEF
1.063-18 UNEF
1.188-18 UNEF
1.313-18 UNEF
1.438-18 UNEF
C Dia
Max
.75 (19.1)
.85 (21.6)
1.00 (25.4)
1.10 (27.9)
1.25 (31.8)
1.40 (35.6)
1.50 (38.1)
1.65 (41.9)
1.75 (44.5)
E Dia
Max
.86 (21.8)
.98 (24.9)
1.16 (29.5)
1.28 (32.5)
1.41 (35.8)
1.52 (38.6)
1.64 (41.7)
1.77 (45.0)
1.89 (48.0)
K
Max
.63 (16.0)
.63 (16.0)
.63 (16.0)
.70 (17.8)
.70 (17.8)
.73 (18.5)
.73 (18.5)
.73 (18.5)
.73 (18.5)


Similar Part No. - M85049-57S20W

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-5A10A GLENAIR-M85049-5A10A Datasheet
80Kb / 2P
   Environmental Backshells
M85049-5A10B GLENAIR-M85049-5A10B Datasheet
80Kb / 2P
   Environmental Backshells
M85049-5A11A GLENAIR-M85049-5A11A Datasheet
80Kb / 2P
   Environmental Backshells
M85049-5A11B GLENAIR-M85049-5A11B Datasheet
80Kb / 2P
   Environmental Backshells
M85049-5A12A GLENAIR-M85049-5A12A Datasheet
80Kb / 2P
   Environmental Backshells
More results

Similar Description - M85049-57S20W

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-49-51S8A GLENAIR-M85049-49-51S8A Datasheet
31Kb / 2P
   Strain Reliefs
M85049-49-52S8A GLENAIR-M85049-49-52S8A Datasheet
80Kb / 2P
   Strain Reliefs
M85049-41-3A GLENAIR-M85049-41-3A Datasheet
74Kb / 1P
   Strain Reliefs
M83723-50R-08A GLENAIR-M83723-50R-08A Datasheet
82Kb / 1P
   Strain Reliefs
M85049-15G9N GLENAIR-M85049-15G9N Datasheet
29Kb / 1P
   Strain Reliefs
M85049-42-4DN GLENAIR-M85049-42-4DN Datasheet
75Kb / 1P
   Strain Reliefs
M85049-49-55G03A GLENAIR-M85049-49-55G03A Datasheet
32Kb / 1P
   Strain Reliefs
M85049-1-3B GLENAIR-M85049-1-3B Datasheet
76Kb / 1P
   Strain Reliefs
M85049-2-3C GLENAIR-M85049-2-3C Datasheet
77Kb / 1P
   Strain Reliefs
M85049-47-SN8 GLENAIR-M85049-47-SN8 Datasheet
93Kb / 1P
   Strain Reliefs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com