Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS27470Y11E Datasheet(PDF) 2 Page - Glenair, Inc.

Part # MS27470Y11E
Description  Jam Nut Mount Hermetic Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MS27470Y11E Datasheet(HTML) 2 Page - Glenair, Inc.

  MS27470Y11E Datasheet HTML 1Page - Glenair, Inc. MS27470Y11E Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2008 Glenair, Inc.
E-Mail: sales@glenair.com
B-9
B
MS27470
Jam Nut Mount Hermetic Receptacle
MIL-DTL-38999 Series I
TABLE I: CONNECTOR DIMENSIONS
SHELL
SIZE
A THREAD
CLASS 2A
B DIA
±.016(0.4)
C
±.016(0.4)
D FLAT
±.005(0.1)
E DIA
±.011(0.3)
F DIA
±.005(0.1)
9/09
.6875-24 UNEF
1.188(30.2)
1.062(27.0)
.65(16.5)
.602(15.3)
.648(16.5)
11
.8125-20 UNEF
1.375(34.9)
1.25(31.8)
.75(19.1)
.726(18.4)
.772(19.6)
13
1.000-20 UNEF
1.5(38.1)
1.375(34.9)
.937(23.8)
.852(21.6)
.898(22.8)
15
1.125-18 UNEF
1.625(41.3)
1.5(38.1)
1.061(26.9)
.978(24.8)
1.024(26.0)
17
1.250-18 UNEF
1.75(44.5)
1.625(41.3)
1.186(30.1)
1.102(28.0)
1.148(29.2)
19
1.375-18 UNEF
1.938(49.2)
1.812(46.0)
1.311(33.3)
1.228(31.2)
1.274(32.4)
21
1.500-18 UNEF
2.062(52.4)
1.938(49.2)
1.436(36.5)
1.352(34.3)
1.398(35.5)
23
1.625-18 UNEF
2.188(55.6)
2.062(52.4)
1.561(39.6)
1.478(37.5)
1.524(38.7)
25
1.750-18 UNS
2.312(58.7)
2.188(55.6)
1.686(42.8)
1.602(40.7)
1.648(41.9)
TABLE I (CONTINUED): CONNECTOR DIMENSIONS
SHELL
SIZE
G
±.016(0.4)
K DIA
±.005(0.1)
L MAX
M MAX
N
±.005(0.1)
9/09
.109(2.8)
.705(17.9)
1.200(30.5)
.280(7.1)
.665(16.9)
11
.109(2.8)
.827(21.0)
1.200(30.5)
.280(7.1)
.764(19.4)
13
.109(2.8)
1.012(25.7)
1.200(30.5)
.280(7.1)
.95(24.1)
15
.109(2.8)
1.139(28.9)
1.200(30.5)
.280(7.1)
1.079(27.4)
17
.109(2.8)
1.264(32.1)
1.200(30.5)
.280(7.1)
1.203(30.6)
19
.14(3.6)
1.389(35.3)
1.231(31.3)
.311(7.9)
1.328(33.7)
21
.14(3.6)
1.512(38.4)
1.231(31.3)
.311(7.9)
1.454(36.9)
23
.14(3.6)
1.639(41.6)
1.231(31.3)
.311(7.9)
1.579(40.1)
25
.14(3.6)
1.764(44.8)
1.231(31.3)
.311(7.9)
1.704(43.3)
TABLE ll: CONTACT SIZE
.050 ± .015
(1.27 ± 0.38)
SIZE 22D AND SIZE 20
SIZE 12 AND SIZE 16
PRINTED CIRCUIT TAIL CONFIGURATIONS
CONTACT STYLE C AND D
P
P
Contact
Size
ø P
22D
.011 (0.28)
.015 (0.38)
20
.024 (0.61)
.028 (0.71)
16
.0635 (1.61)
.0615 (1.56)
12
.095 (2.41)
.093 (2.36)
Connector Series
231 - Series I Type
Alternate Key Position
A, B, C, D,
(N = Normal)
Connector Material / Finish
ZL - CRES, Nickel
Z1 - CRES, Passivated
FT - Carbon Steel, Fused Tin
Shell Size
09,11,13,15,17,19,21,23,25
231 - 100 - H7
Z1
11 - 35
P
N
Shell Style
H7 - Hermetic Jam Nut Mount
Connector Type
100 - Hermetic
Receptacle
Contact Termination
P - Pin, Solder Cup
X - Pin, Eyelet
C - Pin, PCB
S - Socket, Solder Cup
Z - Socket, Eyelet
D - Socket, PCB
How To Order: Commercial
Insert Arrangement
Per MIL-STD-1560;
See Pages B-2 - B-4


Similar Part No. - MS27470Y11E

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS27470 GLENAIR-MS27470 Datasheet
59Kb / 1P
   Military Standard Connector Index
MS27470 GLENAIR-MS27470 Datasheet
192Kb / 1P
   Jam Nut Mount Hermetic Receptacle
More results

Similar Description - MS27470Y11E

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-015Z1-106P GLENAIR-230-015Z1-106P Datasheet
305Kb / 2P
   Hermetic Receptacle, Jam Nut Mount
233-100-H7 GLENAIR-233-100-H7 Datasheet
149Kb / 1P
   Jam Nut Mount Hermetic Receptacle
MS27477 GLENAIR-MS27477 Datasheet
188Kb / 1P
   Jam Nut Mount Hermetic Receptacle
257-255 GLENAIR-257-255_15 Datasheet
288Kb / 2P
   Jam Nut Mount Hermetic Receptacle
D38999-23 GLENAIR-D38999-23 Datasheet
203Kb / 1P
   Jam Nut Mount Hermetic Receptacle
257-255 GLENAIR-257-255 Datasheet
397Kb / 2P
   Jam Nut Mount Hermetic Receptacle
MS27477Y8D GLENAIR-MS27477Y8D Datasheet
446Kb / 2P
   Jam Nut Mount Hermetic Receptacle
D38999-43 GLENAIR-D38999-43 Datasheet
213Kb / 1P
   Jam Nut Mount Hermetic Receptacle
MS27470 GLENAIR-MS27470 Datasheet
192Kb / 1P
   Jam Nut Mount Hermetic Receptacle
231-100-H7 GLENAIR-231-100-H7 Datasheet
252Kb / 1P
   Jam Nut Mount Hermetic Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com