Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MWDM2L-GP-4K Datasheet(PDF) 1 Page - Glenair, Inc.

Part # MWDM2L-GP-4K
Description  Micro-D Metal Shell MWDM Back-To-Back Unshielded Cable Assemblies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MWDM2L-GP-4K Datasheet(HTML) 1 Page - Glenair, Inc.

  MWDM2L-GP-4K Datasheet HTML 1Page - Glenair, Inc. MWDM2L-GP-4K Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2006 Glenair, Inc. Rev. 8-06
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
B-6
E-Mail: sales@glenair.com
A
B
HoW to oRDER BACk-to-BACk uNsHIELDED CABLEs
series
shell Material
and Finish
Insulator
Material
Contact
Layout
Connect or
type
Wire
Gage
(AWG)
Wire type
Wire Color
total
Length
Inches Hardware
MWDM Aluminum shell
1 – Cadmium
2 – Nickel
4 – BlackAnodize
5 – Gold
6 – Chem Film
stainless steel
shell
3 – Passivated
L – LCP
30% Glass-
Filled Liquid
Crystal
Polymer
9
15
21
25
31
37
51
51-2
67
69
100
GP Pin (Plug)
Connector
Both Ends
Gs Socket
(Receptacle)
Connector
Both Ends
Cs Pin Connector
to Socket
Connector
4 #24
6 #26
8 #28
0 #30
k M22759/11
600 Vrms Teflon
(TFE)
J M22759/33
600 Vrms
Modified Cross-
Linked Tefzel®
(ETFE)
E NEMA HP3-EB
600 VrmsType
E M16878/4
(TFE) (replaced
by M22759/11
for mil spec
applications)
1 White
2 Yellow
7 Ten Color
Repeating
5 Color-Coded
Stripes Per
MIL-STD-681
(Striped wire not
available on 67,
69 or 100 pin
connectors or for
#28, #30 AWG)
18
Total
Length In
Inches.
“18”
Specifies
18 Inches
(2” Min.)
B
P
M
M1
s
s1
L
k
Sample Part Number
MWDM
1
L –
25
GP –
6
k
7 –
18
B
Micro-D Metal shell
MWDM Back-to-Back unshielded Cable Assemblies
Save Time and Money With Back-To-Back Cables
These Micro-D connectors feature crimp wire terminations
and epoxy encapsulation. The installed cost is lower than
terminating solder cup connectors.
100% Certified– all back-to-back assemblies are 100%
checked for continuity, resistance, voltage and insulation
resistance.
Hardware Note– if jackposts are required on one end and
jackscrews on the other, use hardware designator “B” (no
hardware installed), and order hardware kits separately.
MICRo-D MouNtING HARDWARE
B
P
M
M1
s
s1
L
k
thru-Hole
Order Hardware
Separately
Jackpost
Removable
Includes Nut and
Washer
Jackscrew
Hex Head
Removable
E-ring
Jackscrew
Hex Head
Removable
E-ring
Extended
Jackscrew
Slot Head
Removable
E-ring
Jackscrew
Slot Head
Removable
E-ring
Extended
Jackscrew
Hex Head
Non- Removable
Jackscrew
Slot Head
Non-
Removable
Extended


Similar Part No. - MWDM2L-GP-4K

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWDM2L-100NSB GLENAIR-MWDM2L-100NSB Datasheet
159Kb / 2P
   Micro-D Metal Shell MWDM Solder Cup Connectors
MWDM2L-100NSF GLENAIR-MWDM2L-100NSF Datasheet
159Kb / 2P
   Micro-D Metal Shell MWDM Solder Cup Connectors
MWDM2L-100NSK GLENAIR-MWDM2L-100NSK Datasheet
159Kb / 2P
   Micro-D Metal Shell MWDM Solder Cup Connectors
MWDM2L-100NSL GLENAIR-MWDM2L-100NSL Datasheet
159Kb / 2P
   Micro-D Metal Shell MWDM Solder Cup Connectors
MWDM2L-100NSM GLENAIR-MWDM2L-100NSM Datasheet
159Kb / 2P
   Micro-D Metal Shell MWDM Solder Cup Connectors
More results

Similar Description - MWDM2L-GP-4K

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWDM2L-15P-4K5-12P GLENAIR-MWDM2L-15P-4K5-12P Datasheet
525Kb / 2P
   Micro-D MWDM Insulated Wire Metal Shell Connectors
MWDM1L-9P-S GLENAIR-MWDM1L-9P-S Datasheet
169Kb / 2P
   Micro-D Metal Shell MWDM Solder Cup Connectors
MWDM1L-9P-4C3 GLENAIR-MWDM1L-9P-4C3 Datasheet
163Kb / 2P
   Micro-D Metal Shell MWDM Uninsulated Wire Pigtails
MWDM1L-100N-S GLENAIR-MWDM1L-100N-S Datasheet
159Kb / 2P
   Micro-D Metal Shell MWDM Solder Cup Connectors
MWDM1L-9P-4K GLENAIR-MWDM1L-9P-4K Datasheet
183Kb / 2P
   Micro-D Metal Shell MWDM Pre-Wired with Insulated Wire
logo
STMicroelectronics
MSS40 STMICROELECTRONICS-MSS40 Datasheet
150Kb / 5P
   BACK TO BACK SCR MODULE
SS-401 STMICROELECTRONICS-SS-401 Datasheet
119Kb / 7P
   Back to back SCR module
logo
Comset Semiconductor
MSS40 COMSET-MSS40 Datasheet
126Kb / 4P
   BACK TO BACK SCR MODULE
logo
Nell Semiconductor Co.,...
NST70KQ NELLSEMI-NST70KQ Datasheet
688Kb / 5P
   Back to Back SCR Module
logo
Kersemi Electronic Co.,...
MSS40-800 KERSEMI-MSS40-800 Datasheet
459Kb / 5P
   BACK TO BACK SCR MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com