Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1633 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG1633
Description  4.5RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1633 Datasheet(HTML) 3 Page - Analog Devices

  ADG1633 Datasheet HTML 1Page - Analog Devices ADG1633 Datasheet HTML 2Page - Analog Devices ADG1633 Datasheet HTML 3Page - Analog Devices ADG1633 Datasheet HTML 4Page - Analog Devices ADG1633 Datasheet HTML 5Page - Analog Devices ADG1633 Datasheet HTML 6Page - Analog Devices ADG1633 Datasheet HTML 7Page - Analog Devices ADG1633 Datasheet HTML 8Page - Analog Devices ADG1633 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADG1633/ADG1634
Rev. 0 | Page 3 of 20
SPECIFICATIONS
±5 V DUAL SUPPLY
VDD = +5 V ± 10%, VSS = −5 V ± 10%, GND = 0 V, unless otherwise noted.
Table 1.
Parameter
25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VDD to VSS
V
On Resistance (RON)
4.5
Ω typ
VS = ±4.5 V, IS = −10 mA; see Figure 26
5
7
8
Ω max
VDD = ±4.5 V, VSS = ±4.5 V
On-Resistance Match Between Channels (∆RON)
0.12
Ω typ
VS = ±4.5 V, IS = −10 mA
0.25
0.3
0.35
Ω max
On-Resistance Flatness (RFLAT(ON))
1
Ω typ
VS = ±4.5 V, IS = −10 mA
1.3
1.7
2
Ω max
LEAKAGE CURRENTS
VDD = +5.5 V, VSS = −5.5 V
Source Off Leakage, IS (Off )
±0.01
nA typ
VS = ±4.5 V, VD =
∓4.5 V; see Figure 27
±0.1
±1.5
±12
nA max
Drain Off Leakage, ID (Off )
±0.02
nA typ
VS = ±4.5V, VD =
∓4.5 V; see Figure 27
±0.15
±2
±20
nA max
Channel On Leakage, ID, IS (On)
±0.02
nA typ
VS = VD = ±4.5 V; see Figure 28
±0.15
±2
±20
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
±1
nA typ
VIN = VGND or VDD
±0.1
μA max
Digital Input Capacitance, CIN
8
pF typ
DYNAMIC CHARACTERISTICS1
Transition Time, tTRANSITION
161
ns typ
RL = 300 Ω, CL = 35 pF
200
236
264
ns max
VS = 2.5 V; see Figure 29
tON (EN)
61
ns typ
RL = 300 Ω, CL = 35 pF
79
88
98
ns max
VS = 2.5 V; see Figure 31
tOFF (EN)
162
ns typ
RL = 300 Ω, CL = 35 pF
199
232
259
ns max
VS = 2.5 V; see Figure 31
Break-Before-Make Time Delay, tD
44
ns typ
RL = 300 Ω, CL = 35 pF
30
ns min
VS1 = VS2 = 2.5 V; see Figure 30
Charge Injection
−12.5
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF; see Figure 32
Off Isolation
−64
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 33
Channel-to-Channel Crosstalk
−64
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 35
Total Harmonic Distortion + Noise (THD + N)
0.3
% typ
RL = 110 Ω, VS = 5 V p-p, f = 20 Hz to
20 kHz; see Figure 36
−3 dB Bandwidth
103
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 34
CS (Off )
19
pF typ
VS = 0 V, f = 1 MHz
CD (Off )
33
pF typ
VS = 0 V, f = 1 MHz
CD, CS (On)
57
pF typ
VS = 0 V, f = 1 MHz
POWER REQUIREMENTS
VDD = +5.5 V, VSS = −5.5 V
IDD
0.001
μA typ
Digital inputs = 0 V or VDD
1.0
μA max
VDD/VSS
±3.3/±8
V min/max
1 Guaranteed by design, but not subject to production test.


Similar Part No. - ADG1633

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1634L AD-ADG1634L Datasheet
873Kb / 22P
   4.7 廓 RON, Quad SPDT Switch with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1634LYCPZ-REEL7 AD-ADG1634LYCPZ-REEL7 Datasheet
873Kb / 22P
   4.7 廓 RON, Quad SPDT Switch with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1636 AD-ADG1636 Datasheet
526Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
REV. A
ADG1636BCPZ-REEL AD-ADG1636BCPZ-REEL Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
ADG1636BCPZ-REEL7 AD-ADG1636BCPZ-REEL7 Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
More results

Similar Description - ADG1633

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1608 AD-ADG1608 Datasheet
526Kb / 20P
   4.5 廓 RON, 4-/8-Channel 짹5 V,12 V, 5 V, and 3.3 V Multiplexers
REV. 0
ADG1606 AD-ADG1606 Datasheet
522Kb / 24P
   4.5 廓 RON, 16-Channel, Differential 8-Channel, 짹5 V,12 V,5 V, and 3.3 V Multiplexers
REV. 0
ADG1636 AD-ADG1636 Datasheet
526Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
REV. A
ADG1611 AD-ADG1611 Datasheet
436Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
REV. B
ADG1433 AD-ADG1433 Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADGS1612 AD-ADGS1612 Datasheet
380Kb / 29P
   SPI Interface, 1 廓 RON, 짹5 V, 12 V, 5 V, 3.3 V, Mux Configurable, Quad SPST Switch
ADG619 AD-ADG619_07 Datasheet
365Kb / 16P
   CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
   9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG633 AD-ADG633_09 Datasheet
384Kb / 16P
   CMOS, 짹5 V/5 V/3 V, Triple SPDT Switch
REV. A
ADG1604 AD-ADG1604 Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com