Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16400 Datasheet(PDF) 8 Page - Analog Devices

Part # ADIS16400
Description  Triaxial Inertial Sensor with Magnetometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16400 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADIS16400 Datasheet HTML 4Page - Analog Devices ADIS16400 Datasheet HTML 5Page - Analog Devices ADIS16400 Datasheet HTML 6Page - Analog Devices ADIS16400 Datasheet HTML 7Page - Analog Devices ADIS16400 Datasheet HTML 8Page - Analog Devices ADIS16400 Datasheet HTML 9Page - Analog Devices ADIS16400 Datasheet HTML 10Page - Analog Devices ADIS16400 Datasheet HTML 11Page - Analog Devices ADIS16400 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADIS16400/ADIS16405
Rev. B | Page 8 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. THIS VIEW REPRESENTS THE TOP VIEW OF THE MATING CONNECTOR.
2. WHEN CONNECTED TO THE ADIS16400/ADIS16405, THE PINS ARE
NOT VISIBLE.
3. MATING CONNECTOR: SAMTEC CLM-112-02 OR EQUIVALENT.
4. DNC = DO NOT CONNECT.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
ADIS16400/ADIS16405
TOP VIEW
(Not to Scale)
Figure 5. Pin Configuration
Y-AXIS
X-AXIS
Z-AXIS
gY
mY
gX
mX
gZ
mZ
ORIGIN ALIGNMENT REFERENCE POINT
SEE MSC_CTRL[6].
NOTES
1.
aX, aY, aZ, ARROWS INDICATE THE DIRECTION OF ACCELERATION THAT
PRODUCES A POSITIVE OUTPUT.
2.
gX, gY, gZ, ARROWS INDICATE THE DIRECTION OF ROTATION THAT
PRODUCES A POSITIVE OUTPUT.
3.
mX, mY, mZ, ARROWS INDICATE THE DIRECTION OF MAGNETIC FIELD THAT
PRODUCES A POSITIVE OUTPUT.
PIN 23
PIN 1
aY
aX
aZ
Figure 6. Axial Orientation
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
DIO3
I/O
Configurable Digital Input/Output.
2
DIO4/CLKIN
I/O
Configurable Digital Input/Output or Sync Clock Input.
16, 17, 18, 19, 22, 23, 24
DNC
N/A
Do Not Connect.
3
SCLK
I
SPI Serial Clock.
4
DOUT
O
SPI Data Output. Clocks output on SCLK falling edge.
5
DIN
I
SPI Data Input. Clocks input on SCLK rising edge.
6
CS
I
SPI Chip Select.
7
DIO1
I/O
Configurable Digital Input/Output.
8
RST
I
Reset.
9
DIO2
I/O
Configurable Digital Input/Output.
10, 11, 12
VCC
S
Power Supply.
13, 14, 15
GND
S
Power Ground.
20
AUX_DAC
O
Auxiliary, 12-Bit DAC Output.
21
AUX_ADC
I
Auxiliary, 12-Bit ADC Input.
1 S is supply, O is output, I is input, N/A is not applicable.


Similar Part No. - ADIS16400

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16400BMLZ AD-ADIS16400BMLZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16400

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA26XXNKW FREESCALE-MMA26XXNKW Datasheet
414Kb / 44P
   DSI Inertial Sensor
MMA16XXKW FREESCALE-MMA16XXKW Datasheet
423Kb / 45P
   DSI Inertial Sensor
logo
STMicroelectronics
LSM9DS0 STMICROELECTRONICS-LSM9DS0 Datasheet
1Mb / 74P
   iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
LSM9DS1 STMICROELECTRONICS-LSM9DS1 Datasheet
1Mb / 72P
   iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
March 2015 Rev 3
logo
Freescale Semiconductor...
MMA16XXNKW FREESCALE-MMA16XXNKW Datasheet
415Kb / 44P
   DSI Inertial Sensor
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
   PSI5 Inertial Sensor
logo
NXP Semiconductors
MMA26XX NXP-MMA26XX Datasheet
423Kb / 46P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
List of Unclassifed Man...
BMA250 ETC2-BMA250 Datasheet
1Mb / 74P
   Digital, triaxial acceleration sensor
BMA150 ETC2-BMA150 Datasheet
686Kb / 55P
   Digital, triaxial acceleration sensor
logo
Bosch Sensortec GmbH
BMA145 BOSCH-BMA145 Datasheet
555Kb / 26P
   Triaxial, analog acceleration sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com