Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUX48 Datasheet(PDF) 7 Page - Motorola, Inc

Part # BUX48
Description  SWITCHMODE II Series NPN Silicon Power Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BUX48 Datasheet(HTML) 7 Page - Motorola, Inc

  BUX48 Datasheet HTML 1Page - Motorola, Inc BUX48 Datasheet HTML 2Page - Motorola, Inc BUX48 Datasheet HTML 3Page - Motorola, Inc BUX48 Datasheet HTML 4Page - Motorola, Inc BUX48 Datasheet HTML 5Page - Motorola, Inc BUX48 Datasheet HTML 6Page - Motorola, Inc BUX48 Datasheet HTML 7Page - Motorola, Inc BUX48 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BUX48 BUX48A
3–407
Motorola Bipolar Power Transistor Device Data
t, TIME (ms)
1
0.01
0.02
0.5
0.2
0.1
0.05
0.02
0.05
1
2
5
10
20
50
100
200
500
R
θJC(t) = r(t) RθJC
θJC = 1°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.2
0.01
SINGLE PULSE
0.1
0.1
0.5
0.2
1000
2000
Figure 15. Thermal Response
SINGLE
PULSE
0.05
0.02
OVERLOAD CHARACTERISTICS
0
Figure 16. Rated Overload Safe Operating Area
(OLSOA)
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
300
100
40
60
500
100
400
TC = 25°C
450
200
20
tp = 10 µs
BUX48
BUX48A
80
OLSOA
OLSOA applies when maximum collector current is limited
and known. A good example is a circuit where an inductor is
inserted between the transistor and the bus, which limits the
rate of rise of collector current to a known value. If the tran-
sistor is then turned off within a specified amount of time, the
magnitude of collector current is also known.
Maximum allowable collector–emitter voltage versus col-
lector current is plotted for several pulse widths. (Pulse width
is defined as the time lag between the fault condition and the
removal of base drive.) Storage time of the transistor has
been factored into the curve. Therefore, with bus voltage and
maximum collector current known, Figure 16 defines the
maximum time which can be allowed for fault detection and
shutdown of base drive.
OLSOA is measured in a common–base circuit (Figure 18)
which allows precise definition of collector–emitter voltage
and collector current. This is the same circuit that is used to
measure forward–bias safe operating area.
0
Figure 17. IC = f(dV/dt)
dV/dt (KV/
µs)
2
4
4
2
5
6
8
10
3
1
500
µF
500 V
VEE
VCC
Figure 18. Overload SOA Test Circuit
Notes:
• VCE = VCC + VBE
• Adjust pulsed current source
for desired IC, tp
RBE = 100 Ω
RBE = 10 Ω
RBE = 2.2 Ω
RBE = 0


Similar Part No. - BUX48

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BUX48 MOSPEC-BUX48 Datasheet
123Kb / 3P
   POWER TRANSISTORS(15A,400-450V,175W)
logo
Thinki Semiconductor Co...
BUX48 THINKISEMI-BUX48 Datasheet
475Kb / 8P
   175Watt Metal Package NPN Silicon Power Transistor
logo
ON Semiconductor
BUX48 ONSEMI-BUX48 Datasheet
325Kb / 8P
   SITCHMODE II Series NPN Silicon Power Transistors
REV 7
logo
STMicroelectronics
BUX48 STMICROELECTRONICS-BUX48 Datasheet
89Kb / 7P
   HIGH POWER NPN SILICON TRANSISTORS
logo
Central Semiconductor C...
BUX48 CENTRAL-BUX48 Datasheet
53Kb / 1P
   Power Transistors
More results

Similar Description - BUX48

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUV48 MOTOROLA-BUV48 Datasheet
308Kb / 8P
   SWITCHMODE II Series NPN Silicon Power Transistors
MJ13101 MOTOROLA-MJ13101 Datasheet
249Kb / 6P
   SWITCHMODE II SERIES NPN SILICON POWER TRANSISTOR
logo
ON Semiconductor
2N6547 ONSEMI-2N6547 Datasheet
77Kb / 8P
   SWITCHMODE Series NPN Silicon Power Transistors
April, 2001 ??Rev. 6
logo
Tiger Electronic Co.,Lt...
MJE13003 TGS-MJE13003 Datasheet
84Kb / 1P
   SWITCHMODE Series NPN Silicon Power Transistors
logo
New Jersey Semi-Conduct...
MJE16002 NJSEMI-MJE16002 Datasheet
126Kb / 3P
   SWITCHMODE Series NPN Silicon Power Transistors
MJE8502 NJSEMI-MJE8502 Datasheet
92Kb / 2P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJ16010 NJSEMI-MJ16010 Datasheet
1Mb / 3P
   SWITCHMODE Series NPN Silicon Power Transistors
logo
Boca Semiconductor Corp...
2N6546 BOCA-2N6546 Datasheet
217Kb / 4P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
Unisonic Technologies
MJE13009-K UTC-MJE13009-K_15 Datasheet
440Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJE13009-K UTC-MJE13009-K Datasheet
445Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com