Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1634BRUZ-REEL7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG1634BRUZ-REEL7
Description  4.5RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1634BRUZ-REEL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG1634BRUZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG1634BRUZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG1634BRUZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG1634BRUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG1634BRUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG1634BRUZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG1634BRUZ-REEL7 Datasheet HTML 10Page - Analog Devices ADG1634BRUZ-REEL7 Datasheet HTML 11Page - Analog Devices ADG1634BRUZ-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADG1633/ADG1634
Rev. 0 | Page 8 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 7.
Parameter
Rating
VDD to VSS
18 V
VDD to GND
−0.3 V to +18 V
VSS to GND
+0.3 V to −18 V
Analog Inputs1
VSS − 0.3 V to VDD + 0.3 V or
30 mA, whichever occurs first
Digital Inputs1
GND − 0.3 V to VDD + 0.3 V or
30 mA, whichever occurs first
Peak Current, S or D
450 mA (pulsed at 1 ms,
10% duty cycle maximum)
Continuous Current, S or D2
Data + 15%
Operating Temperature Range
Industrial (Y Version)
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
16-Lead TSSOP, θJA Thermal
Impedance, 0 Airflow (4-
Layer Board)
112.6°C/W
20-Lead TSSOP, θJA Thermal
Impedance, 0 Airflow
(4-Layer Board)
95°C/W
16-Lead LFCSP (3 mm × 3 mm),
θJA Thermal Impedance, 0
Airflow (4-Layer Board)
48.7°C/W
16-Lead LFCSP (4 mm × 4 mm),
θJA Thermal Impedance, 0
Airflow (4-Layer Board)
30.4°C/W
Reflow Soldering Peak
Temperature, Pb free
260°C
ESD CAUTION
1 Overvoltages at IN, S, or D are clamped by internal diodes. Current should be
limited to the maximum ratings given.
2 See Table 5 and Table 6.


Similar Part No. - ADG1634BRUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1634L AD-ADG1634L Datasheet
873Kb / 22P
   4.7 廓 RON, Quad SPDT Switch with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1634LYCPZ-REEL7 AD-ADG1634LYCPZ-REEL7 Datasheet
873Kb / 22P
   4.7 廓 RON, Quad SPDT Switch with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
More results

Similar Description - ADG1634BRUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1608 AD-ADG1608 Datasheet
526Kb / 20P
   4.5 廓 RON, 4-/8-Channel 짹5 V,12 V, 5 V, and 3.3 V Multiplexers
REV. 0
ADG1606 AD-ADG1606 Datasheet
522Kb / 24P
   4.5 廓 RON, 16-Channel, Differential 8-Channel, 짹5 V,12 V,5 V, and 3.3 V Multiplexers
REV. 0
ADG1636 AD-ADG1636 Datasheet
526Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
REV. A
ADG1611 AD-ADG1611 Datasheet
436Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
REV. B
ADG1433 AD-ADG1433 Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADGS1612 AD-ADGS1612 Datasheet
380Kb / 29P
   SPI Interface, 1 廓 RON, 짹5 V, 12 V, 5 V, 3.3 V, Mux Configurable, Quad SPST Switch
ADG619 AD-ADG619_07 Datasheet
365Kb / 16P
   CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
   9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG633 AD-ADG633_09 Datasheet
384Kb / 16P
   CMOS, 짹5 V/5 V/3 V, Triple SPDT Switch
REV. A
ADG1604 AD-ADG1604 Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com