Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5355ACPZ-WP Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5355ACPZ-WP
Description  1200 MHz to 2500 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5355ACPZ-WP Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5355ACPZ-WP Datasheet HTML 5Page - Analog Devices ADL5355ACPZ-WP Datasheet HTML 6Page - Analog Devices ADL5355ACPZ-WP Datasheet HTML 7Page - Analog Devices ADL5355ACPZ-WP Datasheet HTML 8Page - Analog Devices ADL5355ACPZ-WP Datasheet HTML 9Page - Analog Devices ADL5355ACPZ-WP Datasheet HTML 10Page - Analog Devices ADL5355ACPZ-WP Datasheet HTML 11Page - Analog Devices ADL5355ACPZ-WP Datasheet HTML 12Page - Analog Devices ADL5355ACPZ-WP Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADL5355
Rev. 0 | Page 9 of 24
0
50
100
150
200
250
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
VPOS = 4.75V
VPOS = 5.25V
VPOS = 5.0V
Figure 9. Supply Current vs. Temperature
12
11
10
9
8
7
6
5
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
VPOS = 4.75V
VPOS = 5.25V
VPOS = 5.0V
Figure 10. Power Conversion Gain vs. Temperature
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
0
5
10
15
20
25
30
35
VPOS = 4.75V
VPOS = 5.25V
VPOS = 5.0V
Figure 11. Input IP3 vs. Temperature
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
10
15
20
25
30
35
40
45
50
55
60
VPOS = 4.75V
VPOS = 5.0V
VPOS = 5.25V
Figure 12. Input IP2 vs. Temperature
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
0
2
4
6
8
10
12
VPOS = 4.75V
VPOS = 5.25V
VPOS = 5.0V
Figure 13. Input P1dB vs. Temperature
6
12
11
10
9
8
7
–40
80
60
40
20
0
–20
TEMPERATURE (°C)
VPOS = 4.75V
VPOS = 5.0V
VPOS = 5.25V
Figure 14. SSB Noise Figure vs. Temperature


Similar Part No. - ADL5355ACPZ-WP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5355 AD-ADL5355 Datasheet
990Kb / 24P
   2300 MHz to 2900 MHz Balanced Mixer
REV. 0
ADL5355 AD-ADL5355 Datasheet
486Kb / 23P
   300 MHz to 1100 MHz Balanced Mixer, LO Buffer, and RF Balun
ADL5355 AD-ADL5355 Datasheet
438Kb / 24P
   2200 MHz to 2700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
Rev. A
More results

Similar Description - ADL5355ACPZ-WP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5356 AD-ADL5356 Datasheet
493Kb / 24P
   1200 MHz to 2500 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5365 AD-ADL5365 Datasheet
581Kb / 24P
   1200 MHz to 2500 MHz Balanced Mixer, LO Buffer and RF Balun
REV. 0
ADL5357 AD-ADL5357 Datasheet
593Kb / 24P
   500 MHz to 1700 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5358 AD-ADL5358 Datasheet
404Kb / 24P
   500 MHz to 1700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5354 AD-ADL5354 Datasheet
438Kb / 24P
   2200 MHz to 2700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
Rev. A
ADL5367 AD-ADL5367 Datasheet
578Kb / 24P
   500 MHz to 1700 MHz Balanced Mixer, LO Buffer and RF Balun
REV. 0
ADL5369 AD-ADL5369 Datasheet
486Kb / 23P
   300 MHz to 1100 MHz Balanced Mixer, LO Buffer, and RF Balun
ADL5360 AD-ADL5360 Datasheet
479Kb / 9P
   Dual 900MHz Balanced Mixer with Low Side LO Buffer, IF Amp, and RF Balun
REV. PrA
ADL5811 AD-ADL5811 Datasheet
672Kb / 28P
   High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
REV. 0
ADL5812 AD-ADL5812 Datasheet
693Kb / 28P
   Dual High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com