Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5562 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5562
Description  3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5562 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5562 Datasheet HTML 6Page - Analog Devices ADL5562 Datasheet HTML 7Page - Analog Devices ADL5562 Datasheet HTML 8Page - Analog Devices ADL5562 Datasheet HTML 9Page - Analog Devices ADL5562 Datasheet HTML 10Page - Analog Devices ADL5562 Datasheet HTML 11Page - Analog Devices ADL5562 Datasheet HTML 12Page - Analog Devices ADL5562 Datasheet HTML 13Page - Analog Devices ADL5562 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADL5562
Rev. A | Page 10 of 24
–120
–100
–80
–60
–40
–20
0
–160
–140
–120
–100
–80
–60
–40
0
50
100
150
200
250
FREQUENCY (MHz)
AV MAXIMUM
AV MID
AV MINIMUM
Figure 15. Harmonic Distortion (HD2/HD3) vs. Frequency at AV = 6 dB,
AV = 12 dB, and AV = 15.5 dB, Output Level at 2 V p-p, RL = 200 Ω
–120
–100
–80
–60
–40
–20
0
–160
–140
–120
–100
–80
–60
–40
0
50
100
150
200
250
FREQUENCY (MHz)
+85°C
+25°C
–40°C
Figure 16. Harmonic Distortion (HD2/HD3) vs. Frequency,
Three Temperatures, Output Level at 2 V p-p, RL = 200 Ω
–120
–100
–80
–60
–40
–20
0
–160
–140
–120
–100
–80
–60
–40
0
50
100
150
200
250
FREQUENCY (MHz)
+85°C
+25°C
–40°C
Figure 17. Harmonic Distortion (HD2/HD3) vs. Frequency, Over Temperature,
Output Level at 2 V p-p, RL = 1 kΩ
–120
–100
–80
–60
–40
–20
0
–160
–140
–120
–100
–80
–60
–40
0
50
100
150
200
250
FREQUENCY (MHz)
AV MAXIMUM
AV MID
AV MINIMUM
Figure 18. Harmonic Distortion (HD2/HD3) vs. Frequency at Av = 6 dB,
Av = 12 dB, and Av = 15.5 dB, Output Level at 2 V p-p, RL = 1 kΩ
–100
–90
–80
–70
–60
–50
–40
–30
–20
–2
–1
01
234
5
HD2
HD3
POUT (dBm)
Figure 19. Harmonic Distortion (HD2/HD3) vs. Power (POUT),
Frequency 140 MHz, AV = 15.5 dB
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
0
50
100
150
200
250
FREQUENCY (MHz)
AV MAXIMUM
AV MID
AV MINIMUM
Figure 20. Harmonic Distortion (HD2/HD3) vs. Frequency (Single-Ended Input)


Similar Part No. - ADL5562

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5562 AD-ADL5562 Datasheet
269Kb / 5P
   High Performance, 16-Bit, 250 MSPS Wideband Receiver with Antialiasing Filter
REV. A
ADL5562 AD-ADL5562 Datasheet
560Kb / 21P
   3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
ADL5562-EVALZ AD-ADL5562-EVALZ Datasheet
560Kb / 21P
   3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
ADL5562ACPZ-R7 AD-ADL5562ACPZ-R7 Datasheet
560Kb / 21P
   3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
ADL5562ACPZ-WP AD-ADL5562ACPZ-WP Datasheet
560Kb / 21P
   3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
More results

Similar Description - ADL5562

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5562 AD-ADL5562_17 Datasheet
560Kb / 21P
   3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
AD8352 AD-AD8352_15 Datasheet
463Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
ADL5561 AD-ADL5561 Datasheet
571Kb / 24P
   2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. B
AD8352_0610 AD-AD8352_0610 Datasheet
510Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. A
AD8352 AD-AD8352_18 Datasheet
471Kb / 19P
   2 GHz, Ultralow Distortion, Differential RF/IF Amplifier
AD8352 AD-AD8352_08 Datasheet
463Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
AD8352 AD-AD8352 Datasheet
410Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. 0
ADL5561 AD-ADL5561_17 Datasheet
760Kb / 25P
   2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
   Low Distortion Differential RF/IF Amplifier
REV. D
AD8351ARMZ AD-AD8351ARMZ Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com