Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MWDM2L-15PBRP Datasheet(PDF) 2 Page - Glenair, Inc.

Part # MWDM2L-15PBRP
Description  Micro-D Metal Shell Printed Circuit Board Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MWDM2L-15PBRP Datasheet(HTML) 2 Page - Glenair, Inc.

  MWDM2L-15PBRP Datasheet HTML 1Page - Glenair, Inc. MWDM2L-15PBRP Datasheet HTML 2Page - Glenair, Inc. MWDM2L-15PBRP Datasheet HTML 3Page - Glenair, Inc. MWDM2L-15PBRP Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
C-7
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
N
P
BR StYLE MICRo-D PCB CoNNECtoRS
Layout
A Max.
B
C Max.
D Max.
E Max.
F
G Max.
H
J
K
In.
mm.
In.
±.003
mm.
± 0.08
In.
mm.
In.
mm.
In.
mm.
In.
±.007
mm.
± 0.18
In.
mm.
In.
±.003
mm.
±0.08
In.
±.015
mm.
±0.38
In.
±.010
mm.
±0.25
9P
1.390 35.31
.565 14.35
.333 8.46
.184 4.67
.310 7.87 1.150 29.21
.465 11.81
.183 4.65
.125
3.18
.150
3.81
9S
1.390 35.31
.565 14.35
.400 10.16
.250 6.35
.310 7.87 1.150 29.21
.465 11.81
.195 4.95
.125
3.18
.150
3.81
15P
1.540 39.12
.715 18.16
.483 12.27
.184 4.67
.310 7.87 1.300 33.02
.465 11.81
.183 4.65
.125
3.18
.150
3.81
15S
1.540 39.12
.715 18.16
.551 14.00
.250 6.35
.310 7.87 1.300 33.02
.465 11.81
.195 4.95
.125
3.18
.150
3.81
21P
1.690 42.93
.865 21.97
.633 16.08
.184 4.67
.310 7.87 1.450 36.83
.465 11.81
.183 4.65
.125
3.18
.150
3.81
21S
1.690 42.93
.865 21.97
.701 17.81
.250 6.35
.310 7.87 1.450 36.83
.465 11.81
.195 4.95
.125
3.18
.150
3.81
25P
1.790 45.47
.965 24.51
.733 18.62
.184 4.67
.310 7.87 1.550 39.37
.465 11.81
.183 4.65
.125
3.18
.150
3.81
25S
1.790 45.47
.965 24.51
.801 20.35
.250 6.35
.310 7.87 1.550 39.37
.465 11.81
.195 4.95
.125
3.18
.150
3.81
31P
2.040 51.82 1.115 28.32
.883 22.43
.184 4.67
.310 7.87 1.800 45.72
.465 11.81
.183 4.65
.125
3.18
.150
3.81
31S
2.040 51.82 1.115 28.32
.951 24.16
.250 6.35
.310 7.87 1.800 45.72
.465 11.81
.195 4.95
.125
3.18
.150
3.81
37P
2.340 59.44 1.265 32.13 1.033 26.24
.184 4.67
.310 7.87 2.100 53.34
.465 11.81
.183 4.65
.125
3.18
.150
3.81
37S
2.340 59.44 1.265 32.13 1.101 27.96
.250 6.35
.310 7.87 2.100 53.34
.465 11.81
.195 4.95
.125
3.18
.150
3.81
51P
1.875 47.63 1.215 30.86
.983 24.97
.224 5.69
.351 8.92 1.600 40.64
.565 14.35
.183 4.65
.125
3.18
.150
3.81
51S
1.875 47.63 1.215 30.86 1.051 26.70
.293 7.44
.351 8.92 1.600 40.64
.565 14.35
.195 4.95
.125
3.18
.150
3.81
100P
2.780 70.60 1.800 45.72 1.383 35.13
.270 6.86
.394 10.01 2.500 63.50
.765 19.43
.183 4.65
.225
5.72
.150
3.81
100S
2.780 70.60 1.800 45.72 1.451 36.86
.333 8.46
.394 10.01 2.500 63.50
.765 19.43
.195 4.95
.225
5.72
.150
3.81
Micro-D Metal Shell Printed Circuit Board Connectors
BR Style Right Angle thru-Hole
E
A
F
B
C
D
.020 (0.5) ± .002 (0.1)
2 X PCB MTNG HOLES
9-51 CONTACTS .096 ± .005 (2.43 ± 0.13)
100 CONTACTS .125 ± .005 (23.18 ± 0.13)
F
H
J
K
G
Tail Length
MAtERIALS AND FINISHES
Connector Shell
Aluminum Alloy 6061 or Stainless Steel, 300
Series, passivated. See Ordering Info for
Plating Options
Insulator, Tray
Liquid Crystal Polymer (LCP)
Interfacial Seal
Flourosilicone Rubber, Blue
Pin Contact
Beryllium Copper Gold over Nickel Plating
Socket Contact
Copper Alloy Gold Over Nickel Plating
PCB Terminals
Gold Plated Copper Alloy, Solder Dipped
Hardware
300 Series Stainless Steel
Encapsulant
Epoxy Resin Hysol EE4215
PERFoRMANCE SPECIFICAtIoNS
Current Rating
3 AMP
DWV
600 VAC Sea level
Insulation Resistance
5000 Megohms Minimum
Contact Resistance
8 Milliohms Maximum
Low Level Contact Resist.
32 Milliohms Maximum
Magnetic Permeability
2 µ Maximum
Operating Temperature
-55° C. to +150° C.
Shock, Vibration
50 g., 20g.
Mating Force
(10 Ounces) X (# of Contacts)
± .015 (0.38)


Similar Part No. - MWDM2L-15PBRP

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWDM2L-15PBSP GLENAIR-MWDM2L-15PBSP Datasheet
484Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
MWDM2L-15PBSR1 GLENAIR-MWDM2L-15PBSR1 Datasheet
484Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
MWDM2L-15PBSR2 GLENAIR-MWDM2L-15PBSR2 Datasheet
484Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
MWDM2L-15PBSR3 GLENAIR-MWDM2L-15PBSR3 Datasheet
484Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
More results

Similar Description - MWDM2L-15PBRP

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWDM1L-9PBSP GLENAIR-MWDM1L-9PBSP Datasheet
484Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
MWDM1L-9PCBRP GLENAIR-MWDM1L-9PCBRP Datasheet
478Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
MWDM1L-9PCBSNN GLENAIR-MWDM1L-9PCBSNN Datasheet
663Kb / 6P
   Micro-D Printed Circuit Board Connectors
240-03119PC GLENAIR-240-03119PC Datasheet
201Kb / 4P
   Micro-D Filter Connectors Vertical Printed Circuit Board
240-034-1-9PC GLENAIR-240-034-1-9PC Datasheet
307Kb / 4P
   Micro-D Filter Connectors Right Angle Printed Circuit Board
MWDM2L-15P-4K5-12P GLENAIR-MWDM2L-15P-4K5-12P Datasheet
525Kb / 2P
   Micro-D MWDM Insulated Wire Metal Shell Connectors
MWDM1L-9P-S GLENAIR-MWDM1L-9P-S Datasheet
169Kb / 2P
   Micro-D Metal Shell MWDM Solder Cup Connectors
MWDM1L-100N-S GLENAIR-MWDM1L-100N-S Datasheet
159Kb / 2P
   Micro-D Metal Shell MWDM Solder Cup Connectors
logo
ITT Industries
MDM-9PH003B ITT-MDM-9PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
015-9516-002 ITT-015-9516-002 Datasheet
385Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com