Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1490EBRMZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADM1490EBRMZ
Description  16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1490EBRMZ Datasheet(HTML) 2 Page - Analog Devices

  ADM1490EBRMZ Datasheet HTML 1Page - Analog Devices ADM1490EBRMZ Datasheet HTML 2Page - Analog Devices ADM1490EBRMZ Datasheet HTML 3Page - Analog Devices ADM1490EBRMZ Datasheet HTML 4Page - Analog Devices ADM1490EBRMZ Datasheet HTML 5Page - Analog Devices ADM1490EBRMZ Datasheet HTML 6Page - Analog Devices ADM1490EBRMZ Datasheet HTML 7Page - Analog Devices ADM1490EBRMZ Datasheet HTML 8Page - Analog Devices ADM1490EBRMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADM1490E/ADM1491E
Rev. B | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagrams............................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Timing Specifications .................................................................. 4
 
Absolute Maximum Ratings............................................................ 5
 
Thermal Resistance ...................................................................... 5
 
ESD Caution.................................................................................. 5
 
Pin Configurations and Function Descriptions ........................... 6
 
Typical Performance Characteristics ..............................................7
 
Test Circuits........................................................................................9
 
Theory of Operation ...................................................................... 10
 
Truth Tables................................................................................. 10
 
ESD Transient Protection Scheme ........................................... 10
 
Applications Information .............................................................. 12
 
Differential Data......................................................................... 12
 
Cable and Data Rate................................................................... 12
 
Typical Applications................................................................... 12
 
Outline Dimensions ....................................................................... 14
 
Ordering Guide .......................................................................... 15
 
REVISION HISTORY
7/09—Rev. A to Rev. B
Added ADM1490E, 8-Lead SOIC, and 8-Lead MSOP.......Universal
Changes to Table 4.....................................................................................5
Added Figure 8; Renumbered Sequentially..........................................6
Changes to Table 5.....................................................................................6
Changes to Typical Applications Section ............................................12
Changes to Figure 28...............................................................................12
Added Figure 29.......................................................................................13
Updated Outline Dimensions ...............................................................14
Changes to Ordering Guide...................................................................15
2/09—Rev. 0 to Rev. A
Change to Table 9 ........................................................................... 11
12/08—Revision 0: Initial Version


Similar Part No. - ADM1490EBRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1490EBRMZ AD-ADM1490EBRMZ Datasheet
346Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
Rev. D
ADM1490EBRMZ-REEL7 AD-ADM1490EBRMZ-REEL7 Datasheet
346Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
Rev. D
More results

Similar Description - ADM1490EBRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1490E AD-ADM1490E_V01 Datasheet
346Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
Rev. D
ADM1491E AD-ADM1491E Datasheet
304Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
REV. 0
logo
Sipex Corporation
SP1490E SIPEX-SP1490E_05 Datasheet
149Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP490 EXAR-SP490 Datasheet
552Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP1490E SIPEX-SP1490E Datasheet
73Kb / 10P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
83Kb / 12P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
94Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP491CN-L EXAR-SP491CN-L Datasheet
453Kb / 11P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP490 SIPEX-SP490_05 Datasheet
161Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX14784E MAXIM-MAX14784E Datasheet
846Kb / 17P
   Full-Duplex, 짹35kV ESD-Protected, RS-485 Transceivers for High-Speed Communication
19-6863; Rev 2; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com