Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MWKQ2L6-7S-6K2 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # MWKQ2L6-7S-6K2
Description  MWKQ Micro Circular Quick Disconnect
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MWKQ2L6-7S-6K2 Datasheet(HTML) 2 Page - Glenair, Inc.

  MWKQ2L6-7S-6K2 Datasheet HTML 1Page - Glenair, Inc. MWKQ2L6-7S-6K2 Datasheet HTML 2Page - Glenair, Inc. MWKQ2L6-7S-6K2 Datasheet HTML 3Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
N-14
E-Mail: sales@glenair.com
MATERIALS AND FINISHES
Connector
Shell, Release
Sleeve, Jam
Nut
Aluminum Alloy 6061 with Electroless Nickel
Plating
Insulator
Liquid Crystal Polymer (LCP)
Lock Ring
Stainless Steel
Pin Contact
Beryllium Copper With 50 Microinches Gold
over Nickel Plating
Socket Contact
Copper Alloy With 50 Microinches Gold Over
Nickel Plating
Encapsulant
Epoxy Resin Hysol EE4215
PERFORMANCE SPECIFICATIONS
Current Rating
3 AMP
Dielectric Withstanding
Voltage
600 VAC Sea Level
150 VAC 70,000 Feet
Insulation Resistance
5000 Megohms Minimum
Contact Resistance
8 Milliohms Maximum
Low Level CR
32 Milliohms Maximum
Operating Temperature -55° C. to +150° C.
Shock
50 g.
Vibration
20 g.
Mating Force
(10 Ounces) X (# of Contacts)
MWKQ Micro Circular Quick Disconnect
DIMENSIONS
Layout
A Max.
B Max.
C Max.
D Hex.
E Thds.
F
G Dia.
In.
mm.
In .
mm.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
7
.385
9.78
.305
7.75
.500
12.7
.500
.3125-32 UNEF-2A
.364
9.25
.390
9.91
19
.515
13.08
.405
10.28
.570
14.48
.625
.500-28 UNEF-2A
.475
12.07
.515
13.08
B
A
.820 (20.83) MAX
LOCK RING
RELEASE SLEEVE
INSULATED WIRE
C
D
.500 (12.7)
MAX
E THREADS
G
F
PLUG
CONNECTOR
RECEPTACLE
CONNECTOR
PANEL
CUTOUT


Similar Description - MWKQ2L6-7S-6K2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
237-263 GLENAIR-237-263 Datasheet
315Kb / 2P
   Special Micro Circular Quick Disconnect Receptacle
880-042R GLENAIR-880-042R Datasheet
464Kb / 2P
   Quick Disconnect
880-041R GLENAIR-880-041R Datasheet
463Kb / 2P
   Quick Disconnect
logo
Molex Electronics Ltd.
0190190038 MOLEX4-0190190038 Datasheet
239Kb / 3P
   Avikrimp??Quick Disconnect
0190220006 MOLEX4-0190220006 Datasheet
87Kb / 2P
   Krimptite??Quick Disconnect
0190170012 MOLEX4-0190170012 Datasheet
129Kb / 3P
   InsulKrimp??Quick Disconnect
0190030041 MOLEX4-0190030041 Datasheet
222Kb / 3P
   InsulKrimp??Quick Disconnect
0190160037 MOLEX4-0190160037 Datasheet
94Kb / 2P
   Krimptite??Quick Disconnect
logo
Adam Technologies, Inc.
QDT-003 ADAM-TECH-QDT-003 Datasheet
59Kb / 1P
   QUICK DISCONNECT TERMINAL
4QD-250-22-18-T-H1 ADAM-TECH-4QD-250-22-18-T-H1 Datasheet
62Kb / 1P
   QUICK DISCONNECT TERMINAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com