Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN4665 Datasheet(PDF) 7 Page - Analog Devices

Part # ADN4665
Description  3 V, LVDS, Quad, CMOS Differential Line Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4665 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADN4665 Datasheet HTML 3Page - Analog Devices ADN4665 Datasheet HTML 4Page - Analog Devices ADN4665 Datasheet HTML 5Page - Analog Devices ADN4665 Datasheet HTML 6Page - Analog Devices ADN4665 Datasheet HTML 7Page - Analog Devices ADN4665 Datasheet HTML 8Page - Analog Devices ADN4665 Datasheet HTML 9Page - Analog Devices ADN4665 Datasheet HTML 10Page - Analog Devices ADN4665 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADN4665
Rev. 0 | Page 7 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
DIN1 1
DOUT1+ 2
DOUT1– 3
EN
4
VCC
16
DIN4
15
DOUT4+
14
DOUT4–
13
DOUT2– 5
EN
12
DOUT2+ 6
DOUT3–
11
DIN2 7
DOUT3+
10
GND
8
DIN3
9
ADN4665
TOP VIEW
(Not to Scale)
Figure 7. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
DIN1
Driver Channel 1 Logic Input.
2
DOUT1+
Channel 1 Noninverting Output Current Driver. When DIN1 is high, current flows out of DOUT1+. When DIN1 is low,
current flows into DOUT1+.
3
DOUT1−
Channel 1 Inverting Output Current Driver. When DIN1 is high, current flows into DOUT1−. When DIN1 is low, current
flows out of DOUT1−.
4
EN
Active High Enable and Power-Down Input (3 V TTL/CMOS). If EN is held low or open circuit, EN enables the
drivers when high and disables the drivers when low.
5
DOUT2−
Channel 2 Inverting Output Current Driver. When DIN2 is high, current flows into DOUT2−. When DIN2 is low, current
flows out of DOUT2−.
6
DOUT2+
Channel 2 Noninverting Output Current Driver. When DIN2 is high, current flows out of DOUT2+. When DIN2 is low,
current flows into DOUT2+.
7
DIN2
Driver Channel 2 Logic Input.
8
GND
Ground Reference Point for All Circuitry on the Part.
9
DIN3
Driver Channel 3 Logic Input.
10
DOUT3+
Channel 3 Noninverting Output Current Driver. When DIN3 is high, current flows out of DOUT3+. When DIN3 is low,
current flows into DOUT3+.
11
DOUT3−
Channel 3 Inverting Output Current Driver. When DIN3 is high, current flows into DOUT3−. When DIN3 is low, current
flows out of DOUT3−.
12
EN
Active Low Enable and Power-Down Input with Pull-Down (3 V TTL/CMOS). If EN is held high, EN enables the
drivers when low or open circuit and disables the drivers and powers down the device when high.
13
DOUT4−
Channel 4 Inverting Output Current Driver. When DIN4 is high, current flows into DOUT4−. When DIN4 is low, current
flows out of DOUT4−.
14
DOUT4+
Channel 4 Noninverting Output Current Driver. When DIN4 is high, current flows out of DOUT4+. When DIN4 is low,
current flows into DOUT4+.
15
DIN4
Driver Channel 4 Logic Input.
16
VCC
Power Supply Input. This part can be operated from 3.0 V to 3.6 V. The supply should be decoupled with a 10 μF
solid tantalum capacitor in parallel with a 0.1 μF capacitor to GND.


Similar Part No. - ADN4665

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4665 AD-ADN4665 Datasheet
593Kb / 12P
   LVDS and M-LVDS Circuit Implementation Guide
REV. 0
More results

Similar Description - ADN4665

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4667ARZ AD-ADN4667ARZ Datasheet
305Kb / 16P
   3 V LVDS Quad CMOS Differential Line Driver
REV. B
ADN4667 AD-ADN4667 Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Driver
REV. 0
ADN4667 AD-ADN4667_V01 Datasheet
305Kb / 16P
   3 V LVDS Quad CMOS Differential Line Driver
Rev. B
logo
Texas Instruments
DS90LV047A TI1-DS90LV047A_16 Datasheet
1Mb / 25P
[Old version datasheet]   3-V LVDS Quad CMOS Differential Line Driver
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
   LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
   LVDS Quad CMOS Differential Line Driver
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
[Old version datasheet]   LVDS Quad CMOS Differential Line Driver
logo
Analog Devices
ADN4668ARZ AD-ADN4668ARZ Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. A
ADN4668 AD-ADN4668 Datasheet
306Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com