Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MWDL-37S-4C4 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # MWDL-37S-4C4
Description  Micro-D Plastic Shell Uninsulated Wire Pigtails
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MWDL-37S-4C4 Datasheet(HTML) 2 Page - Glenair, Inc.

  MWDL-37S-4C4 Datasheet HTML 1Page - Glenair, Inc. MWDL-37S-4C4 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC.
• 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
K-7
E-Mail: sales@glenair.com
K
A
D
B
C
.096/.088 (2.43/2.23) DIA.
G
.100/.088
(2.54/2.24)
E
F
H
D
LENGTH + 0.2/-0.0
(+5.08/-0.0)
SOCKET CONNECTOR
J
PIN CONNECTOR
H
LENGTH + 0.2/-0.0
(+5.08/-0.0)
Micro-D Plastic Shell
Uninsulated Wire Pigtails
MICRO-D PLASTIC SHELL UNINSULATED WIRE PIGTAIL DIMENSIONS
Layout
A Max.
B
C Max.
D Max.
E Max.
F Max.
G Max.
H Max.
J Max.
In.
mm.
In .
± .003
mm.
± 0.08
In.
mm.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
9P
.785
19.94
.565
14.35
.292
7.42
.218
5.54
.202
5.13
.395
10.03
.408
10.36
.173
4.39
.139
3.53
9S
.785
19.94
.565
14.35
.380
9.65
.218
5.54
.185
4.70
.375
9.53
.408
10.36
.173
4.39
15P
.935
23.75
.715
18.16
.442
11.23
.218
5.54
.202
5.13
.395
10.03
.558
14.17
.173
4.39
.139
3.53
15S
.935
23.75
.715
18.16
.530
13.46
.218
5.54
.185
4.70
.375
9.53
.558
14.17
.173
4.39
21P
1.080
27.43
.865
21.97
.592
15.04
.218
5.54
.202
5.13
.395
10.03
.708
17.98
.173
4.39
.139
3.53
21S
1.080
27.43
.865
21.97
.680
17.27
.218
5.54
.185
4.70
.375
9.53
.708
17.98
.173
4.39
25P
1.185
30.01
.965
24.51
.692
17.58
.218
5.54
.202
5.13
.395
10.03
.808
20.52
.173
4.39
.139
3.53
25S
1.185
30.01
.965
24.51
.780
19.81
.218
5.54
.185
4.70
.375
9.53
.808
20.52
.173
4.39
31P
1.335
33.91
1.115
28.32
.842
21.39
.218
5.54
.202
5.13
.395
10.03
.958
24.33
.173
4.39
.139
3.53
31S
1.335
33.91
1.115
28.32
.930
23.62
.218
5.54
.185
4.70
.375
9.53
.958
24.33
.173
4.39
37P
1.485
37.72
1.265
32.13
.992
25.20
.218
5.54
.202
5.13
.395
10.03
1.108
28.14
.173
4.39
.139
3.53
37S
1.485
37.72
1.265
32.13
1.080
27.43
.218
5.54
.185
4.70
.375
9.53
1.108
28.14
.173
4.39
51P
1.435
36.45
1.215
30.86
.942
23.93
.260
6.60
.202
5.13
.395
10.03
1.058
26.87
.220
5.59
.182
4.62
51S
1.435
36.45
1.215
30.86
1.030
26.16
.260
6.60
.185
4.70
.375
9.53
1.058
26.87
.220
5.59
MATERIALS AND FINISHES
Connector Shell
Liquid Crystal Polymer (LCP)
Insulator
Liquid Crystal Polymer (LCP)
Interfacial Seal
Flourosilicone Rubber, Blue
Pin Contact
Beryllium Copper Gold over Nickel Plating
Socket Contact
Copper Alloy Gold Over Nickel Plating
Hardware
300 Series Stainless Steel
Encapsulant
Epoxy Resin Hysol EE4215
PERFORMANCE SPECIFICATIONS
Current Rating
3 AMP
DWV
600 VAC Sea level
Insulation Resistance
5000 Megohms Minimum
Contact Resistance
8 Milliohms Maximum
Operating Temperature
-55° C. to +150° C.
Shock, Vibration
50 g., 20g.
Mating Force
(10 Ounces) X (# of Contacts)


Similar Part No. - MWDL-37S-4C4

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWDL-37S-4E1-18B GLENAIR-MWDL-37S-4E1-18B Datasheet
389Kb / 2P
   Micro-D Plastic Shell Pre-Wired Pigtails, Insulated Wire
MWDL-37S-4E1-18M GLENAIR-MWDL-37S-4E1-18M Datasheet
389Kb / 2P
   Micro-D Plastic Shell Pre-Wired Pigtails, Insulated Wire
MWDL-37S-4E1-18M1 GLENAIR-MWDL-37S-4E1-18M1 Datasheet
389Kb / 2P
   Micro-D Plastic Shell Pre-Wired Pigtails, Insulated Wire
MWDL-37S-4E1-18P GLENAIR-MWDL-37S-4E1-18P Datasheet
389Kb / 2P
   Micro-D Plastic Shell Pre-Wired Pigtails, Insulated Wire
MWDL-37S-4E1-18S GLENAIR-MWDL-37S-4E1-18S Datasheet
389Kb / 2P
   Micro-D Plastic Shell Pre-Wired Pigtails, Insulated Wire
More results

Similar Description - MWDL-37S-4C4

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWDM1L-9P-4C3 GLENAIR-MWDM1L-9P-4C3 Datasheet
163Kb / 2P
   Micro-D Metal Shell MWDM Uninsulated Wire Pigtails
MWDL9S-6E5-18B GLENAIR-MWDL9S-6E5-18B Datasheet
389Kb / 2P
   Micro-D Plastic Shell Pre-Wired Pigtails, Insulated Wire
MWDL-9P-4K1-18 GLENAIR-MWDL-9P-4K1-18 Datasheet
391Kb / 2P
   Micro-D Plastic Shell
logo
ITT Industries
MDB1-9PH001P ITT-MDB1-9PH001P Datasheet
325Kb / 11P
   Micro-D Plastic Shell - .050 Contact Spacing
logo
Glenair, Inc.
240-03219PC GLENAIR-240-03219PC Datasheet
171Kb / 2P
   Micro-D Filter Connectors Pre-Wired Pigtails with Insulated Wire
MWDL-9PSB GLENAIR-MWDL-9PSB Datasheet
144Kb / 2P
   MWD Series Micro-D Plastic Shell Solder Cup
logo
Ulti-Mate Connector Inc
SD-836788012 ULTI-MATE-SD-836788012 Datasheet
191Kb / 1P
   MICRO-D CIRCUIT CONNECTOR, CB18R51-3S02, PLASTIC SHELL
7/6/20
SD-836778017 ULTI-MATE-SD-836778017 Datasheet
214Kb / 1P
   MICRO-D CIRCUIT CONNECTOR, CB18R51-3P07, PLASTIC SHELL
7/6/20
logo
Glenair, Inc.
MWDM2L-15P-4K5-12P GLENAIR-MWDM2L-15P-4K5-12P Datasheet
525Kb / 2P
   Micro-D MWDM Insulated Wire Metal Shell Connectors
MWDM1L-9P-4K GLENAIR-MWDM1L-9P-4K Datasheet
183Kb / 2P
   Micro-D Metal Shell MWDM Pre-Wired with Insulated Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com