Electronic Components Datasheet Search |
|
ADN4665ARUZ-REEL7 Datasheet(PDF) 7 Page - Analog Devices |
|
ADN4665ARUZ-REEL7 Datasheet(HTML) 7 Page - Analog Devices |
7 / 12 page ADN4665 Rev. 0 | Page 7 of 12 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS DIN1 1 DOUT1+ 2 DOUT1– 3 EN 4 VCC 16 DIN4 15 DOUT4+ 14 DOUT4– 13 DOUT2– 5 EN 12 DOUT2+ 6 DOUT3– 11 DIN2 7 DOUT3+ 10 GND 8 DIN3 9 ADN4665 TOP VIEW (Not to Scale) Figure 7. Pin Configuration Table 4. Pin Function Descriptions Pin No. Mnemonic Description 1 DIN1 Driver Channel 1 Logic Input. 2 DOUT1+ Channel 1 Noninverting Output Current Driver. When DIN1 is high, current flows out of DOUT1+. When DIN1 is low, current flows into DOUT1+. 3 DOUT1− Channel 1 Inverting Output Current Driver. When DIN1 is high, current flows into DOUT1−. When DIN1 is low, current flows out of DOUT1−. 4 EN Active High Enable and Power-Down Input (3 V TTL/CMOS). If EN is held low or open circuit, EN enables the drivers when high and disables the drivers when low. 5 DOUT2− Channel 2 Inverting Output Current Driver. When DIN2 is high, current flows into DOUT2−. When DIN2 is low, current flows out of DOUT2−. 6 DOUT2+ Channel 2 Noninverting Output Current Driver. When DIN2 is high, current flows out of DOUT2+. When DIN2 is low, current flows into DOUT2+. 7 DIN2 Driver Channel 2 Logic Input. 8 GND Ground Reference Point for All Circuitry on the Part. 9 DIN3 Driver Channel 3 Logic Input. 10 DOUT3+ Channel 3 Noninverting Output Current Driver. When DIN3 is high, current flows out of DOUT3+. When DIN3 is low, current flows into DOUT3+. 11 DOUT3− Channel 3 Inverting Output Current Driver. When DIN3 is high, current flows into DOUT3−. When DIN3 is low, current flows out of DOUT3−. 12 EN Active Low Enable and Power-Down Input with Pull-Down (3 V TTL/CMOS). If EN is held high, EN enables the drivers when low or open circuit and disables the drivers and powers down the device when high. 13 DOUT4− Channel 4 Inverting Output Current Driver. When DIN4 is high, current flows into DOUT4−. When DIN4 is low, current flows out of DOUT4−. 14 DOUT4+ Channel 4 Noninverting Output Current Driver. When DIN4 is high, current flows out of DOUT4+. When DIN4 is low, current flows into DOUT4+. 15 DIN4 Driver Channel 4 Logic Input. 16 VCC Power Supply Input. This part can be operated from 3.0 V to 3.6 V. The supply should be decoupled with a 10 μF solid tantalum capacitor in parallel with a 0.1 μF capacitor to GND. |
Similar Part No. - ADN4665ARUZ-REEL7 |
|
Similar Description - ADN4665ARUZ-REEL7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |