Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MWEB2L-184NS-8J118 Datasheet(PDF) 4 Page - Glenair, Inc.

Part # MWEB2L-184NS-8J118
Description  MWEB Series EdgeBoard Connectors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MWEB2L-184NS-8J118 Datasheet(HTML) 4 Page - Glenair, Inc.

  MWEB2L-184NS-8J118 Datasheet HTML 1Page - Glenair, Inc. MWEB2L-184NS-8J118 Datasheet HTML 2Page - Glenair, Inc. MWEB2L-184NS-8J118 Datasheet HTML 3Page - Glenair, Inc. MWEB2L-184NS-8J118 Datasheet HTML 4Page - Glenair, Inc. MWEB2L-184NS-8J118 Datasheet HTML 5Page - Glenair, Inc. MWEB2L-184NS-8J118 Datasheet HTML 6Page - Glenair, Inc. MWEB2L-184NS-8J118 Datasheet HTML 7Page - Glenair, Inc. MWEB2L-184NS-8J118 Datasheet HTML 8Page - Glenair, Inc. MWEB2L-184NS-8J118 Datasheet HTML 9Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
N-5
E-Mail: sales@glenair.com
N
MWEB Series EdgeBoard Connectors
MWEB-128S Right Angle Board Connector
PC Board
Contact Tail
.019” (0.49) Diameter Copper
Wire, Solder Dipped
Rigid Epoxy Potting
Compound
Liquid Crystal Polymer
Dielectric
Liquid Crystal
Polymer Tray,
Epoxy Filled
Micro
Socket
Contact
Aluminum Shell, Electroless
Nickel Plated
MWEB2L-128SBR- .125
Base Part Number
PC Tail Length
.090
.125
.190
.250
3.950 ± .015
(100.33 ± 0.38)
3.700 (93.98)
3.41 ± .010
(86.61 ± 0.25)
.191
.265 (6.73)
MAX.
PIN # B64
PIN # A64
PIN # A1
PIN # B1
.050 (1.27) TYP.
.050 (1.27)
.25
(6.3)
.091/.098
(2.31/2.49)
DIA 2 PLACES
B1
A1
A64
A64
.40 (10.2)
.775 (19.69) MAX
.30 (7.6)
.180 ± .005
4.57 ± 0.13)
TAIL LENGTH
± .015 (0.38)
Ø.098/.091(2.49/2.31)
DIA C’BORE .190
(4.83) 2 PLACES
.091/.098
(2.31/2.49)
DIA 2 PLACES
3.700 (93.98)
.275 (6.99)
.075 (1.91)
.075 (1.91)
.075 (1.91)
63 EQUAL SPACES
AT .050 (1.27)
(TYP)
CONNECTOR MATING FACE THIS SIDE
B64
B4
B2
B5
B3
B1
A4
A2
A3
A1
B63
A64
A63
PATTERN SHOWN IS FOR CONNECTOR
MOUNTING SIDE OF PC BOARD
MWEB-128S RIGHT ANGLE PCB CONNECTOR


Similar Part No. - MWEB2L-184NS-8J118

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MWE6IC9100GNR1 FREESCALE-MWE6IC9100GNR1 Datasheet
881Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MWE6IC9100GNR1 FREESCALE-MWE6IC9100GNR1 Datasheet
852Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MWE6IC9100GNR1 NXP-MWE6IC9100GNR1 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 3, 12/2008
MWE6IC9100N NXP-MWE6IC9100N Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 3, 12/2008
logo
Freescale Semiconductor...
MWE6IC9100NBR1 FREESCALE-MWE6IC9100NBR1 Datasheet
881Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
More results

Similar Description - MWEB2L-184NS-8J118

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB8 VISHAY-EB8 Datasheet
156Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
EB7S VISHAY-EB7S Datasheet
145Kb / 3P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB8 VISHAY-EB8_09 Datasheet
124Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
EB7S VISHAY-EB7S_08 Datasheet
162Kb / 4P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB7S VISHAY-EB7S_09 Datasheet
127Kb / 4P
   Edgeboard Connectors, Single Readout
Revision: 16-Feb-09
EB7D VISHAY-EB7D_09 Datasheet
138Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
EB7D VISHAY-EB7D Datasheet
178Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
EB4678 VISHAY-EB4678 Datasheet
202Kb / 8P
   Edgeboard Connectors 200°C Burn-In Connectors, Dual Readout
Revision 14-Aug-02
logo
EDAC, All Rights Reserv...
616-220-313 EDAC-616-220-313 Datasheet
71Kb / 1P
   Uni-Guides Series Edgeboard Connector Uni-Guides
368-240-318 EDAC-368-240-318 Datasheet
63Kb / 1P
   Polarizing Keys Series,Edgeboard Connector Polarizing Keys
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com