Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MWDM1L-21S-6K Datasheet(PDF) 1 Page - Glenair, Inc.

Part # MWDM1L-21S-6K
Description  Micro-D Metal Shell MWDM Pre-Wired with Insulated Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MWDM1L-21S-6K Datasheet(HTML) 1 Page - Glenair, Inc.

  MWDM1L-21S-6K Datasheet HTML 1Page - Glenair, Inc. MWDM1L-21S-6K Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
B-4
E-Mail: sales@glenair.com
HOW TO ORDER METAL SHELL PRE-WIRED MICRO-D CONNECTORS
Series
Shell Material
and Finish
Insulator
Material
Contact
Layout
Contact
Type
Wire
Gage
(AWG)
Wire Type
Wire Color
Wire
Length
Inches
Hardware
MWDM
Aluminum Shell
1 – Cadmium
2 – Nickel
4 – Black Anodize
5 – Gold
6 – Chem Film
Stainless Steel
Shell
3
Passivated
L – LCP
30% Glass-
Filled Liquid
Crystal
Polymer
9
15
21
25
31
37
51
51-2
67
69
100
P – Pin
S – Socket
4 – #24
6 – #26
8 – #28
0 #30
K – M22759/11
600 Vrms Teflon®
(TFE)
J – M22759/33
600 Vrms Modified
Cross-Linked
Tefzel® (ETFE)
E – NEMA HP3-EB
600 VrmsType E
M16878/4 (TFE)
(replaced by
M22759/11 for mil
spec applications)
1 White
2 Yellow
5 Color-Coded
Stripes Per
MIL-STD-
681
(Striped wire not
available on 67,
69 or 100 pin
connectors or for
#28, #30 AWG)
7 Ten Color
Repeating
18
Wire Length
In Inches. “18”
Specifies 18
Inches.
B
P
M
M1
S
S1
L
K
F
R
Sample Part Number
MWDM
2
L –25
S –
4
K
7 –
18
B
Micro-D Metal Shell
MWDM Pre-Wired with Insulated Wire
Micro-D Pre-Wired Pigtails–These connectors feature
gold-plated TwistPin contacts and mil spec crimp
termination. Specify nickel-plated shells or cadmium
plated shells for best availability. 100% tested and
backpotted, ready for use.
Choose the Wire Type and Size To Fit Your Application
If on-hand availability is most important, choose #26
AWG Type K mil spec Teflon® wire. Select M22759/33
Type J for space applications.
MICRO-D MOUNTING HARDWARE
B
P
M
M1
S
S1
L
K
F
R
Thru-Hole
Order
Hardware
Separately
Jackpost
Removable
Includes Nut
and Washer
Jackscrew
Hex Head
Removable
E-ring
Jackscrew
Hex Head
Removable
E-ring
Extended
Jackscrew
Slot Head
Removable
E-ring
Jackscrew
Slot Head
Removable
E-ring
Extended
Jackscrew
Hex Head
Non-
Removable
Jackscrew
Slot Head
Non-
Removable
Extended
Float Mount
For Front
Panel
Mounting
Float Mount
For Rear
Panel
Mounting


Similar Part No. - MWDM1L-21S-6K

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWDM1L-21S-6K7-36B GLENAIR-MWDM1L-21S-6K7-36B Datasheet
525Kb / 2P
   Micro-D MWDM Insulated Wire Metal Shell Connectors
More results

Similar Description - MWDM1L-21S-6K

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWDM2L-15P-4K5-12P GLENAIR-MWDM2L-15P-4K5-12P Datasheet
525Kb / 2P
   Micro-D MWDM Insulated Wire Metal Shell Connectors
MWDL9S-6E5-18B GLENAIR-MWDL9S-6E5-18B Datasheet
389Kb / 2P
   Micro-D Plastic Shell Pre-Wired Pigtails, Insulated Wire
MWDM1L-9P-4C3 GLENAIR-MWDM1L-9P-4C3 Datasheet
163Kb / 2P
   Micro-D Metal Shell MWDM Uninsulated Wire Pigtails
MWDM1L-9P-S GLENAIR-MWDM1L-9P-S Datasheet
169Kb / 2P
   Micro-D Metal Shell MWDM Solder Cup Connectors
240-03219PC GLENAIR-240-03219PC Datasheet
171Kb / 2P
   Micro-D Filter Connectors Pre-Wired Pigtails with Insulated Wire
MWDM1L-100N-S GLENAIR-MWDM1L-100N-S Datasheet
159Kb / 2P
   Micro-D Metal Shell MWDM Solder Cup Connectors
M83513-03-A01C GLENAIR-M83513-03-A01C Datasheet
108Kb / 2P
   Metal Shell Crimp, Pre-Wired
MLDM1L-15P-6K5-18H GLENAIR-MLDM1L-15P-6K5-18H Datasheet
233Kb / 3P
   MLDM Low Profile Metal Shell Micro-D Insulated Wire Termination
MLDM1L-15S-4K5-18S1 GLENAIR-MLDM1L-15S-4K5-18S1 Datasheet
233Kb / 3P
   MLDM Low Profile Metal Shell Micro-D Insulated Wire Termination
MLDM1L-25P-6K5-18P GLENAIR-MLDM1L-25P-6K5-18P Datasheet
233Kb / 3P
   MLDM Low Profile Metal Shell Micro-D Insulated Wire Termination
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com