Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN4666 Datasheet(PDF) 8 Page - Analog Devices

Part # ADN4666
Description  3 V, LVDS, Quad CMOS Differential Line Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4666 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADN4666 Datasheet HTML 4Page - Analog Devices ADN4666 Datasheet HTML 5Page - Analog Devices ADN4666 Datasheet HTML 6Page - Analog Devices ADN4666 Datasheet HTML 7Page - Analog Devices ADN4666 Datasheet HTML 8Page - Analog Devices ADN4666 Datasheet HTML 9Page - Analog Devices ADN4666 Datasheet HTML 10Page - Analog Devices ADN4666 Datasheet HTML 11Page - Analog Devices ADN4666 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADN4666
Rev. 0 | Page 8 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
100
1k
FREQUENCY (MHz)
3.3V SUPPLY
3.6V SUPPLY
3V SUPPLY
Figure 7. Power Supply Current vs. Frequency
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
2.0
1.9
–0.1
0.4
0.9
1.4
1.9
2.4
2.9
3.4
3.9
COMMON-MODE VOLTAGE (V)
3V SUPPLY
3.3V SUPPLY
3.6V SUPPLY
Figure 8. Differential Propagation Delay (tPLHD) vs. Common-Mode Voltage, 25°C
2.9
2.7
2.5
2.3
2.1
1.9
–0.1
0.4
0.9
1.4
1.9
2.4
2.9
3.4
3.9
COMMON-MODE VOLTAGE (V)
3V SUPPLY
3.3V SUPPLY
3.6V SUPPLY
Figure 9. Differential Propagation Delay (tPHLD) vs. Common-Mode Voltage, 25°C
200
150
100
50
0
–50
–100
–150
–200
–0.1
0.4
0.9
1.4
1.9
2.4
2.9
3.4
3.9
COMMON-MODE VOLTAGE (V)
3.3V SUPPLY
3.6V SUPPLY
3V SUPPLY
Figure 10. Skew vs. Common-Mode Voltage, 25°C
3
2
1
0
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
VID (V)
VCC = 3.3V
TA = 25°C
fIN = 100MHz
2 CHANNELS SWITCHING
MAX PROP DELAY MEASURED,
tPHLD, tPLHD = 2.54ns
MAX SKEW MEASURED
|
tPLHD tPHLD | = 280ps
Figure 11. Typical Common-Mode Range Variation
with Respect to the Amplitude of the Differential Input


Similar Part No. - ADN4666

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4666 AD-ADN4666 Datasheet
593Kb / 12P
   LVDS and M-LVDS Circuit Implementation Guide
REV. 0
More results

Similar Description - ADN4666

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4668ARZ AD-ADN4668ARZ Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. A
ADN4668 AD-ADN4668 Datasheet
306Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. 0
ADN4668 AD-ADN4668_V01 Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
Rev. A
logo
Texas Instruments
DS90LV048A TI1-DS90LV048A_16 Datasheet
1Mb / 22P
[Old version datasheet]   3-V LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
   LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032QML TI1-DS90C032QML_13 Datasheet
722Kb / 19P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
DS90C032B TI1-DS90C032B Datasheet
1Mb / 16P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90C032 NSC-DS90C032_07 Datasheet
352Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032 NSC-DS90C032 Datasheet
231Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B Datasheet
160Kb / 9P
   LVDS Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com