Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

942L003M13-35P Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 942L003M13-35P
Description  Connector Savers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

942L003M13-35P Datasheet(HTML) 2 Page - Glenair, Inc.

  942L003M13-35P Datasheet HTML 1Page - Glenair, Inc. 942L003M13-35P Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
G-13
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
Sav-Con® Connector Savers
MIL-DTL-38999 Series I
C
D
N
A
B
FACE VIEW
RECEPTACLE
C
L
28° BSC
37°
BSC
100°
BSC
113
109
115
116
113
113
113
110
110
-
123
127
129
125
125
125
121
121
-
67
63
61
85
65
65
69
69
12
6
11
19
12
Insert
Arrangement
Dash No.
9-3
9-35
9-44
9-98
11-2
11-4
11-5
11-6
11-35
11-98
11-99
13-4
13-8
13-35
13-98
15-5
15-15
15-18
15-19
15-35
15-97
17-6
17-8
17-26
17-35
17-99
19-11
19-28
19-30
19-32
19-35
19-45
21-35
21-11
21-16
21-24
21-25
21-27
21-39
21-41
23-35
23-2
23-21
23-32
23-34
23-36
23-53
23-55
23-97
23-99
25-2
25-4
25-19
25-24
25-29
25-35
25-43
25-61
11
9
15
17
19
25
21
23
Shell
Size
Desig
22
6
4
13
22
37
55
66
67
79
100
85
100
128
20
3
3
4
5
6
6
7
8
10
14
18
19
8
26
21
26
29
32
24
25
27
37
41
32
34
36
53
55
48
23
61
16
2
4
5
1
4
8
2
11
2
1
16
2
21
16
11
8
12
29
20
Contact Size:
Quantity
45
95
77
81
75
74
77
77
77
80
80
Alternate Keyway
Positions
Insert Arrangements
13
MASTER KEY POSITION
NORMAL
100°
79°
66°
134°
121°


Similar Part No. - 942L003M13-35P

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
942L004M08G GLENAIR-942L004M08G Datasheet
385Kb / 2P
   Plug/Receptacle
942L004M08GP GLENAIR-942L004M08GP Datasheet
139Kb / 2P
   Connector Savers
942L004M08GS GLENAIR-942L004M08GS Datasheet
139Kb / 2P
   Connector Savers
942L004M10G GLENAIR-942L004M10G Datasheet
385Kb / 2P
   Plug/Receptacle
942L004M10GP GLENAIR-942L004M10GP Datasheet
139Kb / 2P
   Connector Savers
More results

Similar Description - 942L003M13-35P

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
940L004M08GP GLENAIR-940L004M08GP Datasheet
139Kb / 2P
   Connector Savers
941-021NF2520 GLENAIR-941-021NF2520 Datasheet
95Kb / 2P
   Connector Savers
941-011NF08S GLENAIR-941-011NF08S Datasheet
101Kb / 2P
   Connector Savers
941-005 GLENAIR-941-005 Datasheet
204Kb / 3P
   Connector Savers
233-213 GLENAIR-233-213 Datasheet
240Kb / 3P
   connector savers
801-091 GLENAIR-801-091 Datasheet
169Kb / 1P
   connector savers
941-003 GLENAIR-941-003 Datasheet
208Kb / 2P
   connector savers
940-025 GLENAIR-940-025 Datasheet
187Kb / 2P
   connector savers
941-021 GLENAIR-941-021 Datasheet
218Kb / 3P
   Connector Savers
940-014 GLENAIR-940-014 Datasheet
155Kb / 2P
   connector savers
941-011 GLENAIR-941-011 Datasheet
189Kb / 3P
   connector savers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com