Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

942L003M15-35P Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 942L003M15-35P
Description  Connector Savers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

942L003M15-35P Datasheet(HTML) 1 Page - Glenair, Inc.

  942L003M15-35P Datasheet HTML 1Page - Glenair, Inc. 942L003M15-35P Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
G-12
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
Metric Dimensions (mm) are indicated in parentheses.
B
EMI Ground Spring
Interfacial Seal
1.875
(45.9)
MAX
RECEPTACLE END
LOCK RING
(Optional)
PLUG END
A
Sav-Con® Connector Savers
MIL-DTL-38999 Series I
Series No.
Class
1 = Environmental
2 = Hi Rel
L = Lock Ring (Optional)
- = Standard
Basic Part No.
Finish Symbol
(See Page G-6)
*Add Modification Code 131 for Dry Lubricant on inside surfaces of Coupling Nut.
May not be suitable for space applications.
94 1 L 003 M 17-35 P A 131
Modification Code* (Omit for None)
Alternate Position
A, B, C, D (Omit for Normal)
P = Pins, Plug Side
S = Sockets, Plug Side
Insert Arrangement
Shell Size
Shell
Size
09
11
13
15
17
19
21
23
25
A
Max
.573 (14.6)
.701 (17.8)
.851 (21.6)
.976 (24.8)
1.101 (28.0)
1.208 (30.7)
1.333 (33.9)
1.458 (37.0)
1.583 (40.2)
B
Max
.910 (23.1)
1.035 (26.3)
1.210 (30.7)
1.330 (33.8)
1.455 (37.0)
1.570 (39.9)
1.695 (43.1)
1.800 (45.7)
1.925 (48.9)
TABLE I
Intermateable with the following
connectors:
PATT 616;
NFC C93-422 (HE308)


Similar Part No. - 942L003M15-35P

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
942L004M08G GLENAIR-942L004M08G Datasheet
385Kb / 2P
   Plug/Receptacle
942L004M08GP GLENAIR-942L004M08GP Datasheet
139Kb / 2P
   Connector Savers
942L004M08GS GLENAIR-942L004M08GS Datasheet
139Kb / 2P
   Connector Savers
942L004M10G GLENAIR-942L004M10G Datasheet
385Kb / 2P
   Plug/Receptacle
942L004M10GP GLENAIR-942L004M10GP Datasheet
139Kb / 2P
   Connector Savers
More results

Similar Description - 942L003M15-35P

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
940L004M08GP GLENAIR-940L004M08GP Datasheet
139Kb / 2P
   Connector Savers
941-021NF2520 GLENAIR-941-021NF2520 Datasheet
95Kb / 2P
   Connector Savers
941-011NF08S GLENAIR-941-011NF08S Datasheet
101Kb / 2P
   Connector Savers
941-005 GLENAIR-941-005 Datasheet
204Kb / 3P
   Connector Savers
233-213 GLENAIR-233-213 Datasheet
240Kb / 3P
   connector savers
801-091 GLENAIR-801-091 Datasheet
169Kb / 1P
   connector savers
941-003 GLENAIR-941-003 Datasheet
208Kb / 2P
   connector savers
940-025 GLENAIR-940-025 Datasheet
187Kb / 2P
   connector savers
941-021 GLENAIR-941-021 Datasheet
218Kb / 3P
   Connector Savers
940-014 GLENAIR-940-014 Datasheet
155Kb / 2P
   connector savers
941-011 GLENAIR-941-011 Datasheet
189Kb / 3P
   connector savers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com