Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MWDL-9S-5C4 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # MWDL-9S-5C4
Description  Micro-D Plastic Shell Uninsulated Wire Pigtails
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MWDL-9S-5C4 Datasheet(HTML) 1 Page - Glenair, Inc.

  MWDL-9S-5C4 Datasheet HTML 1Page - Glenair, Inc. MWDL-9S-5C4 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
K-6
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
N
P
hoW to oRDER MWD PLAstIC uNINsuLAtED WIRE PIGtAILs
series
Contact
Layout
Contact type
Wire Gage
(AWG)
Wire type
Wire Finish
Wire Length
Inches
Hardware
MWDL
MWD Series
(“L” designates
LCP
thermoplastic
housing)
9
15
21
25
31
37
51
P – Pin
s – Socket
4 – #24
5 – #25
6 – #26
C
Single Strand
Copper
3
Solder Dipped
(63/37 SnPb)
4
Gold-Plated
.125
.250
.375
.500
.750
1.000
2.000
Wire Length In
Inches. “.500”
Specifies Half Inch.
B
P
M
M1
s
s1
Sample Part Number
MWDL
– 31
P
– 5
C
4
– .250
B
Micro-D Plastic shell
uninsulated Wire Pigtails
Solder-Dipped or Gold Plated Wire – These connectors
feature TwistPin contacts and mil spec crimp
termination to solid copper wire. High temperature
liquid crystal polymer (LCP) housings are 30% glass-
filled.
Choose Gold Plated or Solder Dipped Wire in #24 AWG
(.020 inch diameter), #25 AWG (.018 inch diameter) or
#26 AWG (.016 inch diameter.
MWD Plastic Micro-D’s are non-environmental and are
smaller and lighter weight than metal shell versions.
MICRo-D MouNtING hARDWARE
B
P
M
M1
s
s1
thru-hole
Order Hardware
Separately
Jackpost
Removable
Includes Nut and
Washer
Jackscrew
Hex Head
Removable
E-ring
Jackscrew
Hex Head
Removable
E-ring
Extended
Jackscrew
Slot Head
Removable
E-ring
Jackscrew
Slot Head
Removable
E-ring
Extended


Similar Part No. - MWDL-9S-5C4

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWDL-9S-0E1-18B GLENAIR-MWDL-9S-0E1-18B Datasheet
389Kb / 2P
   Micro-D Plastic Shell Pre-Wired Pigtails, Insulated Wire
MWDL-9S-0E1-18M GLENAIR-MWDL-9S-0E1-18M Datasheet
389Kb / 2P
   Micro-D Plastic Shell Pre-Wired Pigtails, Insulated Wire
MWDL-9S-0E1-18M1 GLENAIR-MWDL-9S-0E1-18M1 Datasheet
389Kb / 2P
   Micro-D Plastic Shell Pre-Wired Pigtails, Insulated Wire
MWDL-9S-0E1-18P GLENAIR-MWDL-9S-0E1-18P Datasheet
389Kb / 2P
   Micro-D Plastic Shell Pre-Wired Pigtails, Insulated Wire
MWDL-9S-0E1-18S GLENAIR-MWDL-9S-0E1-18S Datasheet
389Kb / 2P
   Micro-D Plastic Shell Pre-Wired Pigtails, Insulated Wire
More results

Similar Description - MWDL-9S-5C4

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWDM1L-9P-4C3 GLENAIR-MWDM1L-9P-4C3 Datasheet
163Kb / 2P
   Micro-D Metal Shell MWDM Uninsulated Wire Pigtails
MWDL9S-6E5-18B GLENAIR-MWDL9S-6E5-18B Datasheet
389Kb / 2P
   Micro-D Plastic Shell Pre-Wired Pigtails, Insulated Wire
MWDL-9P-4K1-18 GLENAIR-MWDL-9P-4K1-18 Datasheet
391Kb / 2P
   Micro-D Plastic Shell
logo
ITT Industries
MDB1-9PH001P ITT-MDB1-9PH001P Datasheet
325Kb / 11P
   Micro-D Plastic Shell - .050 Contact Spacing
logo
Glenair, Inc.
240-03219PC GLENAIR-240-03219PC Datasheet
171Kb / 2P
   Micro-D Filter Connectors Pre-Wired Pigtails with Insulated Wire
MWDL-9PSB GLENAIR-MWDL-9PSB Datasheet
144Kb / 2P
   MWD Series Micro-D Plastic Shell Solder Cup
logo
Ulti-Mate Connector Inc
SD-836788012 ULTI-MATE-SD-836788012 Datasheet
191Kb / 1P
   MICRO-D CIRCUIT CONNECTOR, CB18R51-3S02, PLASTIC SHELL
7/6/20
SD-836778017 ULTI-MATE-SD-836778017 Datasheet
214Kb / 1P
   MICRO-D CIRCUIT CONNECTOR, CB18R51-3P07, PLASTIC SHELL
7/6/20
logo
Glenair, Inc.
MWDM2L-15P-4K5-12P GLENAIR-MWDM2L-15P-4K5-12P Datasheet
525Kb / 2P
   Micro-D MWDM Insulated Wire Metal Shell Connectors
MWDM1L-9P-4K GLENAIR-MWDM1L-9P-4K Datasheet
183Kb / 2P
   Micro-D Metal Shell MWDM Pre-Wired with Insulated Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com