Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP5020 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP5020
Description  Power Management Unit for Imaging Modules
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5020 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP5020 Datasheet HTML 3Page - Analog Devices ADP5020 Datasheet HTML 4Page - Analog Devices ADP5020 Datasheet HTML 5Page - Analog Devices ADP5020 Datasheet HTML 6Page - Analog Devices ADP5020 Datasheet HTML 7Page - Analog Devices ADP5020 Datasheet HTML 8Page - Analog Devices ADP5020 Datasheet HTML 9Page - Analog Devices ADP5020 Datasheet HTML 10Page - Analog Devices ADP5020 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ADP5020
Rev. 0 | Page 7 of
28
I2C TIMING SPECIFICATIONS
Table 6.
Parameter
Min
Max
Unit
Description
fSCL
400
kHz
SCL clock frequency
tHIGH
0.6
μs
SCL high time
tLOW
1.3
μs
SCL low time
tSU,DAT
100
ns
Data setup time
tHD,DAT1
0
0.9
μs
Data hold time
tSU,STA
0.6
μs
Setup time for repeated start
tHD,STA
0.6
μs
Hold time for start/repeated start
tBUF
1.3
μs
Bus free time between a stop condition and a start condition
tSU,STO
0.6
μs
Setup time for stop condition
tRISE
20 + 0.1CB
300
ns
Rise time of SCL/SDA
tFALL
20 + 0.1CB
300
ns
Fall time of SCL/SDA
tSP
0
50
ns
Pulse width of suppressed spike
CB2
400
pF
Capacitive load for each bus line
1 A master device must provide a hold time of at least 300 ns for the SDA signal (referred to the VIHMIN of the SCL signal) to bridge the undefined region of the SCL falling edge.
2 CB is the total capacitance of one bus line in picofarads (pF).
Timing Diagram
SDA
SCL
S
S = START CONDITION
Sr = START REPEATED CONDITION
P = STOP CONDITION
Sr
P
S
tLOW
tRISE
tSU,DAT
tHD,DAT
tHIGH
tFALL
tFALL
tSU,STA
tHD,STA
tSP tRISE
tSU,STO
tBUF
Figure 3. I2C Interface Timing Diagram


Similar Part No. - ADP5020

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
ADP5020CP-EVALZ APEX-ADP5020CP-EVALZ Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
More results

Similar Description - ADP5020

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA9635 ETA-ETA9635 Datasheet
122Kb / 1P
   Power Management Unit for Power Banks
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
   Power Management Unit
logo
Texas Instruments
TPS65917-Q1 TI1-TPS65917-Q1 Datasheet
770Kb / 12P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_17 Datasheet
1Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
logo
STMicroelectronics
L6382D STMICROELECTRONICS-L6382D_07 Datasheet
297Kb / 22P
   Power management unit for microcontrolled ballast
L6382D STMICROELECTRONICS-L6382D Datasheet
256Kb / 14P
   Power management unit for microcontrolled ballast
logo
ams AG
AS3653 AMSCO-AS3653 Datasheet
140Kb / 2P
   Power Management Unit for Mobile Phones
logo
Texas Instruments
TPS65919-Q1 TI1-TPS65919-Q1_17 Datasheet
2Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1_017 TI1-TPS65917-Q1_017 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
logo
STMicroelectronics
L6382D5 STMICROELECTRONICS-L6382D5 Datasheet
263Kb / 21P
   Power management unit for microcontrolled ballast
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com