Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7410TRZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADT7410TRZ
Description  짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7410TRZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADT7410TRZ Datasheet HTML 6Page - Analog Devices ADT7410TRZ Datasheet HTML 7Page - Analog Devices ADT7410TRZ Datasheet HTML 8Page - Analog Devices ADT7410TRZ Datasheet HTML 9Page - Analog Devices ADT7410TRZ Datasheet HTML 10Page - Analog Devices ADT7410TRZ Datasheet HTML 11Page - Analog Devices ADT7410TRZ Datasheet HTML 12Page - Analog Devices ADT7410TRZ Datasheet HTML 13Page - Analog Devices ADT7410TRZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADT7410
Rev. 0 | Page 10 of 24
ONE-SHOT MODE
Setting Bit 5 to 1 and Bit 6 to 0 of the configuration register
(Register Address 0x03) enables the one-shot mode. When
this mode is enabled, the ADT7410 immediately completes a
conversion and then goes into shutdown mode.
Wait for a minimum of 240 ms after writing to the one-shot
bits before reading back the temperature from the temperature
value register. This time ensures that the ADT7410 has time to
power up and complete a conversion.
The one-shot mode is useful when one of the circuit design
priorities is to reduce power consumption.
1 SPS MODE
In this mode, the part performs one measurement per second.
A conversion takes only 60 ms, and it remains in the idle state
for the remaining 940 ms period. This mode is enabled by
writing 0 to Bit 5 and 1 to Bit 6 of the configuration register
(Register Address 0x03).
CT and INT Operation in One-Shot Mode
See Figure 13 for more information on one-shot CT pin
operation for TCRIT overtemperature events when one of the
limits is exceeded. Note that in interrupt mode, a read from
any register resets the INT and CT pins.
For the INT pin in the comparator mode, if the temperature
drops below the THIGH – THYST value or goes above the TLOW +
THYST value, a write to the one-shot bits (Bit 5 and Bit 6 of the
configuration register, Register Address 0x03) resets the INT pin.
For the CT pin in the comparator mode, if the temperature
drops below the TCRIT – THYST value, a write to the one-shot
bits (Bit 5 and Bit 6 of the configuration register, Register
Address 0x03) resets the CT pin. See Figure 13.
Note that when using one-shot mode, ensure that the refresh
rate is appropriate to the application being used.
TEMPERATURE
149°C
148°C
147°C
146°C
145°C
144°C
143°C
142°C
141°C
140°C
CT PIN
POLARITY = ACTIVE LOW
CT PIN
POLARITY = ACTIVE HIGH
TCRIT
TCRIT – THYST
TIME
*THERE IS A 240ms DELAY BETWEEN WRITING TO THE CONFIGURATION REGISTER TO START
A STANDARD ONE-SHOT CONVERSION AND THE CT PIN GOING ACTIVE. THIS IS DUE TO THE
CONVERSION TIME. THE DELAY IS 60ms IN THE CASE OF A 1 SPS CONVERSION.
WRITE TO
BIT 5 AND BIT 6 OF
CONFIGURATION
REGISTER.*
WRITE TO
BIT 5 AND BIT 6 OF
CONFIGURATION
REGISTER.*
WRITE TO
BIT 5 AND BIT 6 OF
CONFIGURATION
REGISTER.*
Figure 13. One-Shot CT Pin


Similar Part No. - ADT7410TRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7410TRZ AD-ADT7410TRZ Datasheet
487Kb / 25P
   16-Bit Digital I2C Temperature Sensor
ADT7410TRZ-REEL AD-ADT7410TRZ-REEL Datasheet
487Kb / 25P
   16-Bit Digital I2C Temperature Sensor
ADT7410TRZ-REEL7 AD-ADT7410TRZ-REEL7 Datasheet
487Kb / 25P
   16-Bit Digital I2C Temperature Sensor
More results

Similar Description - ADT7410TRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7310 AD-ADT7310 Datasheet
455Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
logo
ATMEL Corporation
AT30TS01 ATMEL-AT30TS01 Datasheet
850Kb / 30P
   짹0.5째C Accurate, 1.7V Digital Temperature Sensor
logo
Analog Devices
ADT7420 AD-ADT7420_12 Datasheet
419Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
ADT7420 AD-ADT7420 Datasheet
384Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
Rev. PrA
logo
ATMEL Corporation
AT30TS75 ATMEL-AT30TS75 Datasheet
309Kb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TS75A ATMEL-AT30TS75A Datasheet
1Mb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
logo
Maxim Integrated Produc...
MAX30208 MAXIM-MAX30208 Datasheet
739Kb / 29P
   -0.1C Accurate, I2C Digital Temperature Sensor
Rev 1; 5/20
logo
Analog Devices
ADT7410 AD-ADT7410_17 Datasheet
487Kb / 25P
   16-Bit Digital I2C Temperature Sensor
logo
ATMEL Corporation
AT30TSE752A ATMEL-AT30TSE752A_14 Datasheet
1Mb / 57P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
logo
Analog Devices
ADT7320 AD-ADT7320 Datasheet
275Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com