Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM3210 Datasheet(PDF) 3 Page - Analog Devices

Part # ADUM3210
Description  Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM3210 Datasheet(HTML) 3 Page - Analog Devices

  ADUM3210_09 Datasheet HTML 1Page - Analog Devices ADUM3210_09 Datasheet HTML 2Page - Analog Devices ADUM3210_09 Datasheet HTML 3Page - Analog Devices ADUM3210_09 Datasheet HTML 4Page - Analog Devices ADUM3210_09 Datasheet HTML 5Page - Analog Devices ADUM3210_09 Datasheet HTML 6Page - Analog Devices ADUM3210_09 Datasheet HTML 7Page - Analog Devices ADUM3210_09 Datasheet HTML 8Page - Analog Devices ADUM3210_09 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADuM3210/ADuM3211
Rev. C | Page 3 of 20
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—5 V, 105° OPERATION
All typical specifications are at TA = 25°C, VDD1 = VDD2 = 5 V. Minimum/maximum specifications apply over the entire recommended
operation range: 4.5 V ≤ VDD1 ≤ 5.5 V, 4.5 V ≤ VDD2 ≤ 5.5 V, and −40°C ≤ TA ≤ +105°C, unless otherwise noted. Switching specifications
are tested with CL = 15 pF and CMOS signal levels, unless otherwise noted.
Table 1.
Parameter
Symbol
A Grade
B Grade
Unit
Test Conditions
Min
Typ
Max
Min
Typ
Max
SWITCHING SPECIFICATIONS
Data Rate
1
10
Mbps
Within PWD limit
Propagation Delay
tPHL, tPLH
20
50
20
50
ns
50% input to 50% output
Pulse Width Distortion
PWD
5
3
ns
|tPLH − tPHL|
Change vs. Temperature
6
5
ps/°C
Pulse Width
PW
1000
100
ns
Within PWD limit
Propagation Delay Skew
tPSK
20
15
ns
Between any two units
Channel Matching
Codirectional
tPSKCD
5
3
ns
Opposing-Direction
tPSKOD
20
15
ns
Output Rise/Fall Time
tR/tF
2.5
2.5
ns
10% to 90%
Table 2.
Parameter
Symbol
1 Mbps—A Grade, B Grade
10 Mbps–B Grade
Unit
Test Conditions
Min
Typ
Max
Min
Typ
Max
SUPPLY CURRENT
ADuM3210
IDD1
1.3
1.7
3.5
4.6
mA
IDD2
1.0
1.6
1.7
2.8
mA
ADuM3211
IDD1
1.1
1.5
2.6
3.4
mA
IDD2
1.3
1.8
3.1
4.0
mA
Table 3. For All Models
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DC SPECIFICATIONS
Logic High Input Threshold
VIH
0.7 VDDX
V
Logic Low Input Threshold
VIL
0.3 VDDX
V
Logic High Output Voltages
VOH
VDDX − 0.1
5.0
V
IOx = −20 μA, VIx = VIxH
VDDX − 0.5
4.8
V
IOx = −4 mA, VIx = VIxH
Logic Low Output Voltages
VOL
0.0
0.1
V
IOx = 20 μA, VIx = VIxL
0.2
0.4
V
IOx = 4 mA, VIx = VIxL
Input Current per Channel
II
−10
+0.01
+10
μA
0 V ≤ VIx ≤ VDDX
Supply Current per Channel
Quiescent Input Supply Current
IDDI(Q)
0.4
0.8
mA
Quiescent Output Supply Current
IDDO(Q)
0.5
0.6
mA
Dynamic Input Supply Current
IDDI(D)
0.19
mA/Mbps
Dynamic Output Supply Current
IDDO(D)
0.05
mA/Mbps
AC SPECIFICATIONS
Common-Mode Transient Immunity1
|CM|
25
35
kV/μs
VIx = VDDX, VCM = 1000 V,
transient magnitude = 800 V
Refresh Rate
fr
1.2
Mbps
1 |CM| is the maximum common-mode voltage slew rate that can be sustained while maintaining VO > 0.8 VDD. The common-mode voltage slew rates apply to both
rising and falling common-mode voltage edges.


Similar Part No. - ADUM3210_09

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM3210ARZ AD-ADuM3210ARZ Datasheet
390Kb / 20P
   Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
Rev. E
ADuM3210ARZ-RL7 AD-ADuM3210ARZ-RL7 Datasheet
390Kb / 20P
   Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
Rev. E
ADUM3210BRZ AD-ADUM3210BRZ Datasheet
478Kb / 20P
   Dual-Channel Digital Isolator, Enhanced System-Level ESD Reliability
REV. A
ADuM3210BRZ AD-ADuM3210BRZ Datasheet
390Kb / 20P
   Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
Rev. E
ADUM3210BRZ-RL7 AD-ADUM3210BRZ-RL7 Datasheet
478Kb / 20P
   Dual-Channel Digital Isolator, Enhanced System-Level ESD Reliability
REV. A
More results

Similar Description - ADUM3210_09

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3200CRZ AD-ADUM3200CRZ Datasheet
467Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. C
ADUM3210 AD-ADUM3210_11 Datasheet
390Kb / 20P
   Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
Rev. E
ADUM3201 AD-ADUM3201_15 Datasheet
449Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. D
ADUM3200 AD-ADUM3200_15 Datasheet
449Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. D
ADUM3200 AD-ADUM3200 Datasheet
525Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. 0
ADUM3401 AD-ADUM3401_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3400 AD-ADUM3400_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3402 AD-ADUM3402_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3400 AD-ADUM3400 Datasheet
519Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. 0
ADUM3300 AD-ADUM3300_15 Datasheet
386Kb / 20P
   Triple-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com