Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7410TRZ-REEL Datasheet(PDF) 4 Page - Analog Devices

Part # ADT7410TRZ-REEL
Description  짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7410TRZ-REEL Datasheet(HTML) 4 Page - Analog Devices

  ADT7410TRZ-REEL Datasheet HTML 1Page - Analog Devices ADT7410TRZ-REEL Datasheet HTML 2Page - Analog Devices ADT7410TRZ-REEL Datasheet HTML 3Page - Analog Devices ADT7410TRZ-REEL Datasheet HTML 4Page - Analog Devices ADT7410TRZ-REEL Datasheet HTML 5Page - Analog Devices ADT7410TRZ-REEL Datasheet HTML 6Page - Analog Devices ADT7410TRZ-REEL Datasheet HTML 7Page - Analog Devices ADT7410TRZ-REEL Datasheet HTML 8Page - Analog Devices ADT7410TRZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADT7410
Rev. 0 | Page 4 of 24
I2C TIMING SPECIFICATIONS
TA = −55°C to +150°C, VDD = 2.7 V to 5.5 V, unless otherwise noted. All input signals are specified with rise time (tR) = fall time (tF) = 5 ns
(10% to 90% of VDD) and timed from a voltage level of 1.6 V.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SERIAL INTERFACE1, 2
See Figure 2
SCL Frequency
0
400
kHz
SCL High Pulse Width, tHIGH
0.6
μs
SCL Low Pulse Width, tLOW
1.3
μs
SCL, SDA Rise Time, tR
0.3
μs
SCL, SDA Fall Time, tF
0.3
μs
Hold Time (Start Condition), tHD;STA
0.6
μs
After this period, the first clock is generated
Setup Time (Start Condition), tSU;STA
0.6
μs
Relevant for repeated start condition
Data Setup Time, tSU;DAT
0.25
μs
VDD ≥ 3.0 V
0.35
μs
VDD < 3.0 V
Setup Time (Stop Condition), tSU;STO
0.6
μs
Data Hold Time, tHD;DAT (Master)
0
μs
Bus-Free Time (Between Stop and Start Condition), tBUF
1.3
μs
1 Sample tested during initial release to ensure compliance.
2 All input signals are specified with input rise/fall times = 3 ns, measured between the 10% and 90% points. Timing reference points at 50% for inputs and outputs.
Output load = 10 pF.
Timing Diagram
P
S
tLOW
tR
tF
tHD:STA
tHD:DAT
tSU:DAT
tSU:STA
tHD:STA
tSU:STO
tHIGH
SCL
PS
SDA
tBUF
Figure 2. Serial Interface Timing Diagram


Similar Part No. - ADT7410TRZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7410TRZ-REEL AD-ADT7410TRZ-REEL Datasheet
487Kb / 25P
   16-Bit Digital I2C Temperature Sensor
ADT7410TRZ-REEL7 AD-ADT7410TRZ-REEL7 Datasheet
487Kb / 25P
   16-Bit Digital I2C Temperature Sensor
More results

Similar Description - ADT7410TRZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7310 AD-ADT7310 Datasheet
455Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
logo
ATMEL Corporation
AT30TS01 ATMEL-AT30TS01 Datasheet
850Kb / 30P
   짹0.5째C Accurate, 1.7V Digital Temperature Sensor
logo
Analog Devices
ADT7420 AD-ADT7420_12 Datasheet
419Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
ADT7420 AD-ADT7420 Datasheet
384Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
Rev. PrA
logo
ATMEL Corporation
AT30TS75 ATMEL-AT30TS75 Datasheet
309Kb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TS75A ATMEL-AT30TS75A Datasheet
1Mb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
logo
Maxim Integrated Produc...
MAX30208 MAXIM-MAX30208 Datasheet
739Kb / 29P
   -0.1C Accurate, I2C Digital Temperature Sensor
Rev 1; 5/20
logo
Analog Devices
ADT7410 AD-ADT7410_17 Datasheet
487Kb / 25P
   16-Bit Digital I2C Temperature Sensor
logo
ATMEL Corporation
AT30TSE752A ATMEL-AT30TSE752A_14 Datasheet
1Mb / 57P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
logo
Analog Devices
ADT7320 AD-ADT7320 Datasheet
275Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com