Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM4400 Datasheet(PDF) 11 Page - Analog Devices

Part # ADUM4400
Description  5 kV RMS Quad-Channel Digital Isolators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM4400 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADUM4400 Datasheet HTML 7Page - Analog Devices ADUM4400 Datasheet HTML 8Page - Analog Devices ADUM4400 Datasheet HTML 9Page - Analog Devices ADUM4400 Datasheet HTML 10Page - Analog Devices ADUM4400 Datasheet HTML 11Page - Analog Devices ADUM4400 Datasheet HTML 12Page - Analog Devices ADUM4400 Datasheet HTML 13Page - Analog Devices ADUM4400 Datasheet HTML 14Page - Analog Devices ADUM4400 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADuM4400/ADuM4401/ADuM4402
Rev. 0 | Page 11 of 20
VDD1 1
GND1 2
VIA 3
VIB 4
VDD2
16
GND2
15
VOA
14
VOB
13
VIC 5
VOC
12
VOD 6
VID
11
VE1 7
VE2
10
GND1 8
GND2
9
ADuM4401
TOP VIEW
(Not to Scale)
NOTES
1. PIN 2 AND PIN 8 ARE INTERNALLY CONNECTED,
AND CONNECTING BOTH TO GND1 IS RECOMMENDED.
2. PIN 9 AND PIN 15 ARE INTERNALLY CONNECTED,
AND CONNECTING BOTH TO GND2 IS RECOMMENDED.
Figure 6. ADuM4401 Pin Configuration
Table 22. ADuM4401 Pin Function Descriptions
Pin No.
Mnemonic Description
1
VDD1
Supply Voltage for Isolator Side 1, 2.7 V to 5.5 V.
2
GND1
Ground 1. Ground reference for isolator Side 1.
3
VIA
Logic Input A.
4
VIB
Logic Input B.
5
VIC
Logic Input C.
6
VOD
Logic Output D.
7
VE1
Output Enable. Active high logic input. VOx Side 1 outputs are enabled when VE1 is high or disconnected. VOX Side 1
outputs are disabled when VE1 is low. In noisy environments, connecting VE1 to an external logic high or low is
recommended.
8
GND1
Ground 1. Ground reference for isolator Side 1.
9
GND2
Ground 2. Ground reference for isolator Side 2.
10
VE2
Output Enable 2. Active high logic input. VOx outputs on Side 2 are enabled when VE2 is high or disconnected.
VOx Side 2 outputs are disabled when VE2 is low. In noisy environments, connecting VE2 to an external logic high or low
is recommended.
11
VID
Logic Input D.
12
VOC
Logic Output C.
13
VOB
Logic Output B.
14
VOA
Logic Output A.
15
GND2
Ground 2. Ground reference for isolator Side 2.
16
VDD2
Supply Voltage for Isolator Side 2, 2.7 V to 5.5 V.


Similar Part No. - ADUM4400

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM4400 AD-ADuM4400 Datasheet
503Kb / 5P
   Devices Connected
More results

Similar Description - ADUM4400

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM7440 AD-ADUM7440_11 Datasheet
323Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. B
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM240D AD-ADUM240D Datasheet
496Kb / 24P
   5.0 kV rms Quad Digital Isolators
ADUM2280 AD-ADUM2280 Datasheet
533Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
ADUM2280 AD-ADUM2280_V01 Datasheet
441Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
Rev. A
ADUM3480 AD-ADUM3480 Datasheet
339Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
REV. 0
ADUM3480 AD-ADUM3480_V01 Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com