Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM4160BRWZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADuM4160BRWZ
Description  Full/Low Speed USB Digital Isolator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM4160BRWZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADuM4160BRWZ Datasheet HTML 3Page - Analog Devices ADuM4160BRWZ Datasheet HTML 4Page - Analog Devices ADuM4160BRWZ Datasheet HTML 5Page - Analog Devices ADuM4160BRWZ Datasheet HTML 6Page - Analog Devices ADuM4160BRWZ Datasheet HTML 7Page - Analog Devices ADuM4160BRWZ Datasheet HTML 8Page - Analog Devices ADuM4160BRWZ Datasheet HTML 9Page - Analog Devices ADuM4160BRWZ Datasheet HTML 10Page - Analog Devices ADuM4160BRWZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADuM4160
Rev. A | Page 7 of 16
ABSOLUTE MAXIMUM RATINGS
Ambient temperature = 25°C, unless otherwise noted.
Table 7.
Parameter
Rating
Storage Temperature (TST)
−65°C to +150°C
Ambient Operating Temperature (TA)
−40°C to +105°C
Supply Voltages (VBUS1, VBUS2, VDD1,
VDD2)1
−0.5 V to +6.5 V
Input Voltage
(VUD+,VUD−, VSPU)1, 2
−0.5 V to VDDI + 0.5 V
Output Voltage
(VDD−, VDD+, VSPD, VPIN)1, 2
−0.5 V to VDDO + 0.5 V
Average Output Current per Pin3
Side 1 (IO1)
−10 mA to +10 mA
Side 2 (IO2)
−10 mA to +10 mA
Common-Mode Transients4
−100 kV/μs to +100 kV/μs
1 All voltages are relative to their respective ground.
2 VDDI, VBUS1, and VDD2, VBUS2 refer to the supply voltages on the upstream and
downstream sides of the coupler, respectively.
3 See
for maximum rated current values for various temperatures.
Figure 2
4 Refers to common-mode transients across the insulation barrier. Common-
mode transients exceeding the absolute maximum ratings may cause latch-
up or permanent damage.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 8. Maximum Continuous Working Voltage1
Parameter
Max
Unit
Constraint
AC Voltage, Bipolar
Waveform
537
V peak
50-year minimum
lifetime
AC Voltage, Unipolar
Waveform
Basic Insulation
848
V peak
Maximum approved
working voltage per
IEC 60950-1
Reinforced Insulation
537
V peak
Maximum approved
working voltage per
IEC 60950-1
DC Voltage
Basic Insulation
848
V peak
Maximum approved
working voltage per
IEC 60950-1
Reinforced Insulation
537
V peak
Maximum approved
working voltage per
IEC 60950-1
1 Refers to continuous voltage magnitude imposed across the isolation
barrier. See the Insulation Lifetime section for more details.
ESD CAUTION


Similar Part No. - ADuM4160BRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM4160BRWZ AD-ADuM4160BRWZ Datasheet
262Kb / 16P
   Full/Low Speed 5 kV USB Digital Isolator
REV. C
ADuM4160BRWZ AD-ADuM4160BRWZ Datasheet
425Kb / 14P
   Full/Low Speed USB Digital Isolator
Rev. Pr F
ADUM4160BRWZ AD-ADUM4160BRWZ Datasheet
288Kb / 16P
   Full/Low Speed 5 kV USB Digital Isolator
Rev. D
ADuM4160BRWZ-RL AD-ADuM4160BRWZ-RL Datasheet
262Kb / 16P
   Full/Low Speed 5 kV USB Digital Isolator
REV. C
ADUM4160BRWZ-RL AD-ADUM4160BRWZ-RL Datasheet
288Kb / 16P
   Full/Low Speed 5 kV USB Digital Isolator
Rev. D
More results

Similar Description - ADuM4160BRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4160 AD-ADUM4160 Datasheet
425Kb / 14P
   Full/Low Speed USB Digital Isolator
Rev. Pr F
ADUM3160 AD-ADUM3160 Datasheet
263Kb / 16P
   Full/Low Speed 2.5 kV USB Digital Isolator
REV. A
ADUM4160 AD-ADUM4160_10 Datasheet
262Kb / 16P
   Full/Low Speed 5 kV USB Digital Isolator
REV. C
ADUM3160 AD-ADUM3160_V01 Datasheet
317Kb / 16P
   Full/Low Speed 2.5 kV USB Digital Isolator
Rev. C
ADUM4160 AD-ADUM4160_V01 Datasheet
288Kb / 16P
   Full/Low Speed 5 kV USB Digital Isolator
Rev. D
logo
Agere Systems
USS810 AGERE-USS810 Datasheet
238Kb / 14P
   USB 2.0 Full-Speed/Low-Speed Transceiver
logo
List of Unclassifed Man...
IL710 ETC1-IL710 Datasheet
149Kb / 7P
   High Speed Digital Isolator
logo
Rohm
BM67221FV-C ROHM-BM67221FV-C Datasheet
2Mb / 28P
   High Speed Digital Isolator
logo
Feeling Technology Corp...
FM8PU86LV FEELING-FM8PU86LV Datasheet
1Mb / 40P
   Low Power Full-Speed USB Controller
FM8PU86LK FEELING-FM8PU86LK Datasheet
861Kb / 36P
   Full-Speed USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com