Electronic Components Datasheet Search |
|
ADUM6400 Datasheet(PDF) 8 Page - Analog Devices |
|
ADUM6400 Datasheet(HTML) 8 Page - Analog Devices |
8 / 24 page ADuM6400/ADuM6401/ADuM6402/ADuM6403/ADuM6404 Rev. 0 | Page 8 of 24 PACKAGE CHARACTERISTICS Table 14. Thermal and Isolation Characteristics Parameter Symbol Min Typ Max Unit Test Conditions Resistance (Input to Output)1 RI-O 1012 Ω Capacitance (Input to Output)1 CI-O 2.2 pF f = 1 MHz Input Capacitance2 CI 4.0 pF IC Junction to Ambient Thermal Resistance θJA 45 °C/W Thermocouple located at center of package underside, test conducted on 4-layer board with thin traces3 1 The device is considered a 2-terminal device: Pin 1 to Pin 8 are shorted together; and Pin 9 to Pin 16 are shorted together. 2 Input capacitance is from any input data pin to ground. 3 See the section for thermal model definitions. Thermal Analysis REGULATORY APPROVALS Table 15. UL (Pending)1 CSA VDE (Pending)2 Recognized under 1577 component recognition program1 Approved under CSA Component Acceptance Notice #5A Certified according to DIN V VDE V 0884-10 (VDE V 0884-10):2006-123 5000 V rms isolation voltage double protection Reinforced insulation per CSA 60950-1-03 and IEC 60950-1, 600 V rms (848 V peak) maximum working voltage Reinforced insulation, 846 V peak Reinforced insulation per IEC 60601-1 250 V rms (353 V peak) maximum working voltage File E214100 File 205078 File 2471900-4880-0001 1 In accordance with UL 1577, each ADuM640x is proof tested by applying an insulation test voltage ≥ 6000 V rms for 1 second (current leakage detection limit = 10 μA). 2 In accordance with DIN EN 60747-5-2, each ADuM640x is proof tested by applying an insulation test voltage ≥ 1590 V peak for 1 second (partial discharge detection limit = 5 pC). 3 In accordance with DIN V VDE V 0884-10, each ADuM640x is proof tested by applying an insulation test voltage ≥1590 V peak for 1 second (partial discharge detection limit = 5 pC). The * marking branded on the component designates DIN V VDE V 0884-10 approval. INSULATION AND SAFETY-RELATED SPECIFICATIONS Table 16. Critical Safety-Related Dimensions and Material Properties Parameter Symbol Value Unit Test Conditions/Comments Rated Dielectric Insulation Voltage 5000 V rms 1-minute duration Minimum External Air Gap (Clearance) L(I01) 7.6 mm Measured from input terminals to output terminals, shortest distance through air Minimum External Tracking (Creepage) L(I02) >8.0 mm Measured from input terminals to output terminals, shortest distance path along body Minimum Internal Gap (Internal Clearance) 0.017 min mm Distance through insulation Tracking Resistance (Comparative Tracking Index) CTI >400 V IEC 60112 Isolation Group II Material group (DIN VDE 0110, 1/89, Table 1) |
Similar Part No. - ADUM6400 |
|
Similar Description - ADUM6400 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |