Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADUM4160EBZ Datasheet(PDF) 10 Page - Analog Devices

Part # EVAL-ADUM4160EBZ
Description  Full/Low Speed USB Digital Isolator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADUM4160EBZ Datasheet(HTML) 10 Page - Analog Devices

Back Button EVAL-ADUM4160EBZ Datasheet HTML 6Page - Analog Devices EVAL-ADUM4160EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADUM4160EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADUM4160EBZ Datasheet HTML 9Page - Analog Devices EVAL-ADUM4160EBZ Datasheet HTML 10Page - Analog Devices EVAL-ADUM4160EBZ Datasheet HTML 11Page - Analog Devices EVAL-ADUM4160EBZ Datasheet HTML 12Page - Analog Devices EVAL-ADUM4160EBZ Datasheet HTML 13Page - Analog Devices EVAL-ADUM4160EBZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADuM4160
Rev. A | Page 10 of 16
APPLICATIONS INFORMATION
FUNCTIONAL DESCRIPTION
USB isolation in the D+/D− lines is challenging for several
reasons. First, access to the output enable signals is normally
required to control a transceiver. Some level of intelligence must
be built into the isolator to interpret the data stream and
determine when to enable and disable its upstream and down-
stream output buffers. Second, the signal must be faithfully
reconstructed on the output side of the coupler while retaining
precise timing and not passing transient states such as invalid
SE0 and SE1 states. In addition, the part must meet the low
power requirements of the suspend mode.
The iCoupler technology is based on edge detection, and,
therefore, lends itself well to the USB application. The flow of
data through the device is accomplished by monitoring the
inputs for activity and setting the direction for data transfer
based on a transition from the idle (J) state. When data
direction is established, data is transferred until either an end-
of-packet (EOP) or a sufficiently long idle state is encountered.
At this point, the coupler disables its output buffers and
monitors its inputs for the next activity
During the data transfers, the input side of the coupler holds its
output buffers disabled. The output side enables its output buffers
and disables edge detection from the input buffers. This allows
the data to flow in one direction without wrapping back through
the coupler making the iCoupler latch. Logic is included to
eliminate any artifacts due to different input thresholds of the
differential and single-ended buffers. The input state is transferred
across the isolation barrier as one of three valid states, J, K, or
SE0. The signal is reconstructed at the output side with a fixed
time delay from the input side differential input.
The iCoupler does not have a special suspend mode, nor does it
need one because its power supply current is below the suspend
current limit of 2.5 mA when the USB bus is idle.
The ADuM4160 is designed to interface with an upstream
facing low/full speed USB port by isolating the D+/D− lines.
An upstream facing port supports only one speed of operation,
thus, the speed related parameters, J/K logic levels, and D+/D−
slew rate are set to match the speed of the upstream facing
peripheral port (see Table 10).
A control line on the downstream side of the ADuM4160 activates
a pull-up resistor integrated into the upstream side. This allows
the downstream port to control when the upstream port attaches
to the USB bus. The pin can be tied to the peripheral pull-up, a
control line, or the VDD2 pin, depending on when the initial bus
connect is to be performed.
PRODUCT USAGE
The ADuM4160 is designed to be integrated into a USB
peripheral with an upstream facing USB port as shown in
Figure 4. The key design points are:
1.
The USB host provides power for the upstream side of the
ADuM4160 through the cable.
2.
The peripheral supply provides power to the downstream
side of the ADuM4160
3.
The DD+/DD− lines of the isolator interface with the
peripheral controller, and the UD+/UD− lines of the
isolator connect to the cable or host.
4.
Peripheral devices have a fixed data rate that is set at design
time. The ADuM4160 has configuration pins, SPU and
SPD, that determine the buffer speed and logic convention
for each side. These must be set identically and match the
desired peripheral speed.
5.
USB enumeration begins when either the UD+ or UD−
line is pulled high at the peripheral end of the USB cable,
which is the upstream side of the ADuM4160. Control of
the timing of this event is provided by the PIN input on the
downstream side of the coupler.
6.
Pull-up and pull-down resistors are implemented inside
the coupler. Only external series resistors and bypass
capacitors are required for operation.
USB
HOST
ADuM4160
VBUS1
VBUS2
DD+
DD–
GND1
DD+
3.3V
VDD2
DD–
PIN
MICRO-
CONTROLLER
POWER
SUPPLY
PERIPHERAL
Figure 4. Typical Application
Other than the delayed application of pull-up resistors, the
ADuM4160 is transparent to USB traffic, and no modifications
to the peripheral design are required to provide isolation. The
isolator adds propagation delay to the signals comparable to a
hub and cable. Isolated peripherals must be treated as if there
were a built-in hub when determining the maximum number of
hubs in a data chain.
Hubs can be isolated like any other peripheral. Isolated hubs
can be created by placing an ADuM4160 on the upstream port
of a hub chip. This configuration can be made compliant if
counted as two hub delays. The hub chip allows the ADuM4160
to operate at full speed yet maintains compatibility with low
speed devices.


Similar Part No. - EVAL-ADUM4160EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADUM4160EBZ AD-EVAL-ADUM4160EBZ Datasheet
262Kb / 16P
   Full/Low Speed 5 kV USB Digital Isolator
REV. C
EVAL-ADUM4160EBZ AD-EVAL-ADUM4160EBZ Datasheet
425Kb / 14P
   Full/Low Speed USB Digital Isolator
Rev. Pr F
EVAL-ADUM4160EBZ AD-EVAL-ADUM4160EBZ Datasheet
263Kb / 16P
   Full/Low Speed 2.5 kV USB Digital Isolator
REV. A
EVAL-ADUM4160EBZ AD-EVAL-ADUM4160EBZ Datasheet
317Kb / 16P
   Full/Low Speed 2.5 kV USB Digital Isolator
Rev. C
EVAL-ADUM4160EBZ AD-EVAL-ADUM4160EBZ Datasheet
288Kb / 16P
   Full/Low Speed 5 kV USB Digital Isolator
Rev. D
More results

Similar Description - EVAL-ADUM4160EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4160 AD-ADUM4160 Datasheet
425Kb / 14P
   Full/Low Speed USB Digital Isolator
Rev. Pr F
ADUM3160 AD-ADUM3160 Datasheet
263Kb / 16P
   Full/Low Speed 2.5 kV USB Digital Isolator
REV. A
ADUM4160 AD-ADUM4160_10 Datasheet
262Kb / 16P
   Full/Low Speed 5 kV USB Digital Isolator
REV. C
ADUM3160 AD-ADUM3160_V01 Datasheet
317Kb / 16P
   Full/Low Speed 2.5 kV USB Digital Isolator
Rev. C
ADUM4160 AD-ADUM4160_V01 Datasheet
288Kb / 16P
   Full/Low Speed 5 kV USB Digital Isolator
Rev. D
logo
Agere Systems
USS810 AGERE-USS810 Datasheet
238Kb / 14P
   USB 2.0 Full-Speed/Low-Speed Transceiver
logo
List of Unclassifed Man...
IL710 ETC1-IL710 Datasheet
149Kb / 7P
   High Speed Digital Isolator
logo
Rohm
BM67221FV-C ROHM-BM67221FV-C Datasheet
2Mb / 28P
   High Speed Digital Isolator
logo
Feeling Technology Corp...
FM8PU86LV FEELING-FM8PU86LV Datasheet
1Mb / 40P
   Low Power Full-Speed USB Controller
FM8PU86LK FEELING-FM8PU86LK Datasheet
861Kb / 36P
   Full-Speed USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com