Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMR7590C-15P2BB Datasheet(PDF) 2 Page - Glenair, Inc.

Part # GMR7590C-15P2BB
Description  Right Angle Mount Micro-D Connectors Compact Flange
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

GMR7590C-15P2BB Datasheet(HTML) 2 Page - Glenair, Inc.

  GMR7590C-15P2BB Datasheet HTML 1Page - Glenair, Inc. GMR7590C-15P2BB Datasheet HTML 2Page - Glenair, Inc. GMR7590C-15P2BB Datasheet HTML 3Page - Glenair, Inc. GMR7590C-15P2BB Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
C-33
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
N
P
GMR7590C CoNNECtoR DIMENSIoNS
Layout
A Max.
B
C Max.
D Max.
E Max.
F
G Max.
H
In.
mm.
In .
± .005
mm.
± 0.13
In .
mm.
In .
mm.
In.
mm.
In .
± .003
mm.
± 0.08
In.
mm.
In.
± .010
mm.
±0.25
9P
.785 19.94
.565
14.35 .335
8.51
.185
4.70
.310
7.87
.183
4.65
.400 10.16
.400 10.16
9S
.785 19.94
.565
14.35 .400
10.16
.251
6.38
.310
7.87
.195
4.95
.400 10.16
.400 10.16
15P
.935 23.75
.715
18.16 .485
12.32
.185
4.70
.310
7.87
.183
4.65
.400 10.16
.550 13.97
15S
.935 23.75
.715
18.16 .550
13.97
.251
6.38
.310
7.87
.195
4.95
.400 10.16
.550 13.97
21P
1.085 27.56
.865
21.97 .635
16.13
.185
4.70
.310
7.87
.183
4.65
.400 10.16
.700 17.78
21S
1.085 27.56
.865
21.97 .700
17.78
.251
6.38
.310
7.87
.195
4.95
.400 10.16
.700 17.78
25P
1.185 30.01
.965
24.51 .735
18.67
.185
4.70
.310
7.87
.183
4.65
.400 10.16
.800 20.32
25S
1.185 30.01
.965
24.51 .800
20.32
.251
6.38
.310
7.87
.195
4.95
.400 10.16
.800 20.32
31P
1.335 33.91 1.115
28.32 .885
22.48
.185
4.70
.310
7.87
.183
4.65
.400 10.16
.950 24.13
31S
1.335 33.91 1.115
28.32 .950
24.13
.251
6.38
.310
7.87
.195
4.95
.400 10.16
.950 24.13
37P
1.485 37.72 1.265
32.13 1.035 26.29
.185
4.70
.310
7.87
.183
4.65
.400 10.16 1.100 27.94
37S
1.485 37.72 1.265
32.13 1.100 27.94
.251
6.38
.310
7.87
.195
4.95
.400 10.16 1.100 27.94
51P
1.435 36.45 1.215
30.86 .985
25.02
.228
5.79
.351
8.92
.183
4.65
.490 12.45 1.050 26.67
51S
1.435 36.45 1.215
30.86 1.050 26.67
.294
7.47
.351
8.92
.195
4.95
.490 12.45 1.050 26.67
100P
2.170 55.12 1.800
45.72 1.384 35.15
.271
6.88
.394
10.00
.183
4.65
.660 16.76 1.500 38.13
100S
2.170 55.12 1.800
45.72 1.508 38.30
.394
10.00
.394
10.00
.195
4.95
.660 16.76 1.500 38.13
STAGGERED LEADS
GMR7590C Right Angle Mount Micro-D Connectors
Compact Flange
A
B
C
D
E
H
J
F
G
.100
(25.4)
Ø .020 (0.51)
± .002 (0.05)
.150 (3.81)
± .015 (0.38)
.050 (1.27) .050 (1.27)
SIZES 9 THRU 51 THREAD SIZE IS #2-56 UNC
SIZE 100 THREAD SIZE IS #4-40
SIZES 9 THRU 51 MOUNTING HOLE IS .088/094 (2.24/2.39)
SIZE 100 MOUNTING HOLE IS .145/.150 (3.68/3.81)
MAtERIALS AND FINISHES
Connector Shell
Aluminum Alloy 6061 or Stainless Steel, 300
Series, passivated. See Ordering Info for
Plating Options
Insulator, Tray
Liquid Crystal Polymer (LCP)
Interfacial Seal
Flourosilicone Rubber, Blue
Pin Contact
Beryllium Copper Gold over Nickel Plating
Socket Contact
Copper Alloy Gold Over Nickel Plating
PCB Terminals
Gold Plated Copper Alloy, Solder Dipped
Hardware
300 Series Stainless Steel
Encapsulant
Epoxy Resin Hysol EE4215
PERFoRMANCE SPECIFICAtIoNS
Current Rating
3 AMP
DWV
600 VAC Sea level
Insulation Resistance
5000 Megohms Minimum
Contact Resistance
8 Milliohms Maximum
Low Level Contact Resist.
32 Milliohms Maximum
Magnetic Permeability
2 µ Maximum
Operating Temperature
-55° C. to +150° C.
Shock, Vibration
50 g., 20g.
Mating Force
(10 Ounces) X (# of Contacts)


Similar Part No. - GMR7590C-15P2BB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
GMR7590-15P1ANM GLENAIR-GMR7590-15P1ANM Datasheet
435Kb / 4P
   Right Angle Micro-D Connectors
GMR7590-15P1ANN GLENAIR-GMR7590-15P1ANN Datasheet
435Kb / 4P
   Right Angle Micro-D Connectors
GMR7590-15P1ANU GLENAIR-GMR7590-15P1ANU Datasheet
435Kb / 4P
   Right Angle Micro-D Connectors
GMR7590-15P1BNM GLENAIR-GMR7590-15P1BNM Datasheet
435Kb / 4P
   Right Angle Micro-D Connectors
GMR7590-15P1BNN GLENAIR-GMR7590-15P1BNN Datasheet
435Kb / 4P
   Right Angle Micro-D Connectors
More results

Similar Description - GMR7590C-15P2BB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
GMR7590-9P1ANN GLENAIR-GMR7590-9P1ANN Datasheet
435Kb / 4P
   Right Angle Micro-D Connectors
MWDM1L-9P-SMRN GLENAIR-MWDM1L-9P-SMRN Datasheet
461Kb / 4P
   MWDM Surface Mount Right Angle Micro-D Connectors
GRPM GLENAIR-GRPM Datasheet
314Kb / 2P
   Micro-D GRPM-CBR Right Angle Rear Panel Mount Wide Flange Printed Circuit Board Connectors
Rev. 3.16.20
240-034-1-9PC GLENAIR-240-034-1-9PC Datasheet
307Kb / 4P
   Micro-D Filter Connectors Right Angle Printed Circuit Board
GMR7580C-9P1AB GLENAIR-GMR7580C-9P1AB Datasheet
505Kb / 4P
   Vertical Mount Micro-D Connectors
GMR7580-9P1ANN GLENAIR-GMR7580-9P1ANN Datasheet
445Kb / 4P
   Vertical Mount Micro-D Connectors
logo
Linx Technologies
CONSMA019-G LINX-CONSMA019-G Datasheet
168Kb / 2P
   SMA FEMALE RIGHT ANGLE FLANGE MOUNT, EXTENDED
22-JAN-20
logo
Glenair, Inc.
177-140H9SS GLENAIR-177-140H9SS_09 Datasheet
397Kb / 2P
   Micro-D Hermetic Connectors Solder Mount
logo
Molex Electronics Ltd.
0836119001 MOLEX9-0836119001 Datasheet
87Kb / 3P
   Commerical Micro D, PCB Mount, Right Angle Plug, 9 Circuits
logo
Fairchild Semiconductor
QTLP611CEBTR FAIRCHILD-QTLP611CEBTR Datasheet
479Kb / 6P
   Surface Mount LED Lamp, Compact Right Angle
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com