Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL326BCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADXL326BCPZ
Description  Small, Low Power, 3-Axis 짹16 g Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL326BCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADXL326BCPZ Datasheet HTML 6Page - Analog Devices ADXL326BCPZ Datasheet HTML 7Page - Analog Devices ADXL326BCPZ Datasheet HTML 8Page - Analog Devices ADXL326BCPZ Datasheet HTML 9Page - Analog Devices ADXL326BCPZ Datasheet HTML 10Page - Analog Devices ADXL326BCPZ Datasheet HTML 11Page - Analog Devices ADXL326BCPZ Datasheet HTML 12Page - Analog Devices ADXL326BCPZ Datasheet HTML 13Page - Analog Devices ADXL326BCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADXL326
Rev. 0 | Page 10 of 16
THEORY OF OPERATION
The ADXL326 is a complete 3-axis acceleration measurement
system. The ADXL326 has a measurement range of ±16 g
minimum. It contains a polysilicon surface micromachined
sensor and signal conditioning circuitry to implement an open-
loop acceleration measurement architecture. The output signals
are analog voltages that are proportional to acceleration. The
accelerometer can measure the static acceleration of gravity in
tilt sensing applications, as well as dynamic acceleration, resulting
from motion, shock, or vibration.
The sensor is a polysilicon surface micromachined structure
built on top of a silicon wafer. Polysilicon springs suspend the
structure over the surface of the wafer and provide a resistance
against acceleration forces. Deflection of the structure is measured
using a differential capacitor that consists of independent fixed
plates and plates attached to the moving mass. The fixed plates
are driven by 180° out-of-phase square waves. Acceleration deflects
the moving mass and unbalances the differential capacitor resulting
in a sensor output whose amplitude is proportional to acceleration.
Phase-sensitive demodulation techniques are then used to
determine the magnitude and direction of the acceleration.
The demodulator output is amplified and brought off-chip through
a 32 kΩ resistor. The user then sets the signal bandwidth of the
device by adding a capacitor. This filtering improves measurement
resolution and helps prevent aliasing.
MECHANICAL SENSOR
The ADXL326 uses a single structure for sensing the X, Y, and Z axes.
As a result, the three axes sense directions are highly orthogonal
with little cross-axis sensitivity. Mechanical misalignment of the
sensor die to the package is the chief source of cross-axis sensitivity.
Mechanical misalignment can, of course, be calibrated out at
the system level.
PERFORMANCE
Rather than using additional temperature compensation circuitry,
innovative design techniques ensure that high performance is built-
in to the ADXL326. As a result, there is neither quantization error
nor nonmonotonic behavior, and temperature hysteresis is very
low (typically <3 mg over the −25°C to +70°C temperature range).


Similar Part No. - ADXL326BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL320 AD-ADXL320 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320EB AD-ADXL320EB Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320JCP-REEL AD-ADXL320JCP-REEL Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320JCP-REEL7 AD-ADXL320JCP-REEL7 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320JCP1 AD-ADXL320JCP1 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
More results

Similar Description - ADXL326BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL317 AD-ADXL317 Datasheet
637Kb / 38P
   3-Axis, 짹16 g, I2S Digital Accelerometer
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL335 AD-ADXL335 Datasheet
130Kb / 11P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
Rev. PrA
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL325 AD-ADXL325 Datasheet
309Kb / 16P
   Small, Low Power, 3-Axis 짹5 g Accelerometer
REV. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
Rev. 0
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
   Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
ADXL346 AD-ADXL346_1 Datasheet
704Kb / 40P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power DIgital Accelerometer
REV. 0
ADXL316 AD-ADXL316 Datasheet
277Kb / 14P
   Small, Low Power, 3-Axis plus minus16 g Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com