Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL326BCPZ-RL7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADXL326BCPZ-RL7
Description  Small, Low Power, 3-Axis 짹16 g Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL326BCPZ-RL7 Datasheet(HTML) 1 Page - Analog Devices

  ADXL326BCPZ-RL7 Datasheet HTML 1Page - Analog Devices ADXL326BCPZ-RL7 Datasheet HTML 2Page - Analog Devices ADXL326BCPZ-RL7 Datasheet HTML 3Page - Analog Devices ADXL326BCPZ-RL7 Datasheet HTML 4Page - Analog Devices ADXL326BCPZ-RL7 Datasheet HTML 5Page - Analog Devices ADXL326BCPZ-RL7 Datasheet HTML 6Page - Analog Devices ADXL326BCPZ-RL7 Datasheet HTML 7Page - Analog Devices ADXL326BCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADXL326BCPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Small, Low Power, 3-Axis ±16 g
Accelerometer
ADXL326
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
3-axis sensing
Small, low profile package
4 mm × 4 mm × 1.45 mm LFCSP
Low power: 350 μA typical
Single-supply operation: 1.8 V to 3.6 V
10,000 g shock survival
Excellent temperature stability
Bandwidth adjustment with a single capacitor per axis
RoHS/WEEE lead-free compliant
APPLICATIONS
Cost-sensitive, low power, motion- and tilt-sensing applications
Mobile devices
Gaming systems
Disk drive protection
Image stabilization
Sports and health devices
GENERAL DESCRIPTION
The ADXL326 is a small, low power, complete 3-axis
accelerometer with signal conditioned voltage outputs. The
product measures acceleration with a minimum full-scale range
of ±16 g. It can measure the static acceleration of gravity in tilt-
sensing applications, as well as dynamic acceleration, resulting
from motion, shock, or vibration.
The user selects the bandwidth of the accelerometer using
the CX, CY, and CZ capacitors at the XOUT, YOUT, and ZOUT pins.
Bandwidths can be selected to suit the application with a
range of 0.5 Hz to 1600 Hz for X and Y axes and a range of
0.5 Hz to 550 Hz for the Z axis.
The ADXL326 is available in a small, low profile, 4 mm ×
4 mm × 1.45 mm, 16-lead, plastic lead frame chip scale package
(LFCSP_LQ).
FUNCTIONAL BLOCK DIAGRAM
3-AXIS
SENSOR
AC AMP
DEMOD
OUTPUT AMP
OUTPUT AMP
VS
COM
ST
XOUT
YOUT
+3V
CX
CY
ADXL326
CDC
OUTPUT AMP
ZOUT
CZ
~32kΩ
~32kΩ
~32kΩ
Figure 1.


Similar Part No. - ADXL326BCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL320 AD-ADXL320 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320EB AD-ADXL320EB Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320JCP-REEL AD-ADXL320JCP-REEL Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320JCP-REEL7 AD-ADXL320JCP-REEL7 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320JCP1 AD-ADXL320JCP1 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
More results

Similar Description - ADXL326BCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL317 AD-ADXL317 Datasheet
637Kb / 38P
   3-Axis, 짹16 g, I2S Digital Accelerometer
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL335 AD-ADXL335 Datasheet
130Kb / 11P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
Rev. PrA
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL325 AD-ADXL325 Datasheet
309Kb / 16P
   Small, Low Power, 3-Axis 짹5 g Accelerometer
REV. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
Rev. 0
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
   Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
ADXL346 AD-ADXL346_1 Datasheet
704Kb / 40P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power DIgital Accelerometer
REV. 0
ADXL316 AD-ADXL316 Datasheet
277Kb / 14P
   Small, Low Power, 3-Axis plus minus16 g Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com