Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL346BCCZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADXL346BCCZ
Description  3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital Accelerometer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL346BCCZ Datasheet(HTML) 5 Page - Analog Devices

  ADXL346BCCZ Datasheet HTML 1Page - Analog Devices ADXL346BCCZ Datasheet HTML 2Page - Analog Devices ADXL346BCCZ Datasheet HTML 3Page - Analog Devices ADXL346BCCZ Datasheet HTML 4Page - Analog Devices ADXL346BCCZ Datasheet HTML 5Page - Analog Devices ADXL346BCCZ Datasheet HTML 6Page - Analog Devices ADXL346BCCZ Datasheet HTML 7Page - Analog Devices ADXL346BCCZ Datasheet HTML 8Page - Analog Devices ADXL346BCCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Preliminary Technical Data
ADXL346
Rev. PrC | Page 5 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC = NO INTERNAL
CONNECTION
NC
VDD I/O
NC
SCL/SCLK
NC
GND
GND
INT1
NC
INT2
TOP VIEW
ADXL346
(Not to Scale)
1
2
3
4
5
13
12
11
10
9
6
7
8
16
15
14
+Z
+X
+Y
Figure 2. Pin Configuration (Top View)
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD I/O
Digital Interface Supply Voltage.
2
NC
Not Internally Connected.
3
NC
Not Internally Connected.
4
SCL/SCLK
Serial Communications Clock.
5
NC
Not Internally Connected.
6
SDA/SDI/SDIO
Serial Data (I2C)/Serial Data Input (SPI 4-Wire)/Serial Data Input and Output (SPI 3-Wire).
7
SDO/ALT ADDRESS
Serial Data Output (SPI 4-Wire)/Alternate I2C Address Select (I2C).
8
CS
Chip Select.
9
INT2
Interrupt 2 Output.
10
NC
Not Internally Connected.
11
INT1
Interrupt 1 Output.
12
GND
Must be connected to ground.
13
GND
Must be connected to ground.
14
VS
Supply Voltage.
15
Reserved
Reserved. This pin must be connected to VS.
16
GND
Must be connected to ground.


Similar Part No. - ADXL346BCCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL346 AD-ADXL346 Datasheet
704Kb / 40P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power DIgital Accelerometer
REV. 0
ADXL346ACCZ AD-ADXL346ACCZ Datasheet
704Kb / 40P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power DIgital Accelerometer
REV. 0
ADXL346ACCZ-RL AD-ADXL346ACCZ-RL Datasheet
704Kb / 40P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power DIgital Accelerometer
REV. 0
ADXL346ACCZ-RL7 AD-ADXL346ACCZ-RL7 Datasheet
704Kb / 40P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power DIgital Accelerometer
REV. 0
ADXL346 AD-ADXL346_1 Datasheet
704Kb / 40P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power DIgital Accelerometer
REV. 0
More results

Similar Description - ADXL346BCCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL346 AD-ADXL346_1 Datasheet
704Kb / 40P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power DIgital Accelerometer
REV. 0
ADXL344 AD-ADXL344 Datasheet
593Kb / 40P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital MEMS Accelerometer
ADXL343 AD-ADXL343 Datasheet
649Kb / 36P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g
Rev. PrA
ADXL367 AD-ADXL367 Datasheet
2Mb / 64P
   Micropower, 3-Axis, 짹2 g/짹4 g/짹8 g Digital Output MEMS Accelerometer
Rev. 0
ADXL313 AD-ADXL313 Datasheet
598Kb / 28P
   3-Axis, 짹0.5 g/짹1 g/짹2 g/짹4 g Digital Accelerometer
REV. 0
ADXL317 AD-ADXL317 Datasheet
637Kb / 38P
   3-Axis, 짹16 g, I2S Digital Accelerometer
ADXL326 AD-ADXL326 Datasheet
308Kb / 16P
   Small, Low Power, 3-Axis 짹16 g Accelerometer
REV. 0
ADXL312ACPZ AD-ADXL312ACPZ Datasheet
434Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
REV. 0
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL312 AD-ADXL312_V01 Datasheet
507Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com