Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2356 Datasheet(PDF) 10 Page - Analog Devices

Part # SSM2356
Description  2 횞 2W Filterless Class-D Stereo Audio Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2356 Datasheet(HTML) 10 Page - Analog Devices

Back Button SSM2356 Datasheet HTML 6Page - Analog Devices SSM2356 Datasheet HTML 7Page - Analog Devices SSM2356 Datasheet HTML 8Page - Analog Devices SSM2356 Datasheet HTML 9Page - Analog Devices SSM2356 Datasheet HTML 10Page - Analog Devices SSM2356 Datasheet HTML 11Page - Analog Devices SSM2356 Datasheet HTML 12Page - Analog Devices SSM2356 Datasheet HTML 13Page - Analog Devices SSM2356 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SSM2356
Rev. 0 | Page 10 of 16
0.8
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
1k
100k
100
10k
FREQUENCY (Hz)
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
OUTPUT POWER (W)
GAIN = 6dB
RL = 8Ω + 33µH
ISY, POUT FOR BOTH CHANNELS
VDD = 2.5V
VDD = 3.6V
VDD = 5V
Figure 27. Supply Current vs. Output Power into 8 Ω
1.6
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
1k
100k
100
10k
FREQUENCY (Hz)
0
0
1.0
2.0
3.0
4.0
5.0
6.0 6.5
0.5
1.5
2.5
3.5
4.5
5.5
OUTPUT POWER (W)
GAIN = 6dB
RL = 4Ω + 15µH
ISY, POUT FOR BOTH CHANNELS
VDD = 2.5V
VDD = 3.6V
VDD = 5V
Figure 28. Supply Current vs. Output Power into 4 Ω
0
–100
–80
–60
–40
–20
Figure 30. CMRR vs. Frequency
Figure 31. PSRR vs. Frequency
6
5
4
3
2
1
0
–2
–1
–2
18
16
14
12
10
8
6
4
2
0
TIME (ms)
–120
1
10
100
1k
10k
100k
FREQUENCY (Hz)
VDD = 5V
VOUT = 500mV rms
RL = 8Ω + 33µH
RIGHT TO LEFT
SD INPUT
OUTPUT
Figure 32. Turn-On Response
LEFT TO RIGHT
Figure 29. Crosstalk v. Frequency


Similar Part No. - SSM2356

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2356 AD-SSM2356 Datasheet
505Kb / 16P
   2 x 2W Filterless Class-D Stereo Audio Amplifier
REV. A
SSM2356 AD-SSM2356 Datasheet
505Kb / 16P
   2 x 2W Filterless Class-D Stereo Audio Amplifier
REV. A
SSM2356CBZ-RL AD-SSM2356CBZ-RL Datasheet
505Kb / 16P
   2 x 2W Filterless Class-D Stereo Audio Amplifier
REV. A
SSM2356CBZ-RL AD-SSM2356CBZ-RL Datasheet
505Kb / 16P
   2 x 2W Filterless Class-D Stereo Audio Amplifier
REV. A
SSM2356CBZ-RL7 AD-SSM2356CBZ-RL7 Datasheet
505Kb / 16P
   2 x 2W Filterless Class-D Stereo Audio Amplifier
REV. A
More results

Similar Description - SSM2356

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8003 PAM-PAM8003 Datasheet
62Kb / 1P
   Filterless 2W Class-D Stereo Audio Amplifier
logo
Analog Devices
SSM2306 AD-SSM2306_16 Datasheet
416Kb / 16P
   2W, Filterless, Class-D Stereo Audio Amplifier
SSM2356CBZ-RL AD-SSM2356CBZ-RL Datasheet
505Kb / 16P
   2 x 2W Filterless Class-D Stereo Audio Amplifier
REV. A
SSM2356CBZ-RL AD-SSM2356CBZ-RL Datasheet
505Kb / 16P
   2 x 2W Filterless Class-D Stereo Audio Amplifier
REV. A
logo
Microsemi Corporation
LX1701CLQ MICROSEMI-LX1701CLQ Datasheet
445Kb / 20P
   2W Filterless Mono Class-D Audio Amplifier
LX1701 MICROSEMI-LX1701_05 Datasheet
454Kb / 20P
   2W Filterless Mono Class-D Audio Amplifier
logo
Analog Devices
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
   2 W Filterless Class-D Stereo Audio Amplifier
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
SSM2304 AD-SSM2304 Datasheet
408Kb / 19P
   2 W Filterless Class-D Stereo Audio Amplifier
Rev. PrD
SSM2306 AD-SSM2306_15 Datasheet
504Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com