Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2356 Datasheet(PDF) 2 Page - Analog Devices

Part # SSM2356
Description  2 횞 2W Filterless Class-D Stereo Audio Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2356 Datasheet(HTML) 2 Page - Analog Devices

  SSM2356 Datasheet HTML 1Page - Analog Devices SSM2356 Datasheet HTML 2Page - Analog Devices SSM2356 Datasheet HTML 3Page - Analog Devices SSM2356 Datasheet HTML 4Page - Analog Devices SSM2356 Datasheet HTML 5Page - Analog Devices SSM2356 Datasheet HTML 6Page - Analog Devices SSM2356 Datasheet HTML 7Page - Analog Devices SSM2356 Datasheet HTML 8Page - Analog Devices SSM2356 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SSM2356
Rev. 0 | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Absolute Maximum Ratings............................................................ 4
 
Thermal Resistance ...................................................................... 4
 
ESD Caution.................................................................................. 4
 
Pin Configuration and Function Descriptions............................. 5
 
Typical Performance Characteristics ............................................. 6
 
Typical Application Circuits.......................................................... 12
 
Applications Information .............................................................. 13
 
Overview ..................................................................................... 13
 
Gain Selection............................................................................. 13
 
Pop-and-Click Suppression ...................................................... 13
 
EMI Noise.................................................................................... 13
 
Output Modulation Description .............................................. 14
 
Layout .......................................................................................... 14
 
Input Capacitor Selection.......................................................... 14
 
Proper Power Supply Decoupling ............................................ 14
 
Outline Dimensions ....................................................................... 15
 
Ordering Guide .......................................................................... 15
 
REVISION HISTORY
5/09—Revision 0: Initial Version


Similar Part No. - SSM2356

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2356 AD-SSM2356 Datasheet
505Kb / 16P
   2 x 2W Filterless Class-D Stereo Audio Amplifier
REV. A
SSM2356 AD-SSM2356 Datasheet
505Kb / 16P
   2 x 2W Filterless Class-D Stereo Audio Amplifier
REV. A
SSM2356CBZ-RL AD-SSM2356CBZ-RL Datasheet
505Kb / 16P
   2 x 2W Filterless Class-D Stereo Audio Amplifier
REV. A
SSM2356CBZ-RL AD-SSM2356CBZ-RL Datasheet
505Kb / 16P
   2 x 2W Filterless Class-D Stereo Audio Amplifier
REV. A
SSM2356CBZ-RL7 AD-SSM2356CBZ-RL7 Datasheet
505Kb / 16P
   2 x 2W Filterless Class-D Stereo Audio Amplifier
REV. A
More results

Similar Description - SSM2356

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8003 PAM-PAM8003 Datasheet
62Kb / 1P
   Filterless 2W Class-D Stereo Audio Amplifier
logo
Analog Devices
SSM2306 AD-SSM2306_16 Datasheet
416Kb / 16P
   2W, Filterless, Class-D Stereo Audio Amplifier
SSM2356CBZ-RL AD-SSM2356CBZ-RL Datasheet
505Kb / 16P
   2 x 2W Filterless Class-D Stereo Audio Amplifier
REV. A
SSM2356CBZ-RL AD-SSM2356CBZ-RL Datasheet
505Kb / 16P
   2 x 2W Filterless Class-D Stereo Audio Amplifier
REV. A
logo
Microsemi Corporation
LX1701CLQ MICROSEMI-LX1701CLQ Datasheet
445Kb / 20P
   2W Filterless Mono Class-D Audio Amplifier
LX1701 MICROSEMI-LX1701_05 Datasheet
454Kb / 20P
   2W Filterless Mono Class-D Audio Amplifier
logo
Analog Devices
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
   2 W Filterless Class-D Stereo Audio Amplifier
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
SSM2304 AD-SSM2304 Datasheet
408Kb / 19P
   2 W Filterless Class-D Stereo Audio Amplifier
Rev. PrD
SSM2306 AD-SSM2306_15 Datasheet
504Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com