Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M83513-10-F01NW Datasheet(PDF) 4 Page - Glenair, Inc.

Part # M83513-10-F01NW
Description  Micro-D Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M83513-10-F01NW Datasheet(HTML) 4 Page - Glenair, Inc.

  M83513-10-F01NW Datasheet HTML 1Page - Glenair, Inc. M83513-10-F01NW Datasheet HTML 2Page - Glenair, Inc. M83513-10-F01NW Datasheet HTML 3Page - Glenair, Inc. M83513-10-F01NW Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC.
• 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
J-14
E-Mail: sales@glenair.com
M83513/13 THRU /15 CONNECTOR PCB LAYOUTS – SOCKET CONNECTORS
9 SOCKET M83513/13-A
15 SOCKET M83513/13-B
21 SOCKET M83513/13-C
25 SOCKET M83513/13-D
31 SOCKET M83513/13-E
37 SOCKET M83513/13-F
51 SOCKET M83513/14-G
100 SOCKET M83513/15-H
CL
.400 (10.16)
CONNECTOR FLANGE
.100 (2.54) TYP
.275 (6.99)
.100 (2.54)
.050 (1.27)TYP
.025 (0.64)
1.800 (45.72)
1
6
7
3
12
10
11
13
15
16
18
19
22
24
21
20
23
25
26
27
28
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
97
98
99
100
87
88
89
90
91
92
93
94
95
96
29
30
31
32
36
33
37
38
45
39
46
40
47
41
48
42
49
43
50
44
51
34
35
14
17
8
9
2
4
5
.565 (14.35)
.020 (0.51)
.083 (2.11)
.100 (2.54)TYP
.100 (2.54)
.050 (1.27)TYP
CL
.250 (6.35)
CONNECTOR
FLANGE
5
98376
421
.715 (18.16)
.250 (6.35)
.020 (0.51)
.108 (2.74)
.100 (2.54)
CL
.050 (1.27)TYP
CONNECTOR
FLANGE
.100 (2.54)
83
2
612
14
13
11
10
9
1
15
75
4
.083 (2.11)
.100 (2.54)
.050 (1.27)TYP
CL
.865 (21.97)
.250 (6.35)
.020 (0.51)
CONNECTOR
FLANGE
.100 (2.54)
1
6
7
3
12
10
11
13
15
16
18
19
20
21
14
17
8
9
2
4
5
CL
.965 (24.51)
.250 (6.35)
.020 (0.51)
CONNECTOR
FLANGE
.083 (2.11)
.100 (2.54)
.050 (1.27)TYP
.100 (2.54)
1
6
7
3
12
10
11
13
15
16
18
19
22
24
21
20
23
25
14
17
8
9
2
4
5
CL
1.115 (28.32)
.250 (6.35)
.020 (0.51)
CONNECTOR
FLANGE
.158 (4.01)
.100 (2.54)
.050 (1.27)TYP
.100 (2.54)
1
6
73
12
10
11
13
15
16
18
19
22
24
21
20
23
25
26
27
28
29
30
31
14
17
8
92
4
5
CL
1.265 (32.13)
.250 (6.35)
.020 (0.51)
CONNECTOR
FLANGE
.100 (2.54)
.050 (1.27)TYP
.100 (2.54)
1
6
73
12
10
11
13
15
16
18
19
22
24
21
20
23
25
26
27
28
29
30
31
32
36
33
37
34
35
14
17
8
9
2
4
5
Patterns shown are for connector mounting side of PC board. 9 Thru 51 Contacts .096 (2.44) Diameter Mounting Holes, 100 Pin .125 (3.18) Diameter
(FRONT)
.183 (4.65)
.275 (6.99)
MIL-DTL-83513/10 Thru /15 Micro-D Connectors
Right Angle PCB Connectors (CBR)
FRONT OF
CONNECTOR
FLANGE
CL
1.215 (30.86)
.300 (7.62)
.050
(1.27)
.108
(2.74)
.100 (2.54)
.050 (1.27)TYP
.100 (2.54)
TYP
1
6
73
12
10
11
13
15
16
18
19
22
24
21
20
23
25
26
27
28
29
30
31
32
36
33
37
38
45
39
46
40
47
41
48
42
49
43
50
44
51
34
35
14
17
8
9
2
4
5


Similar Part No. - M83513-10-F01NW

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M83513-16-A01CN GLENAIR-M83513-16-A01CN Datasheet
240Kb / 4P
   Micro-D Connectors
M83513-16-A01CP GLENAIR-M83513-16-A01CP Datasheet
240Kb / 4P
   Micro-D Connectors
M83513-16-A01CT GLENAIR-M83513-16-A01CT Datasheet
240Kb / 4P
   Micro-D Connectors
M83513-16-A01CW GLENAIR-M83513-16-A01CW Datasheet
240Kb / 4P
   Micro-D Connectors
M83513-16-A01NN GLENAIR-M83513-16-A01NN Datasheet
240Kb / 4P
   Micro-D Connectors
More results

Similar Description - M83513-10-F01NW

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M83513-06-A GLENAIR-M83513-06-A Datasheet
113Kb / 1P
   Micro-D Connectors
M83513-16-A01CN GLENAIR-M83513-16-A01CN Datasheet
240Kb / 4P
   Micro-D Connectors
M83513-28-A01CN GLENAIR-M83513-28-A01CN Datasheet
515Kb / 4P
   Micro-D Connectors
M83513-22-A01CN GLENAIR-M83513-22-A01CN Datasheet
202Kb / 4P
   Micro-D Connectors
M83513-08-A01 GLENAIR-M83513-08-A01 Datasheet
92Kb / 2P
   Micro-D Connectors
240-032-1-9PPA GLENAIR-240-032-1-9PPA Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-033-1-9P GLENAIR-240-033-1-9P Datasheet
380Kb / 2P
   Micro-D Filter Connectors
177-705H9SSSU GLENAIR-177-705H9SSSU Datasheet
346Kb / 3P
   Micro-D Hermetic Connectors
240-031-1-25PP GLENAIR-240-031-1-25PP Datasheet
426Kb / 4P
   Micro-D Filter Connectors
240-030 GLENAIR-240-030 Datasheet
152Kb / 2P
   Micro-D Filter Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com