Electronic Components Datasheet Search |
|
390MS077NF1102-5N Datasheet(PDF) 2 Page - Glenair, Inc. |
|
390MS077NF1102-5N Datasheet(HTML) 2 Page - Glenair, Inc. |
2 / 2 page © 2007 Glenair, Inc. CAGE Code 06324 Printed in U.S.A. GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 www.glenair.com L-18 e-Mail: sales@glenair.com A B C d e F G h J K L M Series 80 “Mighty Mouse” Backshells, Boots and Clamps Environmental EMI Backshells Environmental EMI Backshells Rev. 07-AUG-2008 dIMeNSIoNS Size Size Code Code A A thds. thds. B Max. B Max. C Max. C Max. Std. Std. Length* Length* In. In. mm. mm. In. In. mm. mm. In. In. mm. mm. 05 .2500-32 .470 11.94 .350 8.89 .750 19.05 06 .3125-32 .530 13.46 .415 10.54 .750 19.05 11 .3750-32 .570 14.48 .465 11.68 .750 19.05 07 .4375-28 .637 16.18 .530 13.46 .750 19.05 08 .5000-28 .700 17.78 .595 15.11 .750 19.05 09 .5625-24 .758 19.25 .650 16.51 .750 19.05 10 .6250-24 .819 20.80 .715 18.16 .750 19.05 12 .6875-24 .896 22.76 .785 19.94 .880 22.35 13 .7500-20 .930 23.62 .830 21.08 .880 22.35 14 .9375-20 1.137 28.88 1.020 25.91 1.000 25.40 *Choose standard length for best availability dIMeNSIoNS Cable Cable entry entry Code Code Cable Cable Sealing Sealing dia. dia. d d Max. Max. ee Max. Max. FF Max. Max. G G Max. Max. h h Ø J Ø J Closed Closed Ø K Ø K In. In. mm. mm. In. In. mm. mm. In. In. mm. mm. Max. Max. Min. Min. In. In. mm. mm. In. In. mm. mm. In. In. mm. mm. In. In. mm. mm. ± .010 ± .010 ± 0.25 ± 0.25 ± .030 ± .030 ± 0.76 ± 0.76 ± .010 ± .010± 0.25 ± 0.25 01 .109 .031 .603 15.32 .681 17.30 .724 18.39 .802 20.37 .496 12.60 .110 2.79 .398 10.11 02 .172 .078 .603 15.32 .681 17.30 .724 18.39 .802 20.37 .582 14.78 .170 4.32 .460 11.68 03 .234 .140 .603 15.32 .681 17.30 .724 18.39 .802 20.37 .656 16.66 .230 5.84 .523 13.28 04 .297 .203 .629 15.98 .707 17.96 .786 19.96 .864 21.95 .726 18.44 .300 7.62 .585 14.86 05 .359 .265 .629 15.98 .707 17.96 .786 19.96 .864 21.95 .885 22.48 .360 9.14 .647 16.43 06 .422 .328 .655 16.64 .733 18.62 .848 21.54 .926 23.52 .952 24.18 .420 10.67 .710 18.03 07 .484 .390 .655 16.64 .733 18.62 .848 21.54 .926 23.52 1.018 25.86 .480 12.19 .773 19.63 08 .547 .453 .707 17.96 .785 19.94 .911 23.14 .989 25.12 1.084 27.53 .550 13.97 .835 21.21 09 .609 .515 .707 17.96 .785 19.94 .911 23.14 .989 25.12 1.148 29.16 .610 15.49 .897 22.78 STRAIGHT ENTRY DIRECT COUPLING 390MS076 STRAIGHT ENTRY ROTATABLE COUPLING 390MS077 CLAMP STYLE N COMPRESSION NUT .58 (14.7) REF K REF .860 (21.84) LENGTH C MAX O-RING O-RING A THREAD REF .860 (21.84) A THREAD B MAX TYP LENGTH O-RING 45º ENTRY ROTATABLE COUPLING 390MB077 90º ENTRY ROTATABLE COUPLING 390MA077 SADDLE CLAMP CABLE SEALING DIA. ENTRY H J CLOSED D E G F |
Similar Part No. - 390MS077NF1102-5N |
|
Similar Description - 390MS077NF1102-5N |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |