Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MWEB2L-128P-0J718 Datasheet(PDF) 8 Page - Glenair, Inc.

Part # MWEB2L-128P-0J718
Description  MWEB Series EdgeBoard Connectors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MWEB2L-128P-0J718 Datasheet(HTML) 8 Page - Glenair, Inc.

  MWEB2L-128P-0J718 Datasheet HTML 1Page - Glenair, Inc. MWEB2L-128P-0J718 Datasheet HTML 2Page - Glenair, Inc. MWEB2L-128P-0J718 Datasheet HTML 3Page - Glenair, Inc. MWEB2L-128P-0J718 Datasheet HTML 4Page - Glenair, Inc. MWEB2L-128P-0J718 Datasheet HTML 5Page - Glenair, Inc. MWEB2L-128P-0J718 Datasheet HTML 6Page - Glenair, Inc. MWEB2L-128P-0J718 Datasheet HTML 7Page - Glenair, Inc. MWEB2L-128P-0J718 Datasheet HTML 8Page - Glenair, Inc. MWEB2L-128P-0J718 Datasheet HTML 9Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
N-9
E-Mail: sales@glenair.com
N
MWEB Series EdgeBoard Connectors
MWEB Pre-Wired and Solder Cup Connectors
MWEB EdgeBoard Connectors For Input/Output Wire-
To-Board Applications –
With 128 or 184 contacts, these narrow profile factory-
terminated MWEB connectors provide a space-saving
I/O wire to board solution. Connector width of .25 inch
(6.4 mm.) allows for high-density card slots.
HOW TO ORDER MWEB PIGTAIL CONNECTORS
Series
Layout
Contact
Type
Wire Gage
(AWG)
Wire Type
Wire Color
Wire
Length
Inches
Hardware Option
MWEB2L
128
184N
P – Pin
S – Socket
4 – #24
6 – #26
8 – #28
0 – #30
K – M22759/11
600 Vrms Teflon® (TFE)
J – M22759/33®
600 Vrms Modified Cross-
Linked Tefzel (ETFE)
1 – White
2 – Yellow
7 – Ten Color
Repeating
18
Total Length
In Inches. “18”
Specifies 18
Inches.
N
No hardware
J
Jackscrews
P
Jackposts
Sample Part Number
MWEB2L
– 128
P
– 6
K
7
– 24
N
HOW TO ORDER MWEB SOLDER CUP CONNECTORS
Series
Layout
Contact Type
Termination Type
Hardware Option
MWEB2L
128
184N
P – Pin
S – Socket
S – Solder Cup
N
No hardware
J
Jackscrews
P
Jackposts
Sample Part Number
MWEB2L
– 128
P
S
N
High Performance TwistPin Contacts
Suitable for airborne avionics processors and mission-
critical computers, these pre-wired connectors
feature interfacial seals and backpotting for improved
environmental protection. Or, choose solder cup
connectors for integration into wire harnesses.


Similar Part No. - MWEB2L-128P-0J718

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MWE6IC9100GNR1 FREESCALE-MWE6IC9100GNR1 Datasheet
881Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MWE6IC9100GNR1 FREESCALE-MWE6IC9100GNR1 Datasheet
852Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MWE6IC9100GNR1 NXP-MWE6IC9100GNR1 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 3, 12/2008
MWE6IC9100N NXP-MWE6IC9100N Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 3, 12/2008
logo
Freescale Semiconductor...
MWE6IC9100NBR1 FREESCALE-MWE6IC9100NBR1 Datasheet
881Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
More results

Similar Description - MWEB2L-128P-0J718

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB8 VISHAY-EB8 Datasheet
156Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
EB7S VISHAY-EB7S Datasheet
145Kb / 3P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB8 VISHAY-EB8_09 Datasheet
124Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
EB7S VISHAY-EB7S_08 Datasheet
162Kb / 4P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB7S VISHAY-EB7S_09 Datasheet
127Kb / 4P
   Edgeboard Connectors, Single Readout
Revision: 16-Feb-09
EB7D VISHAY-EB7D_09 Datasheet
138Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
EB7D VISHAY-EB7D Datasheet
178Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
EB4678 VISHAY-EB4678 Datasheet
202Kb / 8P
   Edgeboard Connectors 200°C Burn-In Connectors, Dual Readout
Revision 14-Aug-02
logo
EDAC, All Rights Reserv...
616-220-313 EDAC-616-220-313 Datasheet
71Kb / 1P
   Uni-Guides Series Edgeboard Connector Uni-Guides
368-240-318 EDAC-368-240-318 Datasheet
63Kb / 1P
   Polarizing Keys Series,Edgeboard Connector Polarizing Keys
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com