Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF2820P Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # UF2820P
Description  RF Power MOSFET Transistor 20W, 100-500 MHz, 28V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

UF2820P Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  UF2820P Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. UF2820P Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. UF2820P Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
RF Power MOSFET Transistor
20W, 100-500 MHz, 28V
M/A-COM Products
Released; RoHS Compliant
UF2820P
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
N-channel enhancement mode device
DMOS structure
Lower capacitances for broadband operation
Common source configuration
Lower noise floor
ABSOLUTE MAXIMUM RATINGS AT 25° C
Parameter
Rating
Drain-Source Voltage
65
Gate-Source Voltage
20
Drain-Source Current
2.8
Power Dissipation
53
Junction Temperature
200
Storage Temperature
-55 to 150
Thermal Resistance
3.3
Symbol
VDS
VGS
IDS
PD
TJ
TSTG
θJC
Units
V
V
A
W
°C
°C
°C/W
ELECTRICAL CHARACTERISTICS AT 25°C
Parameter
Symbol
Min
Max
Units
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
65
-
V
VGS = 0.0 V , IDS = 4.0 mA
Drain-Source Leakage Current
IDSS
-
2.0
mA
VGS = 28.0 V , VGS = 0.0 V
Gate-Source Leakage Current
IGSS
-
2.0
µA
VGS = 20.0 V , VDS = 0.0 V
Gate Threshold Voltage
VGS(TH)
2.0
6.0
V
VDS = 10.0 V , IDS = 200.0 mA
Forward Transconductance
GM
.160
-
S
VDS = 10.0 V , IDS 200.0 mA , Δ VGS = 1.0V, 80 μs Pulse
Input Capacitance
CISS
-
14
pF
VDS = 28.0 V , F = 1.0 MHz
Output Capacitance
COSS
-
10
pF
VDS = 28.0 V , F = 1.0 MHz
Reverse Capacitance
CRSS
-
4.8
pF
VDS = 28.0 V , F = 1.0 MHz
Power Gain
GP
10
-
dB
VDD = 28.0 V, IDQ = 200.0 mA, POUT = 20.0 W F =500 MHz
Drain Efficiency
ŋD
50
-
%
VDD = 28.0 V, IDQ = 200.0 mA, POUT = 20.0 W F =500 MHz
Load Mismatch Tolerance
VSWR-T
-
20:1
-
VDD = 28.0 V, IDQ = 200.0 mA, POUT = 20.0 W F =500 MHz
F (MHz)
ZIN (Ω)
ZLOAD (Ω)
100
9.5-j60.0
4.0+j68.0
300
5.0-j35.0
40.0+j48.0
500
2.0-j22.0
36.0+j34.0
VDD=28V, IDQ=200 mA, POUT =20.0 W
TYPICAL DEVICE IMPEDANCES
ZIN is the series equivalent input impedance of the device from
gate to source.
ZLOAD is the optimum series equivalent load impedance as
measured from drain to ground.
Package Outline


Similar Part No. - UF2820P

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
UF2820P MACOM-UF2820P Datasheet
219Kb / 3P
   RF MOSFET Power Transistor, 2OW, 28V 100 - 500 MHz
logo
M/A-COM Technology Solu...
UF2820P MA-COM-UF2820P Datasheet
205Kb / 3P
   RF Power MOSFET Transistor
UF2820P MA-COM-UF2820P_15 Datasheet
205Kb / 3P
   RF Power MOSFET Transistor
UF2820P MA-COM-UF2820P_17 Datasheet
620Kb / 4P
   RF Power MOSFET Transistor
More results

Similar Description - UF2820P

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
UF2820R MA-COM-UF2820R Datasheet
221Kb / 3P
   RF Power MOSFET Transistor 20W, 100-500 MHz, 28V
UF2805B MA-COM-UF2805B Datasheet
210Kb / 3P
   RF Power MOSFET Transistor 5W, 100-500 MHz, 28V
UF28100V MA-COM-UF28100V Datasheet
224Kb / 3P
   RF Power MOSFET Transistor 100W, 100-500 MHz, 28V
UF28100H MA-COM-UF28100H Datasheet
235Kb / 3P
   RF Power MOSFET Transistor 100W, 100-500 MHz, 28V
logo
Tyco Electronics
UF28100H MACOM-UF28100H Datasheet
192Kb / 3P
   RF MOSFET Power Transistor, 100W, 28V 100 - 500 MHz
UF281OOV MACOM-UF281OOV Datasheet
214Kb / 3P
   RF MOSFET Power Transistor, IOOW, 28V 100 - 500 MHz
UF2840G MACOM-UF2840G Datasheet
197Kb / 3P
   RF MOSFET Power Transistor, 4OW, 28V 100 - 500 MHz
UF284OP MACOM-UF284OP Datasheet
209Kb / 3P
   RF MOSFET Power Transistor, 4OW, 28V 100 - 500 MHz
logo
M/A-COM Technology Solu...
UF2810P MA-COM-UF2810P Datasheet
218Kb / 2P
   RF Power MOSFET Transistor 10W, 100-500 MHz, 28V
UF2840G MA-COM-UF2840G Datasheet
239Kb / 3P
   RF Power MOSFET Transistor 40W, 100-500 MHz, 28V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com