Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MWDL-25P-4E2-18 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # MWDL-25P-4E2-18
Description  Micro-D Plastic Shell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MWDL-25P-4E2-18 Datasheet(HTML) 2 Page - Glenair, Inc.

  MWDL-25P-4E2-18 Datasheet HTML 1Page - Glenair, Inc. MWDL-25P-4E2-18 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC.
• 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
K-5
E-Mail: sales@glenair.com
K
Micro-D Plastic Shell
Pre-Wired Pigtails, Insulated Wire
A
D
B
C
.096/.088 (2.43/2.23) DIA.
H
D
LENGTH + 1.0/-0.0
(+25.4/-0.0)
SOCKET CONNECTOR
G
.100/.088
(2.54/2.24)
E
F
MICRO-D PLASTIC SHELL INSULATED WIRE PIGTAIL DIMENSIONS
Layout
A Max.
B
C Max.
D Max.
E Max.
F Max.
G Max.
H Max.
J Max.
In.
mm.
In .
± .003
mm.
± 0.08
In.
mm.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
9P
.785
19.94
.565
14.35
.292
7.42
.218
5.54
.202
5.13
.395
10.03
.408
10.36
.173
4.39
.139
3.53
9S
.785
19.94
.565
14.35
.380
9.65
.218
5.54
.185
4.70
.375
9.53
.408
10.36
.173
4.39
15P
.935
23.75
.715
18.16
.442
11.23
.218
5.54
.202
5.13
.395
10.03
.558
14.17
.173
4.39
.139
3.53
15S
.935
23.75
.715
18.16
.530
13.46
.218
5.54
.185
4.70
.375
9.53
.558
14.17
.173
4.39
21P
1.080
27.43
.865
21.97
.592
15.04
.218
5.54
.202
5.13
.395
10.03
.708
17.98
.173
4.39
.139
3.53
21S
1.080
27.43
.865
21.97
.680
17.27
.218
5.54
.185
4.70
.375
9.53
.708
17.98
.173
4.39
25P
1.185
30.01
.965
24.51
.692
17.58
.218
5.54
.202
5.13
.395
10.03
.808
20.52
.173
4.39
.139
3.53
25S
1.185
30.01
.965
24.51
.780
19.81
.218
5.54
.185
4.70
.375
9.53
.808
20.52
.173
4.39
31P
1.335
33.91
1.115
28.32
.842
21.39
.218
5.54
.202
5.13
.395
10.03
.958
24.33
.173
4.39
.139
3.53
31S
1.335
33.91
1.115
28.32
.930
23.62
.218
5.54
.185
4.70
.375
9.53
.958
24.33
.173
4.39
37P
1.485
37.72
1.265
32.13
.992
25.20
.218
5.54
.202
5.13
.395
10.03
1.108
28.14
.173
4.39
.139
3.53
37S
1.485
37.72
1.265
32.13
1.080
27.43
.218
5.54
.185
4.70
.375
9.53
1.108
28.14
.173
4.39
51P
1.435
36.45
1.215
30.86
.942
23.93
.260
6.60
.202
5.13
.395
10.03
1.058
26.87
.220
5.59
.182
4.62
51S
1.435
36.45
1.215
30.86
1.030
26.16
.260
6.60
.185
4.70
.375
9.53
1.058
26.87
.220
5.59
J
PIN CONNECTOR
H
LENGTH + 1.0/-0.0
(+25.4/-0.0)
MATERIALS AND FINISHES
Connector Shell
Liquid Crystal Polymer (LCP)
Insulator
Liquid Crystal Polymer (LCP)
Interfacial Seal
Flourosilicone Rubber, Blue
Pin Contact
Beryllium Copper Gold over Nickel Plating
Socket Contact
Copper Alloy Gold Over Nickel Plating
Hardware
300 Series Stainless Steel
Encapsulant
Epoxy Resin Hysol EE4215
PERFORMANCE SPECIFICATIONS
Current Rating
3 AMP
DWV
600 VAC Sea level
Insulation Resistance
5000 Megohms Minimum
Contact Resistance
8 Milliohms Maximum
Operating Temperature
-55° C. to +150° C.
Shock, Vibration
50 g., 20g.
Mating Force
(10 Ounces) X (# of Contacts)


Similar Part No. - MWDL-25P-4E2-18

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWDL-25P-4E2-18B GLENAIR-MWDL-25P-4E2-18B Datasheet
389Kb / 2P
   Micro-D Plastic Shell Pre-Wired Pigtails, Insulated Wire
MWDL-25P-4E2-18M GLENAIR-MWDL-25P-4E2-18M Datasheet
389Kb / 2P
   Micro-D Plastic Shell Pre-Wired Pigtails, Insulated Wire
MWDL-25P-4E2-18M1 GLENAIR-MWDL-25P-4E2-18M1 Datasheet
389Kb / 2P
   Micro-D Plastic Shell Pre-Wired Pigtails, Insulated Wire
MWDL-25P-4E2-18P GLENAIR-MWDL-25P-4E2-18P Datasheet
389Kb / 2P
   Micro-D Plastic Shell Pre-Wired Pigtails, Insulated Wire
MWDL-25P-4E2-18S GLENAIR-MWDL-25P-4E2-18S Datasheet
389Kb / 2P
   Micro-D Plastic Shell Pre-Wired Pigtails, Insulated Wire
More results

Similar Description - MWDL-25P-4E2-18

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDB1-9PH001P ITT-MDB1-9PH001P Datasheet
325Kb / 11P
   Micro-D Plastic Shell - .050 Contact Spacing
logo
Glenair, Inc.
MWDL-9P-4C3 GLENAIR-MWDL-9P-4C3 Datasheet
358Kb / 2P
   Micro-D Plastic Shell Uninsulated Wire Pigtails
MWDL-9PSB GLENAIR-MWDL-9PSB Datasheet
144Kb / 2P
   MWD Series Micro-D Plastic Shell Solder Cup
logo
Ulti-Mate Connector Inc
SD-836788012 ULTI-MATE-SD-836788012 Datasheet
191Kb / 1P
   MICRO-D CIRCUIT CONNECTOR, CB18R51-3S02, PLASTIC SHELL
7/6/20
SD-836778017 ULTI-MATE-SD-836778017 Datasheet
214Kb / 1P
   MICRO-D CIRCUIT CONNECTOR, CB18R51-3P07, PLASTIC SHELL
7/6/20
logo
Glenair, Inc.
MWDL9S-6E5-18B GLENAIR-MWDL9S-6E5-18B Datasheet
389Kb / 2P
   Micro-D Plastic Shell Pre-Wired Pigtails, Insulated Wire
logo
Ulti-Mate Connector Inc
SD-836548012 ULTI-MATE-SD-836548012 Datasheet
151Kb / 1P
   MICRO-D CIRCUIT CONNECTOR, "CPR" SERIES, CP18R25P02, LOW-PROFILE PLASTIC SHELL
3/17/20
SD-834568070 ULTI-MATE-SD-834568070 Datasheet
250Kb / 1P
   LOW-PROFILE MICRO-D CONNECTOR ASSEMBLY, PLASTIC SHELL, PR37P0-26E5-18.0
2/13/19
SD-836828818 ULTI-MATE-SD-836828818 Datasheet
90Kb / 1P
   MICRO-D CIRCUIT CONNECTOR, RECEPTACLE, SIZE 15, STYLE 8, PLASTIC SHELL, CB8R15S07T
10/5/16
SD-834718533 ULTI-MATE-SD-834718533 Datasheet
98Kb / 1P
   MICRO-D CONNECTOR ASSEMBLY, PLASTIC SHELL, HIGH PROFILE JACKPOST BR09P03-26E5-36.0
04/16/2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com