Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M83513-10-B03PW Datasheet(PDF) 2 Page - Glenair, Inc.

Part # M83513-10-B03PW
Description  Micro-D Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M83513-10-B03PW Datasheet(HTML) 2 Page - Glenair, Inc.

  M83513-10-B03PW Datasheet HTML 1Page - Glenair, Inc. M83513-10-B03PW Datasheet HTML 2Page - Glenair, Inc. M83513-10-B03PW Datasheet HTML 3Page - Glenair, Inc. M83513-10-B03PW Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
J-12
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
N
P
CONFIGURATION FOR 9-25 CONTACTS
2X MOUNTING HOLES
G
H J
F
CONFIGURATION FOR 31-100 CONTACTS
K
L
H
J
PCB MOUNTING HOLES
9-51 CONTACTS .096 DIA. ± .003 (2.44 ± 0.08)
100 CONTACTS .125 DIA. ± .003 (3.18± 0.08)
A
E
9-51 CONTACTS �#2-56 UNC-2B THREADS
100 CONTACTS �#4-40 UNC-2B THREADS
D
B
C
THREAD SIZES
9-51 CONTACTS #2-56 UNC
100 CONTACTS #4-40 UNC
MIL-DTL-83513/10 Thru /15 Micro-D Connectors
Right Angle PCB Connectors (CBR)
DIMENSIONS
Layout
A Max.
B
C Max.
D Max.
E Max.
F
G Max.
H
J
K Max.
L Max.
In.
mm.
In.
±.003
mm.
± 0.08 In.
mm.
In.
mm.
In.
mm.
In.
±.003
mm.
± 0.08 In.
mm.
In.
±.010
mm.
±0.25
In.
±.010
mm.
±0.25 In.
mm.
In.
mm.
9P
.787 19.94 .565 14.35 .333 8.46 .184 4.67 .310 7.87 .183 4.65 .425 10.80 .230 5.84 .250 6.35
9S
.787 19.94 .565 14.35 .400 10.16 .250 6.35 .310 7.87 .195 4.95 .425 10.80 .230 5.84 .250 6.35
15P
.937 23.75 .715 18.16 .483 12.27 .184 4.67 .310 7.87 .183 4.65 .425 10.80 .130 3.30 .250 6.35
15S
.937 23.75 .715 18.16 .551 14.00 .250 6.35 .310 7.87 .195 4.95 .425 10.80 .130 3.30 .250 6.35
21P
1.087 27.56 .865 21.97 .633 16.08 .184 4.67 .310 7.87 .183 4.65 .425 10.80 .130 3.30 .250 6.35
21S
1.087 27.56 .865 21.97 .701 17.81 .250 6.35 .310 7.87 .195 4.95 .425 10.80 .130 3.30 .250 6.35
25P
1.187 30.01 .965 24.51 .733 18.62 .184 4.67 .310 7.87 .183 4.65 .425 10.80 .130 3.30 .250 6.35
25S
1.187 30.01 .965 24.51 .801 20.35 .250 6.35 .310 7.87 .195 4.95 .425 10.80 .130 3.30 .250 6.35
31P
1.337 33.91 1.115 28.32 .883 22.43 .184 4.67 .310 7.87 .183 4.65 .525 13.34 .130 3.30 .250 6.35 .450 11.43 1.085 27.56
31S
1.337 33.91 1.115 28.32 .951 24.16 .250 6.35 .310 7.87 .195 4.95 .525 13.34 .130 3.30 .250 6.35 .450 11.43 1.085 27.56
37P
1.487 37.72 1.265 32.13 1.033 26.24 .184 4.67 .310 7.87 .183 4.65 .525 13.34 .130 3.30 .250 6.35 .450 11.43 1.185 30.10
37S
1.487 37.72 1.265 32.13 1.101 27.96 .250 6.35 .310 7.87 .195 4.95 .525 13.34 .130 3.30 .250 6.35 .450 11.43 1.185 30.10
51P
1.435 36.45 1.215 30.86 .983 24.97 .224 5.69 .351 8.92 .183 4.65 .660 16.76 .150 3.81 .300 7.62 .450 11.43 1.225 31.12
51S
1.435 36.45 1.215 30.86 1.051 26.70 .293 7.44 .351 8.92 .195 4.95 .660 16.76 .150 3.81 .300 7.62 .450 11.43 1.225 31.12
100P
2.175 55.12 1.800 45.72 1.383 35.13 .270 6.86 .394 10.01 .183 4.65 1.010 25.65 .200 5.08 .400 10.16 .590 14.99 1.820 46.23
100S
2.175 55.12 1.800 45.72 1.451 36.86 .333 8.46 .394 10.01 .195 4.95 1.010 25.65 .200 5.08 .400 10.16 .590 14.99 1.820 46.23


Similar Part No. - M83513-10-B03PW

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M83513-16-A01CN GLENAIR-M83513-16-A01CN Datasheet
240Kb / 4P
   Micro-D Connectors
M83513-16-A01CP GLENAIR-M83513-16-A01CP Datasheet
240Kb / 4P
   Micro-D Connectors
M83513-16-A01CT GLENAIR-M83513-16-A01CT Datasheet
240Kb / 4P
   Micro-D Connectors
M83513-16-A01CW GLENAIR-M83513-16-A01CW Datasheet
240Kb / 4P
   Micro-D Connectors
M83513-16-A01NN GLENAIR-M83513-16-A01NN Datasheet
240Kb / 4P
   Micro-D Connectors
More results

Similar Description - M83513-10-B03PW

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M83513-06-A GLENAIR-M83513-06-A Datasheet
113Kb / 1P
   Micro-D Connectors
M83513-16-A01CN GLENAIR-M83513-16-A01CN Datasheet
240Kb / 4P
   Micro-D Connectors
M83513-28-A01CN GLENAIR-M83513-28-A01CN Datasheet
515Kb / 4P
   Micro-D Connectors
M83513-22-A01CN GLENAIR-M83513-22-A01CN Datasheet
202Kb / 4P
   Micro-D Connectors
M83513-08-A01 GLENAIR-M83513-08-A01 Datasheet
92Kb / 2P
   Micro-D Connectors
240-032-1-9PPA GLENAIR-240-032-1-9PPA Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-033-1-9P GLENAIR-240-033-1-9P Datasheet
380Kb / 2P
   Micro-D Filter Connectors
177-705H9SSSU GLENAIR-177-705H9SSSU Datasheet
346Kb / 3P
   Micro-D Hermetic Connectors
240-031-1-25PP GLENAIR-240-031-1-25PP Datasheet
426Kb / 4P
   Micro-D Filter Connectors
240-030 GLENAIR-240-030 Datasheet
152Kb / 2P
   Micro-D Filter Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com