Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MWDM1L-9SCBRR1 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # MWDM1L-9SCBRR1
Description  Micro-D Metal Shell Printed Circuit Board Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MWDM1L-9SCBRR1 Datasheet(HTML) 2 Page - Glenair, Inc.

  MWDM1L-9SCBRR1 Datasheet HTML 1Page - Glenair, Inc. MWDM1L-9SCBRR1 Datasheet HTML 2Page - Glenair, Inc. MWDM1L-9SCBRR1 Datasheet HTML 3Page - Glenair, Inc. MWDM1L-9SCBRR1 Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
C-3
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
N
P
DIMENsIoNs
Layout
A Max.
B
C Max.
D Max.
E Max.
F
G Max.
H
J
K Max.
L Max.
In.
mm.
In.
±.003
mm.
± 0.08 In.
mm.
In.
mm.
In.
mm.
In.
±.003
mm.
± 0.08 In.
mm.
In.
±.010
mm.
±0.25
In.
±.010
mm.
±0.25 In.
mm.
In.
mm.
9P
.787 19.94 .565 14.35 .333 8.46 .184 4.67 .310 7.87 .183 4.65 .425 10.80 .230 5.84 .250 6.35
9s
.787 19.94 .565 14.35 .400 10.16 .250 6.35 .310 7.87 .195 4.95 .425 10.80 .230 5.84 .250 6.35
15P
.937 23.75 .715 18.16 .483 12.27 .184 4.67 .310 7.87 .183 4.65 .425 10.80 .130 3.30 .250 6.35
15s
.937 23.75 .715 18.16 .551 14.00 .250 6.35 .310 7.87 .195 4.95 .425 10.80 .130 3.30 .250 6.35
21P
1.087 27.56 .865 21.97 .633 16.08 .184 4.67 .310 7.87 .183 4.65 .425 10.80 .130 3.30 .250 6.35
21s
1.087 27.56 .865 21.97 .701 17.81 .250 6.35 .310 7.87 .195 4.95 .425 10.80 .130 3.30 .250 6.35
25P
1.187 30.01 .965 24.51 .733 18.62 .184 4.67 .310 7.87 .183 4.65 .425 10.80 .130 3.30 .250 6.35
25s
1.187 30.01 .965 24.51 .801 20.35 .250 6.35 .310 7.87 .195 4.95 .425 10.80 .130 3.30 .250 6.35
31P
1.337 33.91 1.115 28.32 .883 22.43 .184 4.67 .310 7.87 .183 4.65 .525 13.34 .130 3.30 .250 6.35 .450 11.43 1.085 27.56
31s
1.337 33.91 1.115 28.32 .951 24.16 .250 6.35 .310 7.87 .195 4.95 .525 13.34 .130 3.30 .250 6.35 .450 11.43 1.085 27.56
37P
1.487 37.72 1.265 32.13 1.033 26.24 .184 4.67 .310 7.87 .183 4.65 .525 13.34 .130 3.30 .250 6.35 .450 11.43 1.185 30.10
37s
1.487 37.72 1.265 32.13 1.101 27.96 .250 6.35 .310 7.87 .195 4.95 .525 13.34 .130 3.30 .250 6.35 .450 11.43 1.185 30.10
51P
1.435 36.45 1.215 30.86 .983 24.97 .224 5.69 .351 8.92 .183 4.65 .660 16.76 .150 3.81 .300 7.62 .450 11.43 1.225 31.12
51s
1.435 36.45 1.215 30.86 1.051 26.70 .293 7.44 .351 8.92 .195 4.95 .660 16.76 .150 3.81 .300 7.62 .450 11.43 1.225 31.12
100P
2.175 55.12 1.800 45.72 1.383 35.13 .270 6.86 .394 10.01 .183 4.65 1.010 25.65 .200 5.08 .400 10.16 .590 14.99 1.820 46.23
100s
2.175 55.12 1.800 45.72 1.451 36.86 .333 8.46 .394 10.01 .195 4.95 1.010 25.65 .200 5.08 .400 10.16 .590 14.99 1.820 46.23
Micro-D Metal shell Printed Circuit Board Connectors
CBR style Right Angle Thru-Hole
A
E
9-51 CONTACTS �#2-56 UNC-2B THREADS
100 CONTACTS �#4-40 UNC-2B THREADS
D
B
C
CONFIGURATION FOR 9-25 CONTACTS
2X MOUNTING HOLES
G
H J
F
CONFIGURATION FOR 31-100 CONTACTS
K
L
H
J
PCB MOUNTING HOLES
9-51 CONTACTS .096 DIA. ± .003 (2.44 ± 0.08)
100 CONTACTS .125 DIA. ± .003 (3.18± 0.08)
MATERIALs AND FINIsHEs
Connector Shell
Aluminum Alloy 6061 or Stainless Steel, 300
Series, passivated. See Ordering Info for
Plating Options
Insulator, Tray
Liquid Crystal Polymer (LCP)
Interfacial Seal
Flourosilicone Rubber, Blue
Pin Contact
Beryllium Copper Gold over Nickel Plating
Socket Contact
Copper Alloy Gold Over Nickel Plating
PCB Terminals
Gold Plated Copper Alloy, Solder Dipped
Hardware
300 Series Stainless Steel
Encapsulant
Epoxy Resin Hysol EE4215
PERFoRMANCE sPECIFICATIoNs
Current Rating
3 AMP
DWV
600 VAC Sea level
Insulation Resistance
5000 Megohms Minimum
Contact Resistance
8 Milliohms Maximum
Low Level Contact Resist.
32 Milliohms Maximum
Magnetic Permeability
2 µ Maximum
Operating Temperature
-55° C. to +150° C.
Shock, Vibration
50 g., 20g.
Mating Force
(10 Ounces) X (# of Contacts)
.020 (0.5) ± .002 (0.1)


Similar Part No. - MWDM1L-9SCBRR1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWDM1L-9SCBSNN GLENAIR-MWDM1L-9SCBSNN Datasheet
663Kb / 6P
   Micro-D Printed Circuit Board Connectors
MWDM1L-9SCBSNU GLENAIR-MWDM1L-9SCBSNU Datasheet
663Kb / 6P
   Micro-D Printed Circuit Board Connectors
MWDM1L-9SCBSPN GLENAIR-MWDM1L-9SCBSPN Datasheet
663Kb / 6P
   Micro-D Printed Circuit Board Connectors
MWDM1L-9SCBSRN GLENAIR-MWDM1L-9SCBSRN Datasheet
663Kb / 6P
   Micro-D Printed Circuit Board Connectors
More results

Similar Description - MWDM1L-9SCBRR1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWDM1L-9PBSP GLENAIR-MWDM1L-9PBSP Datasheet
484Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
MWDM1L-9PBRP GLENAIR-MWDM1L-9PBRP Datasheet
477Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
MWDM1L-9PCBSNN GLENAIR-MWDM1L-9PCBSNN Datasheet
663Kb / 6P
   Micro-D Printed Circuit Board Connectors
240-03119PC GLENAIR-240-03119PC Datasheet
201Kb / 4P
   Micro-D Filter Connectors Vertical Printed Circuit Board
240-034-1-9PC GLENAIR-240-034-1-9PC Datasheet
307Kb / 4P
   Micro-D Filter Connectors Right Angle Printed Circuit Board
MWDM2L-15P-4K5-12P GLENAIR-MWDM2L-15P-4K5-12P Datasheet
525Kb / 2P
   Micro-D MWDM Insulated Wire Metal Shell Connectors
MWDM1L-9P-S GLENAIR-MWDM1L-9P-S Datasheet
169Kb / 2P
   Micro-D Metal Shell MWDM Solder Cup Connectors
MWDM1L-100N-S GLENAIR-MWDM1L-100N-S Datasheet
159Kb / 2P
   Micro-D Metal Shell MWDM Solder Cup Connectors
logo
ITT Industries
MDM-9PH003B ITT-MDM-9PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
015-9516-002 ITT-015-9516-002 Datasheet
385Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com