Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA2166 Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # 2SA2166
Description  FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

2SA2166 Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  2SA2166 Datasheet HTML 1Page - Isahaya Electronics Corporation 2SA2166 Datasheet HTML 2Page - Isahaya Electronics Corporation 2SA2166 Datasheet HTML 3Page - Isahaya Electronics Corporation 2SA2166 Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SA2166
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION
SILICON PNP EPITAXIAL TYPE
ISAHAYA ELECTRONICS CORPORATION
DESCRIPTION
ISAHAYA 2SA2166 is a silicon PNP epitaxial type transistor
designed with high collector current, low V
CE(sat).
FEATURE
●High collector current
I
C(MAX)=-500mA
●Low collector to emitter saturation voltage
V
CE(sat)<-0.4Vmax(IC=-150mA、IB=-15mA)
APPLICATION
For switching application, small type motor drive application.
MAXIMUM RATINGS(Ta=25℃)
記 号
定 格 値
単 位
V
CEO
Collector to Emitter voltage
-60
V
V
CBO
Collector to Base voltage
-60
V
V
EBO
Emitter to Base voltage
-5
V
I
C
Collector current
-500
mA
P
C
Collector dissipation
200
mW
T
j
Junction temperature
150
T
stg
Storage temperature
-55~150
ELECTRICAL CHARACTERISTICS(Ta=25℃)
Limits
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
V
(BR)CEO
C to E break down voltage
IC=-1mA、IB=0
-60
V
V
(BR)CBO
C to B break down voltage
IC=-10uA、IE=0
-60
V
V
(BR)EBO
E to B break down voltage
IE=-10uA、IC=0
-5
V
I
CBO
Collector cut off current
VCB=-50V、IE=0
-100
nA
I
EBO
Emitter cut off current
VEB=-3V、IC=0
-100
nA
h
FE
DC forward current gain
IC=-150mA、VCE=-10V
100
300
---
V
CE(sat)
C to E saturation voltage
IC=-150mA、IB=-15mA
-0.4
V
V
BE(sat)
B to E saturation voltage
IC=-150mA、IB=-15mA
-1.3
V
f
T
Gain band width product
IE=50mA、VCE=-20V、f=100MHz
200
MHz
C
ob
Collector output capacitance
VCB=-10V、f=1MHz
8
pF
OUTLINE DRAWING
Unit:mm
0.5
2.5
0.5
1.5
Notice:
The dimension without
tolerance represent central
value.
TERMINAL CONNECTOR
①:BASE
②:EMITTER
③:COLLECTOR
EIAJ:SC-59
JEDEC:TO-236
Resemblance
MARKING
A
W
Type Name


Similar Part No. - 2SA2166

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
2SA2166 ISAHAYA-2SA2166 Datasheet
148Kb / 4P
   FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
2SA2166 ISAHAYA-2SA2166 Datasheet
121Kb / 4P
   FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
2SA2166 ISAHAYA-2SA2166_10 Datasheet
121Kb / 4P
   FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
More results

Similar Description - 2SA2166

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
2SA1945 ISAHAYA-2SA1945 Datasheet
120Kb / 3P
   FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
2SA2166 ISAHAYA-2SA2166 Datasheet
148Kb / 4P
   FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
ISA2166AM1 ISAHAYA-ISA2166AM1 Datasheet
123Kb / 4P
   FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
ISA2188AM1 ISAHAYA-ISA2188AM1 Datasheet
151Kb / 4P
   FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
2SA1366 ISAHAYA-2SA1366 Datasheet
126Kb / 3P
   FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
ISA2188AU1 ISAHAYA-ISA2188AU1 Datasheet
163Kb / 4P
   FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
INA1001AC1 ISAHAYA-INA1001AC1 Datasheet
115Kb / 2P
   FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
ISA1399AS1 ISAHAYA-ISA1399AS1 Datasheet
153Kb / 3P
   FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
2SA2166 ISAHAYA-2SA2166_10 Datasheet
121Kb / 4P
   FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
ISA2166AU1 ISAHAYA-ISA2166AU1 Datasheet
158Kb / 4P
   FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com