Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MWDL-9S-6E2-18 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # MWDL-9S-6E2-18
Description  Micro-D Plastic Shell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MWDL-9S-6E2-18 Datasheet(HTML) 1 Page - Glenair, Inc.

  MWDL-9S-6E2-18 Datasheet HTML 1Page - Glenair, Inc. MWDL-9S-6E2-18 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
K-4
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Micro-D Plastic Shell
Pre-Wired Pigtails, Insulated Wire
Micro-D Pre-Wired Pigtails – These connectors feature gold
plated TwistPin contacts and mil spec crimp termination.
High temperature liquid crystal polymer (LCP) housings
are 30% glass-filled.
Choose the Wire Type and Size To Fit Your Application – If
on-hand availability is most important, choose #26 AWG
Type K mil spec Teflon® wire.
MWD Low-Profile Plastic Micro-D’s are non-environmental
and are smaller and lighter weight than metal shell
versions.
MICRO-D MOUNTING HARDWARE
B
P
M
M1
S
S1
Thru-Hole
Order Hardware
Separately
Jackpost
Removable
Includes Nut and
Washer
Jackscrew
Hex Head
Removable
E-ring
Jackscrew
Hex Head
Removable
E-ring
Extended
Jackscrew
Slot Head
Removable
E-ring
Jackscrew
Slot Head
Removable
E-ring
Extended
HOW TO ORDER MWD PLASTIC SHELL PRE-WIRED MICRO-D CONNECTORS
Series
Contact
Layout
Contact
Type
Wire
Gage
(AWG)
Wire Type
Wire Color
Wire Length
Inches
Hardware
MWDL
MWD Series
(“L” designates
LCP thermoplastic
housing)
9
15
21
25
31
37
51
P – Pin
S – Socket
4 – #24
6 – #26
8 – #28
0 – #30
K – M22759/11
600 Vrms Teflon®
(TFE)
J – M22759/33
600 Vrms
Modified Cross-
Linked Tefzel®
(ETFE)
E – NEMA HP3-EB
600 VrmsType
E M16878/4
(TFE) (replaced
by M22759/11
for mil spec
applications)
1 – White
2 – Yellow
5 – Color-Coded Stripes
Per MIL-STD-681
7 – Ten Color Repeating
18
W
ire Length In Inches.
“18” Specifies 18
Inches.
B
P
M
M1
S
S1
Sample Part Number
MWDL
– 25
S
– 4
K
7
– 18
B


Similar Part No. - MWDL-9S-6E2-18

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWDL-9S-6E2-18B GLENAIR-MWDL-9S-6E2-18B Datasheet
389Kb / 2P
   Micro-D Plastic Shell Pre-Wired Pigtails, Insulated Wire
MWDL-9S-6E2-18M GLENAIR-MWDL-9S-6E2-18M Datasheet
389Kb / 2P
   Micro-D Plastic Shell Pre-Wired Pigtails, Insulated Wire
MWDL-9S-6E2-18M1 GLENAIR-MWDL-9S-6E2-18M1 Datasheet
389Kb / 2P
   Micro-D Plastic Shell Pre-Wired Pigtails, Insulated Wire
MWDL-9S-6E2-18P GLENAIR-MWDL-9S-6E2-18P Datasheet
389Kb / 2P
   Micro-D Plastic Shell Pre-Wired Pigtails, Insulated Wire
MWDL-9S-6E2-18S GLENAIR-MWDL-9S-6E2-18S Datasheet
389Kb / 2P
   Micro-D Plastic Shell Pre-Wired Pigtails, Insulated Wire
More results

Similar Description - MWDL-9S-6E2-18

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDB1-9PH001P ITT-MDB1-9PH001P Datasheet
325Kb / 11P
   Micro-D Plastic Shell - .050 Contact Spacing
logo
Glenair, Inc.
MWDL-9P-4C3 GLENAIR-MWDL-9P-4C3 Datasheet
358Kb / 2P
   Micro-D Plastic Shell Uninsulated Wire Pigtails
MWDL-9PSB GLENAIR-MWDL-9PSB Datasheet
144Kb / 2P
   MWD Series Micro-D Plastic Shell Solder Cup
logo
Ulti-Mate Connector Inc
SD-836788012 ULTI-MATE-SD-836788012 Datasheet
191Kb / 1P
   MICRO-D CIRCUIT CONNECTOR, CB18R51-3S02, PLASTIC SHELL
7/6/20
SD-836778017 ULTI-MATE-SD-836778017 Datasheet
214Kb / 1P
   MICRO-D CIRCUIT CONNECTOR, CB18R51-3P07, PLASTIC SHELL
7/6/20
logo
Glenair, Inc.
MWDL9S-6E5-18B GLENAIR-MWDL9S-6E5-18B Datasheet
389Kb / 2P
   Micro-D Plastic Shell Pre-Wired Pigtails, Insulated Wire
logo
Ulti-Mate Connector Inc
SD-836548012 ULTI-MATE-SD-836548012 Datasheet
151Kb / 1P
   MICRO-D CIRCUIT CONNECTOR, "CPR" SERIES, CP18R25P02, LOW-PROFILE PLASTIC SHELL
3/17/20
SD-834568070 ULTI-MATE-SD-834568070 Datasheet
250Kb / 1P
   LOW-PROFILE MICRO-D CONNECTOR ASSEMBLY, PLASTIC SHELL, PR37P0-26E5-18.0
2/13/19
SD-836828818 ULTI-MATE-SD-836828818 Datasheet
90Kb / 1P
   MICRO-D CIRCUIT CONNECTOR, RECEPTACLE, SIZE 15, STYLE 8, PLASTIC SHELL, CB8R15S07T
10/5/16
SD-834718533 ULTI-MATE-SD-834718533 Datasheet
98Kb / 1P
   MICRO-D CONNECTOR ASSEMBLY, PLASTIC SHELL, HIGH PROFILE JACKPOST BR09P03-26E5-36.0
04/16/2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com