Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

340MS026MH05-501-6 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 340MS026MH05-501-6
Description  Backshells, Boots and Clamps
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

340MS026MH05-501-6 Datasheet(HTML) 1 Page - Glenair, Inc.

  340MS026MH05-501-6 Datasheet HTML 1Page - Glenair, Inc. 340MS026MH05-501-6 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
how to order
Sample Part Number
Sample Part Number
340MS026
340MS026
M
M
G
G
07
07
-4
-4
02
02
-6
-6
Series
Series
Shell Material /
Shell Material /
Finish
Finish
Attachment
Attachment
type
type
Size Code
Size Code
overall Length
overall Length
Attachment Code
Attachment Code
Attachment
Attachment
Length in
Length in
Inches
Inches
340MS026
Shorting Cap
Backshell
C
Aluminum / Black
Anodize
M
Aluminum /
Electroless Nickel
NF
Aluminum /
Cadmium with
Olive Drab
Chromate
ZN
Aluminum / Zinc-
Nickel with Olive
Drab Chromate
ZNU
Aluminum / Zinc-
Nickel with Black
Chromate
Z1
Stainless Steel /
Passivated
G
Nylon Rope
h
SST Wire
Rope, Teflon®
Jacket
N
No
Attachment
S
SST Sash
Chain
SK
Nylon Rope
With Slip Knot
U
SST Wire
Rope,
Polyurethane
Jacket
05 – .2500-32
06 – .3125-32
11 – .3750-32
07 – .4375-28
08 – .5000-28
09 – .5625-24
10 – .6250-24
12 – .6875-24
13 – .7500-20
14 – .9375-24
-4 – .50 (12.7)
-5 – .75 (19.1)
-6 – 1.00 (25.4)
-7 – 1.25 (31.8)
-8 – 1.50 (38.1)
-9 – 1.75 (44.5)
-10 –2.00 (50.8)
-11 –2.25 (57.2)
-12 –2.50 (63.5)
-13 –2.75 (69.9)
-14 –3.00 (76.2)
LENGTH
Omit for attachment
Type N (No Attachment)
Omit for
attachment
Type N (No
Attachment)
example
"-6" equals six
inch length
Small Ring
01 – .126 (3.20) I.D.
02 – .145 (3.68) I.D.
04 – .188 (4.78) I.D.
06 – .197 (5.00) I.D.
Large Ring
14 – .385 (9.78) I.D.
15 – .445 (11.30) I.D.
16 – .570 (14.48) I.D.
17 – .635 (16.13) I.D.
18 – .695 (17.65) I.D.
19 – .885 (22.48) I.D.
20 –1.070 (27.17) I.D.
21 –1.135 (28.83) I.D.
22 –1.210 (30.73) I.D.
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
L-5
e-Mail: sales@glenair.com
A
B
C
d
e
F
G
h
J
K
L
M
Series 80 “Mighty Mouse”
Backshells, Boots and Clamps
Shorting Cap Backshell
Shorting Cap Backshell
Shorting Applications — These caps
are used to cover up exposed wires
on the back of a shorting connector.
Shorting connectors are used to
protect critical circuits from static
discharge.
Plugs can also re-route circuits in
Switching applications. Or, resistors
and active electronics can be installed.
Whatever the application, a shorting
cap is a simple way to cover up the
back end of the connector.
MAterIALS
Cap
Aluminum Alloy 6061-T6 or
300 Series Stainless Steel
O-Ring
Silicone Rubber
Hardware 300 Series Stainless Steel
Rev. 07-AUG-2008


Similar Part No. - 340MS026MH05-501-6

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
340MS026 GLENAIR-340MS026 Datasheet
340Kb / 2P
   Straight Shorting Cap with Attachment
More results

Similar Description - 340MS026MH05-501-6

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
390MS077M0501-5N GLENAIR-390MS077M0501-5N Datasheet
403Kb / 2P
   Backshells, Boots and Clamps
380MS137M0501-5N GLENAIR-380MS137M0501-5N Datasheet
389Kb / 2P
   Backshells, Boots and Clamps
370MS038C0501-5N GLENAIR-370MS038C0501-5N Datasheet
389Kb / 2P
   Backshells, Boots and Clamps
290-003 GLENAIR-290-003 Datasheet
125Kb / 2P
   Strain-Relief Clamps and Environmental Backshells
A0000032348-1 GLENAIR-A0000032348-1 Datasheet
369Kb / 2P
   Backshells and accessories Series 77 heatshrink boots
809-094 GLENAIR-809-094 Datasheet
182Kb / 1P
   Backshells and Accessories
809-035 GLENAIR-809-035 Datasheet
171Kb / 1P
   Backshells and Accessories
809B060 GLENAIR-809B060 Datasheet
191Kb / 1P
   Backshells and Accessories
logo
C&K Components
D-SUB CK-COMPONENTS-D-SUB Datasheet
3Mb / 31P
   Lightweight Backshells and Haloring
logo
List of Unclassifed Man...
8092 ETC2-8092 Datasheet
104Kb / 2P
   CABLE CLAMPS AND TIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com